Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LCD10W Datasheet(PDF) 2 Page - RSG Electronic Components GmbH

Part # LCD10W
Description  10 WATTS DC-DC CONVERTER
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RSG [RSG Electronic Components GmbH]
Direct Link  http://www.rsg-electronic.de
Logo RSG - RSG Electronic Components GmbH

LCD10W Datasheet(HTML) 2 Page - RSG Electronic Components GmbH

  LCD10W Datasheet HTML 1Page - RSG Electronic Components GmbH LCD10W Datasheet HTML 2Page - RSG Electronic Components GmbH LCD10W Datasheet HTML 3Page - RSG Electronic Components GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Page 2 of 3
www.pduke.com
2013/6/7
LCD10W SERIES
10 WATTS
DC-DC CONVERTER
Output Current
Model
Number
Input
Range
Output
Voltage
Min. Load
Full Load
Output
(3)(4)
Ripple & Noise
No Load
(2)
Input Current
Eff
(3)
(%)
Capacitor
(5)
Load max
LCD10-24S3P3W
9 ~ 36 VDC
3.3 VDC
0mA
3000mA
40mVp-p
6mA
85
3500µF
LCD10-24S05W
9 ~ 36 VDC
5 VDC
0mA
2000mA
40mVp-p
6mA
87
2500µF
LCD10-24S12W
9 ~ 36 VDC
12 VDC
0mA
830mA
60mVp-p
6mA
90
430µF
LCD10-24S15W
9 ~ 36 VDC
15 VDC
0mA
670mA
60mVp-p
6mA
91
350µF
LCD10-24S24W
9 ~ 36 VDC
24 VDC
0mA
416mA
60mVp-p
6mA
90
125µF
LCD10-24D05W
9 ~ 36 VDC
± 5 VDC
0mA
± 1000mA
40mVp-p
6mA
87
±1440µF
LCD10-24D12W
9 ~ 36 VDC
± 12 VDC
0mA
± 416mA
60mVp-p
6mA
89
± 250µF
LCD10-24D15W
9 ~ 36 VDC
± 15 VDC
0mA
± 333mA
60mVp-p
6mA
89
± 180µF
LCD10-48S3P3W
18 ~ 75 VDC
3.3 VDC
0mA
3000mA
40mVp-p
4mA
85
3500µF
LCD10-48S05W
18 ~ 75 VDC
5 VDC
0mA
2000mA
40mVp-p
4mA
87
2500µF
LCD10-48S12W
18 ~ 75 VDC
12 VDC
0mA
830mA
60mVp-p
4mA
90
430µF
LCD10-48S15W
18 ~ 75 VDC
15 VDC
0mA
670mA
60mVp-p
4mA
90
350µF
LCD10-48S24W
18 ~ 75 VDC
24 VDC
0mA
416mA
60mVp-p
4mA
90
125µF
LCD10-48D05W
18 ~ 75 VDC
± 5 VDC
0mA
± 1000mA
40mVp-p
4mA
87
±1440µF
LCD10-48D12W
18 ~ 75 VDC
± 12 VDC
0mA
± 416mA
60mVp-p
4mA
89
± 250µF
LCD10-48D15W
18 ~ 75 VDC
± 15 VDC
0mA
± 333mA
60mVp-p
4mA
89
± 180µF
LCD10-48S05W Derating Curve
LCD10-48S05W Derating Curve With Heat-sink
0
20
40
60
80
100
120
-40
-20
0
20
40
60
80
100
120
AMBIENT TEMPERATURE,TA(
℃)
Natural Convection
100LFM
200LFM
300LFM
400LFM
500LFM
0
20
40
60
80
100
120
-40
-20
0
20
40
60
80
100
120
AMBIENT TEMPERATURE,TA(
℃)
Natural Convection
100LFM
200LFM
300LFM
400LFM
500LFM
LCD10-48S05W Efficiency VS Input Voltage
LCD10-48S05W Efficiency VS Output Current
65
70
75
80
85
90
95
18
24
30
36
42
48
54
60
66
72
75
INPUT VOLTAGE(V)
60
65
70
75
80
85
90
10
20
30
40
50
60
70
80
90
100
% of FULL LOAD
Vin= 18V
Vin= 48V
Vin= 75V
Note
1.
BELLCORE TR-NWT-000332. Case 1: 50% Stress, Temperature at 40ºC.
MIL-HDBK-217F Notice2 @Ta=25 ºC, Full load(Ground, Benign, controlled environment)
2.
Typical value at nominal input and no load.
3.
Typical value at nominal input and full load.
4.
The ripple and noise of output voltage 24VDC is measured with a 1µF/50V X7R 1206 MLCC.
The ripple and noise of other output voltage is measured with a 10µF/25V X7R 1206 MLCC .
5.
Test by minimum input and constant resistive load.
6.
Trimming allows the user to increase or decrease the output voltage set point of the module.
This is accomplished by connecting an external resistor between the TRIM pin and either the +OUTPUT pin or the -OUTPUT pin.
7.
The CTRL pin voltage is reference to -INPUT.
The order number please see product standard table.
8.
Heat-sink is optional and P/N:7G-0047C-F.
9.
The LCD10W series standard module meet EN55022 Class A without external components and meet Class B with external components.
For more detail information, please contact with P-DUKE.
10. An external input filter capacitor is required if the module has to meet EN61000-4-4, EN61000-4-5.
The filter capacitor Power Mate suggest: Nippon chemi-con KY series, 220µF/100V.
CAUTION: This power module is not internally fused. An input line fuse must always be used.


Similar Part No. - LCD10W

ManufacturerPart #DatasheetDescription
logo
Power Mate Technology C...
LCD10W P-DUKE-LCD10W_14 Datasheet
445Kb / 4P
   DC-DC CONVERTER
More results

Similar Description - LCD10W

ManufacturerPart #DatasheetDescription
logo
Power Mate Technology C...
FDC10W P-DUKE-FDC10W_14 Datasheet
425Kb / 3P
   10 WATTS DC-DC CONVERTER
logo
Powerbox
MI-J2Z-IJ POWERBOX-MI-J2Z-IJ Datasheet
782Kb / 1P
   10-50 WATTS MILITARY COTS DC/DC CONVERTER
MI-LJ2Z-IJ POWERBOX-MI-LJ2Z-IJ Datasheet
635Kb / 1P
   10-150 WATTS MILITARY COTS DC/DC CONVERTER
logo
Wall Industries,Inc.
DCMJW10 WALL-DCMJW10 Datasheet
395Kb / 6P
   10 Watts DC/DC Converter Single and Dual Outputs
DCMW10 WALL-DCMW10 Datasheet
280Kb / 4P
   10 Watts DC/DC Converter Single and Dual Outputs
DCMK10-HI WALL-DCMK10-HI Datasheet
324Kb / 5P
   10 Watts DC/DC Converter Single and Dual Outputs
logo
Astec America, Inc
AEH40 ASTEC-AEH40 Datasheet
91Kb / 2P
   132 Watts / 48 Watts DC-DC Converter
logo
Wall Industries,Inc.
MRW10 WALL-MRW10 Datasheet
990Kb / 10P
   10 Watts DC/DC Converter Single and Dual Outputs
logo
List of Unclassifed Man...
DR1P5 ETC-DR1P5 Datasheet
175Kb / 2P
   1.5 WATTS DC-DC CONVERTER
VKC03-24D05 ETC-VKC03-24D05 Datasheet
91Kb / 2P
   3 WATTS DC-DC CONVERTER
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com