Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FKC08-24S12W Datasheet(PDF) 2 Page - RSG Electronic Components GmbH

Part # FKC08-24S12W
Description  8 WATTS DC-DC CONVERTER
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RSG [RSG Electronic Components GmbH]
Direct Link  http://www.rsg-electronic.de
Logo RSG - RSG Electronic Components GmbH

FKC08-24S12W Datasheet(HTML) 2 Page - RSG Electronic Components GmbH

  FKC08-24S12W Datasheet HTML 1Page - RSG Electronic Components GmbH FKC08-24S12W Datasheet HTML 2Page - RSG Electronic Components GmbH FKC08-24S12W Datasheet HTML 3Page - RSG Electronic Components GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Page 2 of 3
www.pduke.com
VER: 15
2013/09/13
FKC08W SERIES
8 WATTS
DC-DC CONVERTER
Output Current
No load
(2)
Model
Number
Input
Range
Output
Voltage
Min. Load
Max. Load
Output
(4)
Ripple & Noise
Input Current
Eff
(3)
(%)
Capacitor
(4)
Load max
FKC08-24S3P3W
9 ~ 36 VDC
3.3 VDC
0mA
2400mA
50mVp-p
40mA
85
1330µF
FKC08-24S05W
9 ~ 36 VDC
5 VDC
0mA
1600mA
50mVp-p
40mA
87
1330µF
FKC08-24S12W
9 ~ 36 VDC
12 VDC
0mA
666mA
50mVp-p
25mA
86
288µF
FKC08-24S15W
9 ~ 36 VDC
15 VDC
0mA
533mA
50mVp-p
25mA
86
200µF
FKC08-24D05W
9 ~ 36 VDC
± 5 VDC
0mA
± 800mA
50mVp-p
20mA
84
± 900µF
FKC08-24D12W
9 ~ 36 VDC
± 12 VDC
0mA
± 333mA
50mVp-p
25mA
86
± 133µF
FKC08-24D15W
9 ~ 36 VDC
± 15 VDC
0mA
± 267mA
50mVp-p
25mA
86
± 90µF
FKC08-48S3P3W
18 ~ 75 VDC
3.3 VDC
0mA
2400mA
50mVp-p
20mA
85
1330µF
FKC08-48S05W
18 ~ 75 VDC
5 VDC
0mA
1600mA
50mVp-p
20mA
87
1330µF
FKC08-48S12W
18 ~ 75 VDC
12 VDC
0mA
666mA
50mVp-p
13mA
87
288µF
FKC08-48S15W
18 ~ 75 VDC
15 VDC
0mA
533mA
50mVp-p
13mA
88
200µF
FKC08-48D05W
18 ~ 75 VDC
± 5 VDC
0mA
± 800mA
50mVp-p
10mA
84
± 900µF
FKC08-48D12W
18 ~ 75 VDC
± 12 VDC
0mA
± 333mA
50mVp-p
13mA
87
± 133µF
FKC08-48D15W
18 ~ 75 VDC
± 15 VDC
0mA
± 267mA
50mVp-p
13mA
87
± 90µF
FKC08-110S3P3W
43 ~ 160 VDC
3.3 VDC
0mA
2400mA
75mVp-p
8mA
84
1330µF
FKC08-110S05W
43 ~ 160 VDC
5 VDC
0mA
1600mA
75mVp-p
8mA
85
1330µF
FKC08-110S12W
43 ~ 160 VDC
12 VDC
0mA
666mA
75mVp-p
4mA
86
288µF
FKC08-110S15W
43 ~ 160 VDC
15 VDC
0mA
533mA
75mVp-p
4mA
86
200µF
FKC08-110D05W
43 ~ 160 VDC
± 5 VDC
0mA
± 800mA
75mVp-p
5mA
82
± 900µF
FKC08-110D12W
43 ~ 160 VDC
± 12 VDC
0mA
± 333mA
75mVp-p
5mA
85
± 133µF
FKC08-110D15W
43 ~ 160 VDC
± 15 VDC
0mA
± 267mA
75mVp-p
5mA
85
± 90µF
Note
1.
MIL-HDBK-217F @Ta=25 ºC, Full load.
2.
Typical value at nominal input voltage and no load.
3.
Typical value at nominal input voltage and full load.
4.
Test by minimum input and constant resistive load.
5.
The ON/OFF control pin voltage is referenced to –INPUT.
6.
Operating ambient temperature:
Converter can meet the railway T2 and TX temperature requirement.
T2 : -40 ºC ~ +70 ºC as all models, TX : -40 ºC ~ +85 ºC as power derating to 55% output power.
7.
The FKC08W series standard module meets EN55022 Class A and Class B with external components.
For more detail information, please contact with P-DUKE.
8.
An external input filter capacitor is required if the module has to meet EN61000-4-4, EN61000-4-5.
The filter capacitor Power Mate suggest: : 24Vin/48Vin Nippon chemi-con KY series, 220µF/100V
: 110 Vin Nippon chemi-con KXJ series, 150µF/200V
CAUTION: This power module is not internally fused. An input line fuse must always be used.


Similar Part No. - FKC08-24S12W

ManufacturerPart #DatasheetDescription
logo
Power Mate Technology C...
FKC08-24S12W P-DUKE-FKC08-24S12W Datasheet
302Kb / 3P
   8 WATTS OUTPUT POWER
FKC08-24S12W P-DUKE-FKC08-24S12W Datasheet
596Kb / 4P
   DC-DC CONVERTER
FKC08-24S12W P-DUKE-FKC08-24S12W Datasheet
542Kb / 4P
   4:1 ULTRA WIDE INPUT RANGE UP TO 8 Watts
More results

Similar Description - FKC08-24S12W

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
FKC08 ETC-FKC08 Datasheet
115Kb / 2P
   8 WATTS DC-DC CONVERTER
logo
Astec America, Inc
AEH40 ASTEC-AEH40 Datasheet
91Kb / 2P
   132 Watts / 48 Watts DC-DC Converter
logo
List of Unclassifed Man...
DR1P5 ETC-DR1P5 Datasheet
175Kb / 2P
   1.5 WATTS DC-DC CONVERTER
VKC03-24D05 ETC-VKC03-24D05 Datasheet
91Kb / 2P
   3 WATTS DC-DC CONVERTER
logo
Power Mate Technology C...
FED20 P-DUKE-FED20_14 Datasheet
1Mb / 3P
   20 WATTS DC-DC CONVERTER
QEB50 P-DUKE-QEB50_14 Datasheet
394Kb / 3P
   50 WATTS DC-DC CONVERTER
MKC03 P-DUKE-MKC03_14 Datasheet
1Mb / 3P
   3 WATTS DC-DC CONVERTER
logo
XP Power Limited
RDF50 XPPOWER-RDF50 Datasheet
638Kb / 5P
   DC-DC Converter 50 Watts
RDH600 XPPOWER-RDH600 Datasheet
684Kb / 6P
   DC-DC Converter 600 Watts
logo
RSG Electronic Componen...
LCD10W RSG-LCD10W Datasheet
116Kb / 3P
   10 WATTS DC-DC CONVERTER
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com