Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPP10-12S3P3AB Datasheet(PDF) 4 Page - RSG Electronic Components GmbH

Part # MPP10-12S3P3AB
Description  REINFORCED INSULATION FOR 250VAC WORKING VOLTAGE
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RSG [RSG Electronic Components GmbH]
Direct Link  http://www.rsg-electronic.de
Logo RSG - RSG Electronic Components GmbH

MPP10-12S3P3AB Datasheet(HTML) 4 Page - RSG Electronic Components GmbH

  MPP10-12S3P3AB Datasheet HTML 1Page - RSG Electronic Components GmbH MPP10-12S3P3AB Datasheet HTML 2Page - RSG Electronic Components GmbH MPP10-12S3P3AB Datasheet HTML 3Page - RSG Electronic Components GmbH MPP10-12S3P3AB Datasheet HTML 4Page - RSG Electronic Components GmbH  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
MPP10(W)
Page
of 4
www.pduke.com
2013/7/9
4
CHARACTERISTIC CURVE
MPP10-48S05WA Derating Curve
MPP10-48S05WA Efficiency VS Input Voltage
MPP10-48S05WA Efficiency VS Output Load
MECHANICAL DRAWING
A type Pin connection (Standard)
1.
All dimensions in Inch (mm)
Tolerance:
X.XX
±0.02 (X.X±0.5)
X.XXX
±0.01 (X.XX±0.25)
2.
Pin pitch tolerance
±0.01 (0.25)
3.
Pin dimension tolerance
±0.004 (0.1)
DIP PIN CONNECTION
PIN
SINGLE
DUAL
1
+ INPUT
+ INPUT
11
NO PIN
COMMON
12
-OUTPUT
NO PIN
13
+OUTPUT
-OUTPUT
15
NO PIN
+OUTPUT
23
- INPUT
- INPUT
24
- INPUT
- INPUT
B type Pin connection
**:
The Pin 11 is ”NO PIN” when single output
with Trim option (Suffix: -T).
The Pin 11 is ”NC” when single output
without TRIM pin.
1.
All dimensions in Inch (mm)
Tolerance:
X.XX
±0.02 (X.X±0.5)
X.XXX
±0.01 (X.XX±0.25)
2.
Pin pitch tolerance
±0.01 (0.25)
3.
Pin dimension tolerance
±0.004 (0.1)
DIP PIN CONNECTION
PIN
SINGLE
DUAL
1
CTRL (Option)
CTRL (Option)
2
- INPUT
- INPUT
10
TRIM (Option)
TRIM (Option)
11
NO PIN / NC (
**)
-OUTPUT
14
+OUTPUT
+OUTPUT
16
-OUTPUT
COMMON
22
+INPUT
+INPUT
23
+INPUT
+INPUT


Similar Part No. - MPP10-12S3P3AB

ManufacturerPart #DatasheetDescription
logo
Power Mate Technology C...
MPP10-12S3P3A/B P-DUKE-MPP10-12S3P3A/B Datasheet
479Kb / 5P
   DC-DC CONVERTER
More results

Similar Description - MPP10-12S3P3AB

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
REM3 RECOM-REM3 Datasheet
1Mb / 5P
   Reinforced Insulation for 250VAC Working Voltage
REM6 RECOM-REM6 Datasheet
1Mb / 5P
   Reinforced Insulation for 250VAC Working Voltage
REM10 RECOM-REM10 Datasheet
1Mb / 5P
   Reinforced Insulation for 250VAC Working Voltage
logo
RSG Electronic Componen...
MOP03 RSG-MOP03 Datasheet
193Kb / 4P
   REINFORCED INSULATION FOR 300VAC WORKING VOLTAGE
logo
Total Power Internation...
MIHW1000 TOTAL-POWER-MIHW1000 Datasheet
405Kb / 4P
   Reinforced Insulation rated for 300VAC Working Voltage
MIHW3000 TOTAL-POWER-MIHW3000 Datasheet
756Kb / 4P
   Reinforced Insulation rated for 300VAC Working Voltage
MDHU100 TOTAL-POWER-MDHU100 Datasheet
410Kb / 4P
   Reinforced Insulation rated for 300VAC Working Voltage
MIHW2000 TOTAL-POWER-MIHW2000 Datasheet
418Kb / 4P
   Reinforced Insulation rated for 300VAC Working Voltage
MSHU100 TOTAL-POWER-MSHU100 Datasheet
413Kb / 4P
   Reinforced Insulation rated for 300VAC Working Voltage
logo
Recom International Pow...
REM5E RECOM-REM5E Datasheet
1Mb / 8P
   2MOPP, 250VAC working voltage isolation
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com