Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PFKC05-12S12 Datasheet(PDF) 2 Page - RSG Electronic Components GmbH

Part # PFKC05-12S12
Description  5 WATTS REGULATED OUTPUT POWER
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RSG [RSG Electronic Components GmbH]
Direct Link  http://www.rsg-electronic.de
Logo RSG - RSG Electronic Components GmbH

PFKC05-12S12 Datasheet(HTML) 2 Page - RSG Electronic Components GmbH

  PFKC05-12S12 Datasheet HTML 1Page - RSG Electronic Components GmbH PFKC05-12S12 Datasheet HTML 2Page - RSG Electronic Components GmbH PFKC05-12S12 Datasheet HTML 3Page - RSG Electronic Components GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Page 2 of 3
www.pduke.com
2013/5/3
PFKC05 SERIES
5 WATTS
DC-DC CONVERTER
PFKC05-48S05 Derating Curve
PFKC05-48S05 Efficiency VS Input Voltage
PFKC05-48S05 Efficiency VS Output Current
Output Current
Model
Number
Input
Range
Output
Voltage
Min. load
Full load
Output
(2)
Ripple & Noise
No load
(3)
Input Current
Eff
(4)
(%)
Capacitor
(5)
Load max
PFKC05-12S33
9 ~18 VDC
3.3 VDC
100mA
1000mA
75mVp-p
25mA
72
2200µF
PFKC05-12S05
9 ~18 VDC
5 VDC
100mA
1000mA
75mVp-p
10mA
76
1000µF
PFKC05-12S12
9 ~18 VDC
12 VDC
47mA
470mA
120mVp-p
30mA
80
220µF
PFKC05-12S15
9 ~18 VDC
15 VDC
40mA
400mA
150mVp-p
20mA
80
150µF
PFKC05-12D05
9 ~18 VDC
± 5 VDC
±50mA
± 500mA
75mVp-p
20mA
77
± 680µF
PFKC05-12D12
9 ~18 VDC
± 12 VDC
±20mA
± 230mA
120mVp-p
50mA
80
± 100µF
PFKC05-12D15
9 ~18 VDC
± 15 VDC
±19mA
± 190mA
150mVp-p
30mA
80
± 68µF
PFKC05-24S33
18 ~ 36 VDC
3.3 VDC
100mA
1000mA
75mVp-p
15mA
72
2200µF
PFKC05-24S05
18 ~ 36 VDC
5 VDC
100mA
1000mA
75mVp-p
10mA
79
1000µF
PFKC05-24S12
18 ~36 VDC
12 VDC
47mA
470mA
120mVp-p
10mA
81
220µF
PFKC05-24S15
18 ~ 36 VDC
15 VDC
40mA
400mA
150mVp-p
10mA
81
150µF
PFKC05-24D05
18 ~ 36 VDC
± 5 VDC
±50mA
± 500mA
75mVp-p
10mA
78
± 680µF
PFKC05-24D12
18 ~ 36 VDC
± 12 VDC
±23mA
± 230mA
120mVp-p
40mA
81
± 100µF
PFKC05-24D15
18 ~ 36 VDC
± 15 VDC
±19mA
± 190mA
150mVp-p
10mA
81
± 68µF
PFKC05-48S33
36 ~ 75 VDC
3.3 VDC
100mA
1000mA
75mVp-p
5mA
73
2200µF
PFKC05-48S05
36 ~ 75 VDC
5 VDC
100mA
1000mA
75mVp-p
5mA
78
1000µF
PFKC05-48S12
36 ~ 75 VDC
12 VDC
47mA
470mA
120mVp-p
5mA
81
220µF
PFKC05-48S15
36 ~ 75 VDC
15 VDC
40mA
400mA
150mVp-p
5mA
81
150µF
PFKC05-48D05
36 ~ 75 VDC
± 5 VDC
±50mA
± 500mA
75mVp-p
10mA
77
± 680µF
PFKC05-48D12
36 ~ 75 VDC
± 12 VDC
±23mA
± 230mA
120mVp-p
10mA
81
± 100µF
PFKC05-48D15
36 ~75 VDC
± 15 VDC
±19mA
± 190mA
150mVp-p
10mA
81
± 68µF
Note
1. BELLCORE TR-NWT-000332. Case 1: 50% Stress, Temperature at 40ºC.
MIL-HDBK-217F Notice2 @Ta=25 ºC, Full load(Ground, Benign, controlled environment).
2. Typical value at nominal input and full load. (20MHz BW.)
3. Typical value at nominal input and no load.
4. Typical value at nominal input and full load.
5. Test by minimum input and constant resistive load.
6. An external input filter capacitor is required if the module has to meet EN61000-4-4, EN61000-4-5.
The filter capacitor Power Mate suggest: Nippon chemi-con KY series, 220µF/100V.
7. The output requires a minimum loading on the output to maintain specified regulation. Operation under no-load condition will not damage these devices,
however they may not meet all listed specification.
CAUTION: This power module is not internally fused. An input line fuse must always be used.


Similar Part No. - PFKC05-12S12

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PFKC05-12S12 ETC1-PFKC05-12S12 Datasheet
97Kb / 2P
   5 WATTS REGULATED OUTPUT POWER / STANDARD 24 PIN DIP PACKAGE & SMD TYPE PACKAGE
logo
Power Mate Technology C...
PFKC05-12S12 P-DUKE-PFKC05-12S12 Datasheet
235Kb / 3P
   5 WATTS REGULATED OUTPUT POWER
PFKC05-12S12 P-DUKE-PFKC05-12S12 Datasheet
1Mb / 3P
   5 WATTS DC-DC CONVERTER
More results

Similar Description - PFKC05-12S12

ManufacturerPart #DatasheetDescription
logo
Power Mate Technology C...
PFKC05-12S33 P-DUKE-PFKC05-12S33 Datasheet
235Kb / 3P
   5 WATTS REGULATED OUTPUT POWER
logo
RSG Electronic Componen...
VKC03 RSG-VKC03 Datasheet
111Kb / 2P
   3 WATTS REGULATED OUTPUT POWER
logo
Power Mate Technology C...
DR1P5-05S05 P-DUKE-DR1P5-05S05 Datasheet
212Kb / 3P
   1.5 WATTS REGULATED OUTPUT POWER
logo
List of Unclassifed Man...
PFKC03 ETC1-PFKC03 Datasheet
99Kb / 2P
   3 WATTS REGULATED OUTPUT POWER
logo
Power Mate Technology C...
MKC03-12S33 P-DUKE-MKC03-12S33 Datasheet
308Kb / 3P
   3 WATTS REGULATED OUTPUT POWER
logo
RSG Electronic Componen...
FKC03 RSG-FKC03 Datasheet
144Kb / 3P
   3 WATTS REGULATED OUTPUT POWER
logo
Power Mate Technology C...
PMKC03-05S33 P-DUKE-PMKC03-05S33 Datasheet
239Kb / 3P
   3 WATTS REGULATED OUTPUT POWER
FKC03-12S33 P-DUKE-FKC03-12S33 Datasheet
236Kb / 3P
   3 WATTS REGULATED OUTPUT POWER
logo
List of Unclassifed Man...
YKC03 ETC1-YKC03 Datasheet
93Kb / 2P
   3 WATTS REGULATED OUTPUT POWER
logo
Power Mate Technology C...
PFKC03-05S33 P-DUKE-PFKC03-05S33 Datasheet
255Kb / 3P
   3 WATTS REGULATED OUTPUT POWER
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com