Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PDL06-24D05W Datasheet(PDF) 2 Page - RSG Electronic Components GmbH

Part # PDL06-24D05W
Description  4:1 ULTRA WIDE INPUT RANGE
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RSG [RSG Electronic Components GmbH]
Direct Link  http://www.rsg-electronic.de
Logo RSG - RSG Electronic Components GmbH

PDL06-24D05W Datasheet(HTML) 2 Page - RSG Electronic Components GmbH

  PDL06-24D05W Datasheet HTML 1Page - RSG Electronic Components GmbH PDL06-24D05W Datasheet HTML 2Page - RSG Electronic Components GmbH PDL06-24D05W Datasheet HTML 3Page - RSG Electronic Components GmbH PDL06-24D05W Datasheet HTML 4Page - RSG Electronic Components GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
PDL06W
Page 1 of 4
www.pduke.com
2013/06/26
OUTPUT SPECIFICATIONS
Parameter
Conditions
Min.
Typ.
Max.
Unit
Voltage accuracy
-1.0
+1.0
%
Line regulation
Low Line to High Line at Full Load
-0.2
+0.2
%
Load regulation
No Load to Full Load
Single
Dual
-0.5
-1.0
+0.5
+1.0
%
Cross regulation
Asymmetrical load 25%/100% FL
Dual
-5.0
+5.0
%
Ripple and noise
Measured by 20MHz bandwidth
3.3Vout
5Vout ,
9Vout
12Vout, 15Vout
24Vout
50
75
100
100
mVp-p
Temperature coefficient
-0.02
+0.02
%/
ºC
Transient response recovery time
25% load step change
250
µ
s
Over load protection
% of Iout rated; Hiccup mode
180
%
Short circuit protection
Continuous, automatics recovery
GENERAL SPECIFICATIONS
Parameter
Conditions
Min.
Typ.
Max.
Unit
Isolation voltage
1 minute
Input to Output
Input (Output) to Case
Standard Type
Suffix ”H”
Suffix ”M”
Suffix ”M”
1600
3000
1600
1000
VDC
Isolation resistance
500VDC
1
G
Isolation capacitance
Standard Type
Suffix ”H”
Suffix ”M”
50
50
50
pF
Switching frequency
522
580
638
kHz
Design meet safety standard
IEC60950-1, UL60950-1, EN60950-1
Case material
Standard Type
Suffix ”H”
Suffix ”M”
Non-conductive black plastic
Non-conductive black plastic
Copper
Base material
None
Potting material
Silicon (UL94-V0)
Dimensions
0.86 X 0.36 X 0.44 Inch
(21.8 X 9.1 X 11.2 mm)
Weight
Standard Type
Suffix ”H”
Suffix ”M”
4.8g (0.17oz)
4.8g (0.17oz)
5.9g (0.21oz)
BELLCORE TR-NWT-000332 Case 1: 50% Stress, Ta= 40
℃.
MTBF
MIL-HDBK-217F Ta=25
℃, Full
load (G/B, controlled environment)
Standard Type
Suffix ”H”
Suffix ”M”
3.381 x 10
6 hrs
8.408 x 10
5 hrs
8.408 x 10
5 hrs
9.404 x 10
5 hrs
INPUT SPECIFICATIONS
Parameter
Conditions
Min.
Typ.
Max.
Unit
Operating input voltage range
24Vin(nom)
48Vin(nom)
9
18
24
48
36
75
VDC
Start up time
Constant resistive load
Power up
Remote ON/OFF
30
30
ms
Input surge voltage
1 second, max.
24Vin(nom)
48Vin(nom)
50
100
VDC
Input reflected ripple current
24Vin(nom)
48Vin(nom)
20
40
mAp-p
Input filter
Capacitor type
DC-DC ON
Open or high impedance
Remote ON/OFF
Referenced to –INPUT pin and
CTRL pin applied current
DC-DC OFF
2.0
3.0
4.0
mA
Remote off input current
2.5
mA


Similar Part No. - PDL06-24D05W

ManufacturerPart #DatasheetDescription
logo
Power Mate Technology C...
PDL06-24D05W P-DUKE-PDL06-24D05W Datasheet
461Kb / 4P
   DC-DC CONVERTER
PDL06-24D05W P-DUKE-PDL06-24D05W Datasheet
988Kb / 4P
   4:1 ULTRA WIDE INPUT RANGE UP TO 6 Watts
More results

Similar Description - PDL06-24D05W

ManufacturerPart #DatasheetDescription
logo
Total Power Internation...
MKW2600 TOTAL-POWER-MKW2600_17 Datasheet
740Kb / 4P
   Ultra-wide 4:1 Input Range
logo
Wall Industries,Inc.
RGUW3 WALL-RGUW3 Datasheet
362Kb / 6P
   4:1 Ultra Wide Input Voltage Range
RBA30 WALL-RBA30 Datasheet
1Mb / 10P
   Ultra Wide 4:1 Input Voltage Range
logo
Recom International Pow...
RP180H-RW RECOM-RP180H-RW Datasheet
1Mb / 15P
   4:1 Wide Input Range
RP120Q-RW RECOM-RP120Q-RW Datasheet
2Mb / 15P
   4:1 Wide Input Range
RP75H-RW RECOM-RP75H-RW Datasheet
2Mb / 15P
   4:1 Wide Input Range
RP90Q-RW RECOM-RP90Q-RW Datasheet
2Mb / 15P
   4:1 Wide Input Range
RP100H-RW RECOM-RP100H-RW Datasheet
2Mb / 15P
   4:1 Wide Input Range
RP240H-RW RECOM-RP240H-RW Datasheet
2Mb / 15P
   4:1 Wide Input Range
logo
Power Mate Technology C...
SDH01W P-DUKE-SDH01W_15 Datasheet
652Kb / 3P
   4:1 ULTRA WIDE INPUT RANGE UP TO 1.08WATTS
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com