Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LCD10-48S05 Datasheet(PDF) 2 Page - RSG Electronic Components GmbH

Part # LCD10-48S05
Description  LCD10
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RSG [RSG Electronic Components GmbH]
Direct Link  http://www.rsg-electronic.de
Logo RSG - RSG Electronic Components GmbH

LCD10-48S05 Datasheet(HTML) 2 Page - RSG Electronic Components GmbH

  LCD10-48S05 Datasheet HTML 1Page - RSG Electronic Components GmbH LCD10-48S05 Datasheet HTML 2Page - RSG Electronic Components GmbH LCD10-48S05 Datasheet HTML 3Page - RSG Electronic Components GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Page 2 of 3
www.pduke.com
2013/6/7
LCD10 SERIES
10 WATTS
DC-DC CONVERTER
Output Current
Model
Number
Input
Range
Output
Voltage
Min. Load
Full Load
Output
(3)(4)
Ripple & Noise
No Load
(2)
Input Current
Eff
(3)
(%)
Capacitor
(5)
Load max
LCD10-12S3P3
9 ~ 18 VDC
3.3 VDC
0mA
3000mA
40mVp-p
10mA
83
3500µF
LCD10-12S05
9 ~ 18 VDC
5 VDC
0mA
2000mA
40mVp-p
10mA
86
2500µF
LCD10-12S12
9 ~ 18 VDC
12 VDC
0mA
830mA
60mVp-p
10mA
89
430µF
LCD10-12S15
9 ~ 18 VDC
15 VDC
0mA
670mA
60mVp-p
10mA
90
350µF
LCD10-12S24
9 ~ 18 VDC
24 VDC
0mA
416mA
60mVp-p
10mA
91
125µF
LCD10-12D05
9 ~ 18 VDC
± 5 VDC
0mA
± 1000mA
40mVp-p
10mA
86
±1440µF
LCD10-12D12
9 ~ 18 VDC
± 12 VDC
0mA
± 416mA
60mVp-p
10mA
89
± 250µF
LCD10-12D15
9 ~ 18 VDC
± 15 VDC
0mA
± 333mA
60mVp-p
10mA
90
± 180µF
LCD10-24S3P3
18 ~ 36 VDC
3.3 VDC
0mA
3000mA
40mVp-p
6mA
85
3500µF
LCD10-24S05
18 ~ 36 VDC
5 VDC
0mA
2000mA
40mVp-p
6mA
86
2500µF
LCD10-24S12
18 ~ 36 VDC
12 VDC
0mA
830mA
60mVp-p
6mA
91
430µF
LCD10-24S15
18 ~ 36 VDC
15 VDC
0mA
670mA
60mVp-p
6mA
90
350µF
LCD10-24S24
18 ~ 36 VDC
24 VDC
0mA
416mA
60mVp-p
6mA
91
125µF
LCD10-24D05
18 ~ 36 VDC
± 5 VDC
0mA
± 1000mA
40mVp-p
6mA
86
±1440µF
LCD10-24D12
18 ~ 36 VDC
± 12 VDC
0mA
± 416mA
60mVp-p
6mA
90
± 250µF
LCD10-24D15
18 ~ 36 VDC
± 15 VDC
0mA
± 333mA
60mVp-p
6mA
90
± 180µF
LCD10-48S3P3
36 ~ 75 VDC
3.3 VDC
0mA
3000mA
40mVp-p
4mA
85
3500µF
LCD10-48S05
36 ~ 75 VDC
5 VDC
0mA
2000mA
40mVp-p
4mA
87
2500µF
LCD10-48S12
36 - 75 VDC
12 VDC
0mA
830mA
60mVp-p
4mA
90
430µF
LCD10-48S15
36 ~ 75 VDC
15 VDC
0mA
670mA
60mVp-p
4mA
90
350µF
LCD10-48S24
36 ~ 75 VDC
24 VDC
0mA
416mA
60mVp-p
4mA
91
125µF
LCD10-48D05
36 ~ 75 VDC
± 5 VDC
0mA
± 1000mA
40mVp-p
4mA
87
±1440µF
LCD10-48D12
36 ~ 75 VDC
± 12 VDC
0mA
± 416mA
60mVp-p
4mA
91
± 250µF
LCD10-48D15
36 ~ 75 VDC
± 15 VDC
0mA
± 333mA
60mVp-p
4mA
90
± 180µF
LCD10-48S05 Derating Curve
LCD10-48S05 Derating Curve With Heat-sink
0
20
40
60
80
100
120
-40
-20
0
20
40
60
80
100
120
AMBIENT TEMPERATURE,TA(
℃)
Natural Convection
100LFM
200LFM
300LFM
400LFM
500LFM
0
20
40
60
80
100
120
-40
-20
0
20
40
60
80
100
120
AMBIENT TEMPERATURE,TA(
℃)
Natural Convection
100LFM
200LFM
300LFM
400LFM
500LFM
LCD10-48S05 Efficiency VS Input Voltage
LCD10-48S05 Efficiency VS Output Current
69
73
77
81
85
89
93
36
40
44
48
52
56
60
64
68
72
75
INPUT VOLTAGE(V)
69
73
77
81
85
89
93
10
20
30
40
50
60
70
80
90
100
% of FULL LOAD
Vin= 36V
Vin= 48V
Vin= 75V
Note
1.
BELLCORE TR-NWT-000332. Case 1: 50% Stress, Temperature at 40ºC.
MIL-HDBK-217F Notice2 @Ta=25 ºC, Full load(Ground, Benign, controlled environment)
2.
Typical value at nominal input and no load.
3.
Typical value at nominal input and full load.
4.
The ripple and noise of output voltage 24VDC is measured with a 1µF/50V X7R 1206 MLCC.
The ripple and noise of other output voltage is measured with a 10µF/25V X7R 1206 MLCC.
5.
Test by minimum input and constant resistive load.
6.
Trimming allows the user to increase or decrease the output voltage set point of the module. This is accomplished by connecting an external resistor
between the TRIM pin and either the +VOUT pin or the -VOUT pin.
7.
The CTRL pin voltage is reference to -INPUT.
The order number please see product standard table.
8.
Heat-sink is optional and P/N:7G-0047C-F.
9.
The LCD10 series standard module meet EN55022 Class A without external components and meet Class B with external components.
For more detail information, please contact with P-DUKE.
10. An external input filter capacitor is required if the module has to meet EN61000-4-4, EN61000-4-5.
The filter capacitor Power Mate suggest: Nippon chemi-con KY series, 220µF /100V.
CAUTION: This power module is not internally fused. An input line fuse must always be used.


Similar Part No. - LCD10-48S05

ManufacturerPart #DatasheetDescription
logo
Power Mate Technology C...
LCD10-48S05 P-DUKE-LCD10-48S05 Datasheet
450Kb / 4P
   DC-DC CONVERTER
logo
RSG Electronic Componen...
LCD10-48S05W RSG-LCD10-48S05W Datasheet
116Kb / 3P
   10 WATTS DC-DC CONVERTER
logo
Power Mate Technology C...
LCD10-48S05W P-DUKE-LCD10-48S05W Datasheet
445Kb / 4P
   DC-DC CONVERTER
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com