Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PFKC03-12S15 Datasheet(PDF) 2 Page - RSG Electronic Components GmbH

Part # PFKC03-12S15
Description  3 WATTS DC-DC CONVERTER
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RSG [RSG Electronic Components GmbH]
Direct Link  http://www.rsg-electronic.de
Logo RSG - RSG Electronic Components GmbH

PFKC03-12S15 Datasheet(HTML) 2 Page - RSG Electronic Components GmbH

  PFKC03-12S15 Datasheet HTML 1Page - RSG Electronic Components GmbH PFKC03-12S15 Datasheet HTML 2Page - RSG Electronic Components GmbH PFKC03-12S15 Datasheet HTML 3Page - RSG Electronic Components GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Page 2 of 3
www.pduke.com
2013/5/3
PFKC03 SERIES
3 WATTS
DC-DC CONVERTER
PFKC03-48S05 Derating Curve
Output Current
Model
Number
Input
Range
Output
Voltage
Min. load Full load
Output
(2)
Ripple & Noise
No load
(3)
Input Current
Eff
(4)
(%)
Capacitor
(5)
Load max
PFKC03-05S33
4.5 ~ 6 VDC
3.3 VDC
60mA
600mA
75mVp-p
20mA
66
2200µF
PFKC03-05S05
4.5 ~ 6 VDC
5 VDC
60mA
600mA
75mVp-p
20mA
70
1000µF
PFKC03-05S12
4.5 ~ 6 VDC
12 VDC
25mA
250mA
120mVp-p
35mA
76
170µF
PFKC03-05S15
4.5 ~ 6 VDC
15 VDC
20mA
200mA
150mVp-p
35mA
75
110µF
PFKC03-05D05
4.5 ~ 6 VDC
± 5 VDC
±30mA
± 300mA
75mVp-p
20mA
74
± 500µF
PFKC03-05D12
4.5 ~ 6 VDC
± 12 VDC
±12mA
± 125mA
120mVp-p
25mA
75
± 96µF
PFKC03-05D15
4.5 ~ 6 VDC
± 15 VDC
±10mA
± 100mA
150mVp-p
55mA
73
± 47µF
PFKC03-12S33
9 ~ 18 VDC
3.3 VDC
60mA
600mA
75mVp-p
10mA
70
2200µF
PFKC03-12S05
9 ~ 18 VDC
5 VDC
60mA
600mA
75mVp-p
10mA
75
1000µF
PFKC03-12S12
9 ~ 18 VDC
12 VDC
25mA
250mA
120mVp-p
15mA
79
170µF
PFKC03-12S15
9 ~ 18 VDC
15 VDC
20mA
200mA
150mVp-p
15mA
77
110µF
PFKC03-12D05
9 ~ 18 VDC
± 5 VDC
±30mA
± 300mA
75mVp-p
15mA
76
± 500µF
PFKC03-12D12
9 ~ 18 VDC
± 12 VDC
±12mA
± 125mA
120mVp-p
20mA
78
± 96µF
PFKC03-12D15
9 ~ 18 VDC
± 15 VDC
±10mA
± 100mA
150mVp-p
25mA
79
± 47µF
PFKC03-24S33
18 ~ 36 VDC
3.3 VDC
60mA
600mA
75mVp-p
10mA
71
2200µF
PFKC03-24S05
18 ~ 36 VDC
5 VDC
60mA
600mA
75mVp-p
10mA
76
1000µF
PFKC03-24S12
18 ~ 36 VDC
12 VDC
25mA
250mA
120mVp-p
10mA
80
170µF
PFKC03-24S15
18 ~ 36 VDC
15 VDC
20mA
200mA
150mVp-p
10mA
80
110µF
PFKC03-24D05
18 ~ 36 VDC
± 5 VDC
±30mA
± 300mA
75mVp-p
10mA
77
± 500µF
PFKC03-24D12
18 ~ 36 VDC
± 12 VDC
±12mA
± 125mA
120mVp-p
10mA
79
± 96µF
PFKC03-24D15
18 ~ 36 VDC
± 15 VDC
±10mA
± 100mA
150mVp-p
10mA
79
± 47µF
PFKC03-48S33
36 ~ 75 VDC
3.3 VDC
60mA
600mA
75mVp-p
5mA
72
2200µF
PFKC03-48S05
36 ~ 75 VDC
5 VDC
60mA
600mA
75mVp-p
5mA
75
1000µF
PFKC03-48S12
36 ~75 VDC
12 VDC
25mA
250mA
120mVp-p
5mA
79
170µF
PFKC03-48S15
36 ~ 75 VDC
15 VDC
20mA
200mA
150mVp-p
5mA
79
110µF
PFKC03-48D05
36 ~ 75 VDC
± 5 VDC
±30mA
± 300mA
75mVp-p
5mA
77
± 500µF
PFKC03-48D12
36 ~ 75 VDC
± 12 VDC
±12mA
± 125mA
120mVp-p
5mA
79
± 96µF
PFKC03-48D15
36 ~ 75 VDC
± 15 VDC
±10mA
± 100mA
150mVp-p
5mA
79
± 47µF
Note
1.
BELLCORE TR-NWT-000332. Case 1: 50% Stress, Temperature at 40ºC.
MIL-HDBK-217F Notice2 @Ta=25 ºC, Full load(Ground, Benign, controlled environment).
2.
Typical value at nominal input and full load. (20MHz BW.)
3.
Typical value at nominal input and no load.
4.
Typical value at nominal input and full load.
5.
Test by minimum input and constant resistive load.
6.
An external input filter capacitor is required if the module has to meet EN61000-4-4, EN61000-4-5.
The filter capacitor Power Mate suggest: Nippon chemi-con KY series, 220µF/100V.
7.
The output requires a minimum loading on the output to maintain specified regulation. Operation under no-load condition will not damage these devices,
however they may not meet all listed specification.
CAUTION: This power module is not internally fused. An input line fuse must always be used.


Similar Part No. - PFKC03-12S15

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PFKC03-12S15 ETC1-PFKC03-12S15 Datasheet
99Kb / 2P
   3 WATTS REGULATED OUTPUT POWER
logo
Power Mate Technology C...
PFKC03-12S15 P-DUKE-PFKC03-12S15 Datasheet
255Kb / 3P
   3 WATTS REGULATED OUTPUT POWER
PFKC03-12S15 P-DUKE-PFKC03-12S15 Datasheet
682Kb / 3P
   3 WATTS DC-DC CONVERTER
More results

Similar Description - PFKC03-12S15

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
VKC03-24D05 ETC-VKC03-24D05 Datasheet
91Kb / 2P
   3 WATTS DC-DC CONVERTER
logo
Power Mate Technology C...
MKC03 P-DUKE-MKC03_14 Datasheet
1Mb / 3P
   3 WATTS DC-DC CONVERTER
logo
RSG Electronic Componen...
PDL03 RSG-PDL03 Datasheet
179Kb / 3P
   3 WATTS DC-DC CONVERTER
TEM03 RSG-TEM03 Datasheet
173Kb / 3P
   3 WATTS DC-DC CONVERTER
MKC03 RSG-MKC03 Datasheet
170Kb / 3P
   3 WATTS DC-DC CONVERTER
logo
Power Mate Technology C...
PFKC03 P-DUKE-PFKC03_14 Datasheet
682Kb / 3P
   3 WATTS DC-DC CONVERTER
PMKC03 P-DUKE-PMKC03_14 Datasheet
1Mb / 3P
   3 WATTS DC-DC CONVERTER
logo
RSG Electronic Componen...
PDS03 RSG-PDS03 Datasheet
181Kb / 3P
   3 WATTS DC-DC CONVERTER
PDL03W RSG-PDL03W Datasheet
153Kb / 3P
   3 WATTS DC-DC CONVERTER
PMKC03 RSG-PMKC03 Datasheet
245Kb / 3P
   3 WATTS DC-DC CONVERTER
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com