Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPP10-48D05AB Datasheet(PDF) 3 Page - RSG Electronic Components GmbH

Part # MPP10-48D05AB
Description  REINFORCED INSULATION FOR 250VAC WORKING VOLTAGE
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RSG [RSG Electronic Components GmbH]
Direct Link  http://www.rsg-electronic.de
Logo RSG - RSG Electronic Components GmbH

MPP10-48D05AB Datasheet(HTML) 3 Page - RSG Electronic Components GmbH

  MPP10-48D05AB Datasheet HTML 1Page - RSG Electronic Components GmbH MPP10-48D05AB Datasheet HTML 2Page - RSG Electronic Components GmbH MPP10-48D05AB Datasheet HTML 3Page - RSG Electronic Components GmbH MPP10-48D05AB Datasheet HTML 4Page - RSG Electronic Components GmbH  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
MPP10(W)
Page
of 4
www.pduke.com
2013/7/9
3
OUTPUT SPECIFICATIONS
Parameter
Conditions
Min.
Typ.
Max.
Unit
Voltage accuracy
-1.0
+1.0
%
Line regulation
Low Line to High Line at Full Load
Single
Dual
-0.2
-0.5
+0.2
+0.5
%
Load regulation
No Load to Full Load
Single
Dual
-0.2
-1.0
+0.2
+1.0
%
Cross regulation
Asymmetrical load 25%/100% FL
Dual
-5.0
+5.0
%
Single output
3.3Vout, 5Vout, 12Vout
15Vout, 24Vout
-10
-10
+10
+20
%
Voltage adjustability
(Only for B-type Pin connection option)
Dual output
±5Vout, ±12Vout, ±15Vout
-10
+10
%
Ripple and noise
Measured by 20MHz bandwidth
With a 10µF/25V X7R MLCC
With a 4.7µF/50V X7R MLCC
3.3Vout, 5Vout
12Vout, 15Vout
24Vout
30
40
50
mVp-p
Temperature coefficient
-0.02
+0.02
%/ºC
Transient response recovery time
25% load step change
250
µ
s
Over voltage protection
Continuous clamp
3.3Vout
5Vout
12Vout
15Vout
24Vout
3.7
5.6
13.5
18.3
29.1
5.4
7.0
19.6
22.0
32.5
VDC
Over load protection
% of Iout rated; Hiccup mode
150
%
Short circuit protection
Continuous, automatics recovery
GENERAL SPECIFICATIONS
Parameter
Conditions
Min.
Typ.
Max.
Unit
Isolation voltage
1 minute
Input to Output
5000
VAC
Isolation capacitance
12
17
pF
Leakage current
240VAC,60Hz
2
µ
A
Switching frequency
270
300
330
kHz
Clearance/Creepage
8
mm
Design meet safety standard
ANSI/AAMI ES60601-1
IEC60601-1, EN60601-1
Case material
Non-conductive black plastic
Base material
Non-conductive black plastic
Potting material
Silicon (UL94-V0)
Dimensions
1.25 X 0.80 X 0.40 Inch
(31.8×20.3×10.2 mm)
Weight
14g (0.48oz)
MTBF
MIL-HDBK-217F Ta=25ºC, Full load (G/B, controlled environment)
8.638 x 10
5 hrs
ENVIRONMENTAL SPECIFICATIONS
Parameter
Conditions
Min.
Typ.
Max.
Unit
Without derating
,
-40
+77
ºC
Operating ambient temperature
With derating
+77
+105
ºC
Storage temperature range
-55
+125
ºC
Thermal impedance
Natural convection (20LFM)
18
ºC/W
Thermal shock
MIL-STD-810F
Vibration
MIL-STD-810F
Relative humidity
5% to 95% RH
EMC SPECIFICATIONS
Parameter
Conditions
Level
EMI (1)
EN55011,EN55022 and FCC Part 18
Class A, Class B
ESD
EN61000-4-2
Air ± 8kV
Contact ± 6kV
Perf. Criteria A
Radiated immunity
EN61000-4-3
10 V/m
Perf. Criteria A
Fast transient (2)
EN61000-4-4
± 2kV
Perf. Criteria A
Surge (2)
EN61000-4-5
± 2kV
Perf. Criteria A
Conducted immunity
EN61000-4-6
10 Vr.m.s
Perf. Criteria A
Note:
1.
The MPP10(W) series can meet EMI Class A with no external filter. And Class B only with external components.
For more detail information, please contact with P-DUKE.
2.
An external input filter capacitor is required if the module has to meet EN61000-4-4, EN61000-4-5.
The MPP10-05S
recommended an aluminum electrolytic capacitor (Nippon Chemi-con KY series, 1000µF/25V).
And a reverse diode (Vishay V10P45) to connect in parallel.
The MPP10-12&24S
recommended an aluminum electrolytic capacitor (Nippon Chemi-con KY series, 470µF/50V).
The MPP10-48S
recommended an aluminum electrolytic capacitor (Nippon Chemi-con KY series, 330µF/100V).
CAUTION: This power module is not internally fused. An input line fuse must always be used.


Similar Part No. - MPP10-48D05AB

ManufacturerPart #DatasheetDescription
logo
Power Mate Technology C...
MPP10-48D05A/B P-DUKE-MPP10-48D05A/B Datasheet
479Kb / 5P
   DC-DC CONVERTER
More results

Similar Description - MPP10-48D05AB

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
REM3 RECOM-REM3 Datasheet
1Mb / 5P
   Reinforced Insulation for 250VAC Working Voltage
REM6 RECOM-REM6 Datasheet
1Mb / 5P
   Reinforced Insulation for 250VAC Working Voltage
REM10 RECOM-REM10 Datasheet
1Mb / 5P
   Reinforced Insulation for 250VAC Working Voltage
logo
RSG Electronic Componen...
MOP03 RSG-MOP03 Datasheet
193Kb / 4P
   REINFORCED INSULATION FOR 300VAC WORKING VOLTAGE
logo
Total Power Internation...
MIHW1000 TOTAL-POWER-MIHW1000 Datasheet
405Kb / 4P
   Reinforced Insulation rated for 300VAC Working Voltage
MIHW3000 TOTAL-POWER-MIHW3000 Datasheet
756Kb / 4P
   Reinforced Insulation rated for 300VAC Working Voltage
MDHU100 TOTAL-POWER-MDHU100 Datasheet
410Kb / 4P
   Reinforced Insulation rated for 300VAC Working Voltage
MIHW2000 TOTAL-POWER-MIHW2000 Datasheet
418Kb / 4P
   Reinforced Insulation rated for 300VAC Working Voltage
MSHU100 TOTAL-POWER-MSHU100 Datasheet
413Kb / 4P
   Reinforced Insulation rated for 300VAC Working Voltage
logo
Recom International Pow...
REM5E RECOM-REM5E Datasheet
1Mb / 8P
   2MOPP, 250VAC working voltage isolation
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com