Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PMKC03-24D12 Datasheet(PDF) 1 Page - RSG Electronic Components GmbH

Part # PMKC03-24D12
Description  3 WATTS DC-DC CONVERTER
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RSG [RSG Electronic Components GmbH]
Direct Link  http://www.rsg-electronic.de
Logo RSG - RSG Electronic Components GmbH

PMKC03-24D12 Datasheet(HTML) 1 Page - RSG Electronic Components GmbH

  PMKC03-24D12 Datasheet HTML 1Page - RSG Electronic Components GmbH PMKC03-24D12 Datasheet HTML 2Page - RSG Electronic Components GmbH PMKC03-24D12 Datasheet HTML 3Page - RSG Electronic Components GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Page 1 of 3
www.pduke.com
2013/5/3
PMKC03 SERIES
3 WATTS
DC-DC CONVERTER
OUTPUT SPECIFICATIONS
Output power
3 Watts, max.
Voltage accuracy
± 1%
Minimum load (Note 7)
See table
Line regulation
LL to HL at Full Load
DS
± 0.2%
± 0.5%
Load regulation
Min Load to Full Load
Single
Dual
DS
3.3Vout
Others
± 0.3%
± 0.2%
± 2%
± 2%
Cross regulation (Dual) Asymmetrical load 25% / 100% FL
± 5%
Ripple and noise
20MHz bandwidth
See table
Temperature coefficient
±0.02% / ºC, max.
Transient response recovery time 25% load step change
500µs
Over load protection
% of FL at nominal input
180%
Short circuit protection
Continuous, automatics recovery
GENERAL SPECIFICATIONS
Efficiency
See table
Isolation voltage
Input to Output
DS Type, Output to Output
1600VDC, min. 1minute
500VDC, min. 1minute
Isolation resistance
500VDC
10
9
ohms, min.
Isolation capacitance
300pF, max.
Switching frequency
100kHz, min.
Design meet safety standard
IEC60950-1, UL60950-1, EN60950-1
Case material
Non-conductive black plastic
Base material
Non-conductive black plastic
Potting material
Epoxy (UL94-V0)
Dimensions
1.25 X 0.80 X 0.40 Inch
(31.8 X 20.3 X 10.2 mm)
Weight
DIP
SMD
14g (0.48oz)
15g (0.52oz)
MTBF (Note 1)
BELLCORE TR-NWT-000332
MIL-HDBK-217F
3.706 x 10
6 hrs
3.018 x 10
6 hrs
INPUT SPECIFICATIONS
Input voltage range
5VDC nominal input
12VDC nominal input
24VDC nominal input
48VDC nominal input
4.5 ~ 6VDC
9 ~ 18VDC
18~ 36VDC
36 ~75VDC
Input filter
Pi type
Input surge voltage
5VDC input
12VDC input
24VDC input
48VDC input
18VDC 100ms, max.
36VDC 100ms, max.
50VDC 100ms, max.
100VDC 100ms, max.
Input reflected ripple current
120mAp-p
Start up time
Nominal input and
constant resistive load
Power up
30ms
ENVIRONMENTAL SPECIFICATIONS
Operating ambient temperature
-25ºC ~ +71ºC(non derating)
Storage temperature range
-55ºC ~ +125ºC
Thermal shock
MIL-STD-810F
Vibration
MIL-STD-810F
Relative humidity
5% to 95% RH
EMC CHARACTERISTICS
EMI
EN55022
Class A
ESD
EN61000-4-2
Air
Contact
± 8kV
± 6kV
Perf. Criteria A
Radiated immunity
EN61000-4-3
10 V/m Perf. Criteria A
Fast transient (Note 6)
EN61000-4-4
± 2kV Perf. Criteria B
Surge (Note 6)
EN61000-4-5
± 1kV Perf. Criteria B
Conducted immunity
EN61000-4-6
10 Vr.m.s Perf. Criteria A
T E C H N I C A L S P E C I F I C A T I O N All specifications are typical at nominal input, full load and 25ºC otherwise noted
FEATURES
3 WATTS REGULATED OUTPUT POWER
OUTPUT CURRENT UP TO 600mA
STANDARD 1.25 X 0.80X 0.40 INCH
HIGH EFFICIENCY UP TO 80%
2:1 WIDE INPUT VOLTAGE RANGE
SWITCHING FREQUENCY (100kHz, MIN)
INCLUDE 3.3VDC OUTPUT
STANDARD 24 PIN DIP PACKAGE & SMD TYPE PACKAGE
DUAL SEPARATE OUTPUT
CE MARK MEETS 2006/95/EC, 2011/95/EC AND 2004/108/EC
SAFETY MEETS UL60950-1, EN60950-1 AND IEC60950-1
ISO9001 CERTIFIED MANUFACTURING FACILITIES
COMPLIANT TO RoHS EU DIRECTIVE 2011/65/EU
OPTIONS
SMD TYPE
DESCRIPTION
The PMKC03 series offer 3 watts of output power from a package in an IC
compatible 24pin DIP configuration without derating to 71ºC ambient
temperature. PMKC03 series have 2:1 wide input voltage of 4.5~6, 9~18,
18~36 and 36~75VDC.
APPLICATIONS
Wireless Network
Telecom/Datacom
Industry Control System
Measurement Equipment
Semiconductor Equipment


Similar Part No. - PMKC03-24D12

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PMKC03-24D12 ETC1-PMKC03-24D12 Datasheet
124Kb / 3P
   3 Watts of Output Power From a Package
logo
Power Mate Technology C...
PMKC03-24D12 P-DUKE-PMKC03-24D12 Datasheet
239Kb / 3P
   3 WATTS REGULATED OUTPUT POWER
PMKC03-24D12 P-DUKE-PMKC03-24D12 Datasheet
1Mb / 3P
   3 WATTS DC-DC CONVERTER
More results

Similar Description - PMKC03-24D12

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
VKC03-24D05 ETC-VKC03-24D05 Datasheet
91Kb / 2P
   3 WATTS DC-DC CONVERTER
logo
Power Mate Technology C...
MKC03 P-DUKE-MKC03_14 Datasheet
1Mb / 3P
   3 WATTS DC-DC CONVERTER
logo
RSG Electronic Componen...
PDL03 RSG-PDL03 Datasheet
179Kb / 3P
   3 WATTS DC-DC CONVERTER
TEM03 RSG-TEM03 Datasheet
173Kb / 3P
   3 WATTS DC-DC CONVERTER
PFKC03 RSG-PFKC03 Datasheet
174Kb / 3P
   3 WATTS DC-DC CONVERTER
MKC03 RSG-MKC03 Datasheet
170Kb / 3P
   3 WATTS DC-DC CONVERTER
logo
Power Mate Technology C...
PFKC03 P-DUKE-PFKC03_14 Datasheet
682Kb / 3P
   3 WATTS DC-DC CONVERTER
PMKC03 P-DUKE-PMKC03_14 Datasheet
1Mb / 3P
   3 WATTS DC-DC CONVERTER
logo
RSG Electronic Componen...
PDS03 RSG-PDS03 Datasheet
181Kb / 3P
   3 WATTS DC-DC CONVERTER
PDL03W RSG-PDL03W Datasheet
153Kb / 3P
   3 WATTS DC-DC CONVERTER
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com