Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RR4-4812S10A1 Datasheet(PDF) 1 Page - RSG Electronic Components GmbH

Part # RR4-4812S10A1
Description  10 Watt 2:1 regulated single & dual output
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RSG [RSG Electronic Components GmbH]
Direct Link  http://www.rsg-electronic.de
Logo RSG - RSG Electronic Components GmbH

RR4-4812S10A1 Datasheet(HTML) 1 Page - RSG Electronic Components GmbH

  RR4-4812S10A1 Datasheet HTML 1Page - RSG Electronic Components GmbH RR4-4812S10A1 Datasheet HTML 2Page - RSG Electronic Components GmbH RR4-4812S10A1 Datasheet HTML 3Page - RSG Electronic Components GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
RR4-S10/D10
10 Watt 2:1 regulated
single & dual output
ABSOLUTE MAXIMUM RATINGS (7)
DIP24, wide 2:1 input range
Full SMD technology
1500 VDC isolation
Continuous short circuit protection
Efficiency up to 90%
-40°C~85°C operation temperature range
High power density: 10W in DIL-24 package
Output Voltage accuracy
± 1%
Maximum Output current
see table
Line regulation
± 0.5%
Load regulation (From 10% to 100% Load) (1)
± 0.5%
(Output 3.3 V Model) (1)
± 0.7%
Cross regulation (dual output) (2)
± 5.0%
Over current protection (of FL typ.)
150%
Ripple & Noise (3)
75 mV pk-pk
Over voltage protection
2.5V output
3.9V
(Zener diode clamp)
3.3V output
3.9V
5V output
6.2V
12V output
15V
15V output
18V
± 12V output
± 15V
± 15V output
± 18V
Short circuit protection
Indefinite (hiccup)
(Automatic recovery)
Temperature coefficient
± 0.02%/°C
Capacitor load (4)
See table
Transient recovery time (5)
200us typ.
Transient response deviation (5)
± 3% max.
Voltage range
See table
Start up time (Nom. Vin and constant resistive load) 20ms typ.
Input current No-Load (typ.)
See table
Input current Full-Load (max.)
See table
Input filter
PI Type
Input reflected ripple current, typ. (6)
20mA pk-pk
INPUT SPECIFICATIONS
Efficiency
See table
I/O isolation voltage Input / output (3 sec.)
1500 VDC
Metal case / input & output
1000 VDC
I/O isolation capacitance
1000 pF typ.
I/O isolation resistance
1000 M Ohm
Switching frequency
typ. 330 kHz
Humidity
95% rel. H
Reliability calculated MTBF (MIL-HDBK-217F)
> 1 Mhrs.
Safety standard (designed to meet)
IEC 60950
GENERAL SPECIFICATIONS
These are stress ratings. Exposure of devices to any of these
conditions may adversely affect long-term reliability.
Input voltage (100 mS)
12 modes
-0.7 ~ 25 VDC
24 modes
-0.7 ~ 50 VDC
48 modes
-0.7 ~ 100 VDC
Lead soldering temperature
260°C
(1.5 mm from case 10 sec.)
All specifications typical at Ta = 25°C, nominal input voltage and full load
unless otherwise specified.
The information and specifications contained in this data sheet are believed
to be correct at time of publication. However, we accept no responsibility
for consequences arising from printing errors or inaccuracies.
Subject to change without notice.
The models listed are just for standard type. If you need a
special specification product, please contact our service.
Phone: +49 69 984047-0, mail to: info@rsg-electronic.de
or use the forms on www.rsg-electronic.de („Kontakt“).
Page: 1/3
Last update: 12.02.09
EMC CHARACTERISTICS
Radiated Emissions
EN55022
Class A
Conducted Emissions (8)
EN55022
Class A
ESD
EN61000-4-2
Perf. crit. B
RS
EN61000-4-3
Perf. crit. A
EFT
EN61000-4-4
Perf. crit. B
Surge (9)
EN61000-4-5
Perf. crit. B
CS
EN61000-4-6
Perf. crit. A
PFMF
EN61000-4-8
Perf. crit. A
Case material
Nickel-coated copper
Pin material
Ø 0.5 mm brass solder-coated
Potting material
Epoxy (UL94V-0 rated)
Weight
17 g
Dimensions
1.25“x0.8“x0.4“
PHYSICAL SPECIFICATIONS
Operating temperature (See derating curve)
-40°C~ 85°C
Operating temperature (for 100% load)
-40°C~ 60°C
Maximum case temperature
100°C
Storage temperature
-40°C~125°C
Cooling
Nature convection
ENVIRONMENTAL SPECIFICATIONS
OUTPUT SPECIFICATIONS


Similar Part No. - RR4-4812S10A1

ManufacturerPart #DatasheetDescription
logo
RSG Electronic Componen...
RR4-4812S10A1 RSG-RR4-4812S10A1 Datasheet
636Kb / 4P
   DC/DC-Converter
More results

Similar Description - RR4-4812S10A1

ManufacturerPart #DatasheetDescription
logo
RSG Electronic Componen...
RR2-S03-D03 RSG-RR2-S03-D03 Datasheet
117Kb / 3P
   3 Watt 2:1 regulated single & dual output
RR4-S06-D06 RSG-RR4-S06-D06 Datasheet
177Kb / 3P
   6 Watt 2:1 regulated single & dual output
RS5-R30-RD30 RSG-RS5-R30-RD30 Datasheet
163Kb / 4P
   3.0 Watt 2:1 regulated single & dual output
RR2-S05-D05-D RSG-RR2-S05-D05-D Datasheet
177Kb / 3P
   5 Watt 2:1 regulated single & dual output
RR3-S03-D03 RSG-RR3-S03-D03 Datasheet
148Kb / 3P
   3 Watt 2:1 regulated single & dual output
RR4-S05-D05 RSG-RR4-S05-D05 Datasheet
168Kb / 3P
   5 Watt 2:1 regulated single & dual output
RV1-S10-D10 RSG-RV1-S10-D10 Datasheet
142Kb / 4P
   10 Watt regulated single & dual output
logo
Recom International Pow...
REC10-123.3SRW RECOM-REC10-123.3SRW Datasheet
82Kb / 2P
   10 Watt 1??x 2??Single & Dual Output
logo
RSG Electronic Componen...
RR7-S05-D05 RSG-RR7-S05-D05 Datasheet
131Kb / 3P
   5 Watt 4:1 regulated single & dual output
RR5-S05-D05 RSG-RR5-S05-D05 Datasheet
206Kb / 3P
   5.0 Watt 4:1 regulated single & dual output
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com