Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RV1-1205D10A1 Datasheet(PDF) 1 Page - RSG Electronic Components GmbH

Part # RV1-1205D10A1
Description  10 Watt regulated single & dual output
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RSG [RSG Electronic Components GmbH]
Direct Link  http://www.rsg-electronic.de
Logo RSG - RSG Electronic Components GmbH

RV1-1205D10A1 Datasheet(HTML) 1 Page - RSG Electronic Components GmbH

  RV1-1205D10A1 Datasheet HTML 1Page - RSG Electronic Components GmbH RV1-1205D10A1 Datasheet HTML 2Page - RSG Electronic Components GmbH RV1-1205D10A1 Datasheet HTML 3Page - RSG Electronic Components GmbH RV1-1205D10A1 Datasheet HTML 4Page - RSG Electronic Components GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
OUTPUT SPECIFICATIONS
RV1-S10/D10
10 Watt regulated
single & dual output
ABSOLUTE MAXIMUM RATINGS (4)
1) Ripple / Noise measured with 20 MHz bandwith.
2) Tested by minimal Vin and constant resistive load.
3) Measured input reflected ripple current with a simulated
source inductance of 12uH.
4) Exceeding the absolute ratings of the unit could cause
damage. It is not allowed for continuous operating.
5) Operation under no-load conditions will not damage
these devices. However they may not meet all listed
specifications.
6) Add external input filters to meet conducted emissions
(EN55022 class A)
The models listed are just for standard type. If you need a
special specification product, please contact our service.
Phone: +49 69 984047-0, mail to: info@rsg-electronic.de
or use the forms on www.rsg-electronic.de („Kontakt“).
2"x1" package, wide 2:1 input range
Full SMD technology
1500 VDC isolation
Continuous short circuit protection
Efficiency up to 86%
-40°C~85°C operation temperature range
EMI complies with EN55022 class A
Voltage accuracy
± 1%
Line regulation
± 0.5%
Load regulation (From 10% to 100% Load)
± 0.5%
Ripple & Noise (20 MHz bandwith) (1)
100 mV pk-pk
Over current protection (of max. Io)
140%
Short circuit protection
Indefinite (automatic recovery)
Temperature coefficient
± 0.02%/°C
Capacitor load (2)
See table
Voltage range
See table
Start up time (nom. Vin and constant resistive load)
20ms typ
Max. input current
See table
No-load input current
See table
Input filter
Capacitors
Input reflected ripple current (3)
35 mA pk-pk
INPUT SPECIFICATIONS
Efficiency
See table
I/O isolation voltage (3 sec.)
Input / output
1500 VDC
Metal case / input & output
1000 VDC
I/O isolation capacitance
500 pF typ.
I/O isolation resistance
1000 M Ohm
Switching frequency
typ. 200 kHz
Humidity
95% rel. H
Reliability calculated MTBF (MIL-HDBK-217F)
> 1.121 Mhrs.
Safety standard (designed to meet)
IEC 60950-1:2001
GENERAL SPECIFICATIONS
Case material
Nickel-coated brass
Pin material
Ø 1.0 mm brass solder-coated
Potting material
Epoxy (UL94V-0 rated)
Weight
30 g
Dimensions
2“x1“x 0.4“
PHYSICAL SPECIFICATIONS
NOTE
Page: 1/4
Last update: 12.02.09
EMC CHARACTERISTICS
Radiated Emissions
EN55022
Class A
FCC 47 CFR
Part 15 Subpart B Class A
ESD
EN61000-4-2
Perf. crit. B
RS
EN61000-4-3
Perf. crit. A
Operating temperature
-40°C~ 85°C (See derating curve)
Maximum case temperature
100°C
Storage temperature
-40°C~125°C
Cooling
Nature convection
ENVIRONMENT SPECIFICATIONS
These are stress ratings. Exposure of devices to any of these
conditions may adversely affect long-term reliability.
Input voltage (100 mS)
12 modes
-0.7 ~ 24 VDC
24 modes
-0.7 ~ 40 VDC
48 modes
-0.7 ~ 80 VDC
Lead soldering temperature
260°C
(1.5 mm from case 10 sec.)
All specifications typical at Ta = 25°C, nominal input voltage and full load
unless otherwise specified.
The information and specifications contained in this data sheet are believed
to be correct at time of publication. However, we accept no responsibility
for consequences arising from printing errors or inaccuracies.
Subject to change without notice.


Similar Part No. - RV1-1205D10A1

ManufacturerPart #DatasheetDescription
logo
Stackpole Electronics, ...
RV101K05 SEI-RV101K05 Datasheet
3Mb / 27P
   Standard and High Energy Metal Oxide Varistor
2/14/2022
RV101K05AC-HE SEI-RV101K05AC-HE Datasheet
3Mb / 27P
   Standard and High Energy Metal Oxide Varistor
2/14/2022
RV101K05AD-HE SEI-RV101K05AD-HE Datasheet
3Mb / 27P
   Standard and High Energy Metal Oxide Varistor
2/14/2022
RV101K05AS-HE SEI-RV101K05AS-HE Datasheet
3Mb / 27P
   Standard and High Energy Metal Oxide Varistor
2/14/2022
RV101K05AV-HE SEI-RV101K05AV-HE Datasheet
3Mb / 27P
   Standard and High Energy Metal Oxide Varistor
2/14/2022
More results

Similar Description - RV1-1205D10A1

ManufacturerPart #DatasheetDescription
logo
RSG Electronic Componen...
RR4-S10-D10 RSG-RR4-S10-D10 Datasheet
185Kb / 3P
   10 Watt 2:1 regulated single & dual output
RR2-S04-D04 RSG-RR2-S04-D04 Datasheet
112Kb / 3P
   4 Watt regulated single & dual output
logo
Recom International Pow...
RP10-AW RECOM-RP10-AW Datasheet
521Kb / 7P
   10 Watt Single & Dual Output
RP10-E RECOM-RP10-E Datasheet
593Kb / 7P
   10 Watt Single & Dual Output
REC10-M RECOM-REC10-M Datasheet
105Kb / 2P
   10 Watt Single & Dual Output
RAC10-S-DC-277 RECOM-RAC10-S-DC-277 Datasheet
106Kb / 4P
   10 Watt Single / Dual Output
RP10-A RECOM-RP10-A Datasheet
524Kb / 7P
   10 Watt Single & Dual Output
RP10-EW RECOM-RP10-EW Datasheet
495Kb / 7P
   10 Watt Single & Dual Output
RAC10-3.3SA RECOM-RAC10-3.3SA Datasheet
87Kb / 2P
   10 Watt Single & Dual Output
RAC10-S-DA RECOM-RAC10-S-DA Datasheet
87Kb / 2P
   10 Watt Single/Dual Output
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com