Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OPA3692 Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # OPA3692
Description  Wideband, Voltage-Feedback OPERATIONAL AMPLIFIER with Disable
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA3692 Datasheet(HTML) 11 Page - Texas Instruments

Back Button OPA3692 Datasheet HTML 7Page - Texas Instruments OPA3692 Datasheet HTML 8Page - Texas Instruments OPA3692 Datasheet HTML 9Page - Texas Instruments OPA3692 Datasheet HTML 10Page - Texas Instruments OPA3692 Datasheet HTML 11Page - Texas Instruments OPA3692 Datasheet HTML 12Page - Texas Instruments OPA3692 Datasheet HTML 13Page - Texas Instruments OPA3692 Datasheet HTML 14Page - Texas Instruments OPA3692 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 37 page
background image
5
4
3
2
1
0
1
2
3
4
5
-
-
-
-
-
10
8
6
4
2
0
2
4
6
8
10
-
-
-
-
-
Time(10ns/div)
InputVoltage
OutputVoltage
OPA690
www.ti.com
SBOS223F – DECEMBER 2001 – REVISED FEBRUARY 2010
TYPICAL CHARACTERISTICS: VS = ±5V (continued)
At TA = +25°C, G = +2, RF = 402Ω, and RL = 100Ω (see Figure 36 for ac performance only), unless otherwise noted.
NONINVERTING
OVERDRIVE RECOVERY
Figure 25.
Copyright © 2001–2010, Texas Instruments Incorporated
11
Product Folder Link(s): OPA690


Similar Part No. - OPA3692

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA3692 TI-OPA3692 Datasheet
410Kb / 22P
[Old version datasheet]   Wideband, Voltage Feedback OPERATIONAL AMPLIFIER With Disable
OPA3692 TI-OPA3692 Datasheet
410Kb / 23P
[Old version datasheet]   Wideband, Current Feedback OPERATIONAL AMPLIFIER With Disable
logo
Burr-Brown (TI)
OPA3692 BURR-BROWN-OPA3692 Datasheet
487Kb / 30P
   Dual, Wideband, Voltage-Feedback OPERATIONAL AMPLIFIER with Disable
OPA3692 BURR-BROWN-OPA3692 Datasheet
438Kb / 25P
   Triple Wideband, Current-Feedback OPERATIONAL AMPLIFIER With Disable
OPA3692 BURR-BROWN-OPA3692 Datasheet
469Kb / 26P
   Low-Power, Triple Current-Feedback OPERATIONAL AMPLIFIER With Disable
More results

Similar Description - OPA3692

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA690 TI-OPA690 Datasheet
410Kb / 22P
[Old version datasheet]   Wideband, Voltage Feedback OPERATIONAL AMPLIFIER With Disable
logo
Burr-Brown (TI)
OPA2680 BURR-BROWN-OPA2680 Datasheet
204Kb / 21P
   Dual Wideband, Voltage Feedback OPERATIONAL AMPLIFIER With Disable
OPA3680 BURR-BROWN-OPA3680 Datasheet
225Kb / 21P
   Triple, Wideband, Voltage-Feedback OPERATIONAL AMPLIFIER With Disable
OPA680 BURR-BROWN-OPA680 Datasheet
235Kb / 21P
   Wideband, Voltage Feedback OPERATIONAL AMPLIFIER With Disable TM
logo
Texas Instruments
OPA3690ID TI-OPA3690ID Datasheet
1Mb / 39P
[Old version datasheet]   Triple, Wideband, Voltage-Feedback OPERATIONAL AMPLIFIER with Disable
logo
Burr-Brown (TI)
OPA2690 BURR-BROWN-OPA2690 Datasheet
487Kb / 30P
   Dual, Wideband, Voltage-Feedback OPERATIONAL AMPLIFIER with Disable
logo
Texas Instruments
OPA2680 TI1-OPA2680 Datasheet
217Kb / 22P
[Old version datasheet]   Dual Wideband, Voltage Feedback OPERATIONAL AMPLIFIER With Disable
OPA2890 TI-OPA2890_08 Datasheet
815Kb / 35P
[Old version datasheet]   Low-Power, Wideband, Voltage-Feedback OPERATIONAL AMPLIFIER with Disable
logo
Burr-Brown (TI)
OPA890 BURR-BROWN-OPA890 Datasheet
901Kb / 32P
   Low-Power, Wideband, Voltage-Feedback OPERATIONAL AMPLIFIER with Disable
OPA681 BURR-BROWN-OPA681 Datasheet
241Kb / 21P
   Wideband, Current Feedback OPERATIONAL AMPLIFIER With Disable
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com