Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RS6-1212R30AX Datasheet(PDF) 2 Page - RSG Electronic Components GmbH

Part # RS6-1212R30AX
Description  3.0 Watt regulated single output
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RSG [RSG Electronic Components GmbH]
Direct Link  http://www.rsg-electronic.de
Logo RSG - RSG Electronic Components GmbH

RS6-1212R30AX Datasheet(HTML) 2 Page - RSG Electronic Components GmbH

  RS6-1212R30AX Datasheet HTML 1Page - RSG Electronic Components GmbH RS6-1212R30AX Datasheet HTML 2Page - RSG Electronic Components GmbH RS6-1212R30AX Datasheet HTML 3Page - RSG Electronic Components GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
RS6-R30
3.0 Watt regulated
single output
DERATING CURVE
Model Number
Input
Input current (mA)
Output
Output current
Efficiency
Capacitor
Range VDC
No Load / Full Load
VDC
Full Load (mA)
@FL (%)
Load (HF)
RS6-0503R30AX
5
100 / 748
3.3
600
53
470
RS6-0505R30AX
5
100 / 968
5
600
62
470
RS6-0507R30AX
5
100 / 938
7.2
416
64
470
RS6-0509R30AX
5
100 / 896
9
333
67
470
RS6-0512R30AX
5
100 / 858
12
250
70
470
RS6-0515R30AX
5
100 / 883
15
200
68
470
RS6-0518R30AX
5
120 / 938
18
166
64
470
RS6-0524R30AX
5
120 / 938
24
125
64
470
RS6-1203R30AX
12
60 / 300
3.3
600
55
470
RS6-1205R30AX
12
60 / 417
5
600
60
470
RS6-1207R30AX
12
60 / 397
7.2
416
63
470
RS6-1209R30AX
12
60 / 374
9
333
67
470
RS6-1212R30AX
12
60 / 363
12
250
69
470
RS6-1215R30AX
12
60 / 358
15
200
70
470
RS6-1218R30AX
12
60 / 391
18
166
64
470
RS6-1224R30AX
12
60 / 368
24
125
68
470
RS6-2403R30AX
24
30 / 153
3.3
600
54
470
RS6-2405R30AX
24
30 / 205
5
600
61
470
RS6-2407R30AX
24
30 / 198
7.2
416
63
470
RS6-2409R30AX
24
30 / 193
9
333
65
470
RS6-2412R30AX
24
30 / 179
12
250
70
470
RS6-2415R30AX
24
30 / 176
15
200
71
470
RS6-2418R30AX
24
30 / 181
18
166
69
470
RS6-2424R30AX
24
30 / 176
24
125
71
470
MODEL SELECTION GUIDE
Page: 2/3
Last update: 18.02.09
NUMBER STRUCTURE
Isolation
1=1.0 kVDC
3=3.0 kVDC
Power
30=3.0W
Output
03=3.3V
05=5V
07=7.2V
09=9V
12=12V
15=15V
18=18V
24=24V
Code
internal
Type
R=Single
regulated
Input
05=5V
12=12V
24=24V
Name/Package
RS6=SIL12
RS6 -
XX
XX
R
30
A
X


Similar Part No. - RS6-1212R30AX

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
RS6-1212D RECOM-RS6-1212D Datasheet
402Kb / 7P
   Highest Power Density In SIP Package
RS6-1212S RECOM-RS6-1212S Datasheet
402Kb / 7P
   Highest Power Density In SIP Package
More results

Similar Description - RS6-1212R30AX

ManufacturerPart #DatasheetDescription
logo
RSG Electronic Componen...
RR5-S03-D03 RSG-RR5-S03-D03 Datasheet
211Kb / 4P
   3.0 Watt 4:1 regulated single & dual output
RS5-R30-RD30 RSG-RS5-R30-RD30 Datasheet
163Kb / 4P
   3.0 Watt 2:1 regulated single & dual output
RV1-S10-D10 RSG-RV1-S10-D10 Datasheet
142Kb / 4P
   10 Watt regulated single & dual output
RR2-S04-D04 RSG-RR2-S04-D04 Datasheet
112Kb / 3P
   4 Watt regulated single & dual output
RR6-S03-D03 RSG-RR6-S03-D03 Datasheet
143Kb / 3P
   3.0 Watt 4:1 regulated
logo
List of Unclassifed Man...
W15 ETC1-W15 Datasheet
88Kb / 2P
   15 Watt - Single Output Regulated Power Supplies
WP12 ETC1-WP12 Datasheet
79Kb / 1P
   12 Watt Single Output Regulated Power Supplies
logo
RSG Electronic Componen...
RR2-S03-D03 RSG-RR2-S03-D03 Datasheet
117Kb / 3P
   3 Watt 2:1 regulated single & dual output
RR7-S05-D05 RSG-RR7-S05-D05 Datasheet
131Kb / 3P
   5 Watt 4:1 regulated single & dual output
RR4-S06-D06 RSG-RR4-S06-D06 Datasheet
177Kb / 3P
   6 Watt 2:1 regulated single & dual output
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com