Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VKC03-48S05 Datasheet(PDF) 1 Page - RSG Electronic Components GmbH

Part # VKC03-48S05
Description  3 WATTS REGULATED OUTPUT POWER
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RSG [RSG Electronic Components GmbH]
Direct Link  http://www.rsg-electronic.de
Logo RSG - RSG Electronic Components GmbH

VKC03-48S05 Datasheet(HTML) 1 Page - RSG Electronic Components GmbH

  VKC03-48S05 Datasheet HTML 1Page - RSG Electronic Components GmbH VKC03-48S05 Datasheet HTML 2Page - RSG Electronic Components GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
VER:06
Page 1 of 2
Issued Date
:2011/12/23
OUTPUT SPECIFICATIONS
Output power
3 Watts, max.
Voltage accuracy
± 1%
Minimum load (Note 1)
10% of FL
Line regulation
LL to HL at Full Load
± 0.2%
Load regulation
25% to 100% FL
Single
Dual
± 0.2%
± 1%
Cross regulation
Asymmetrical load 25% / 100% FL
± 5%
Ripple and noise
20MHz bandwidth
50mVp-p
Temperature coefficient
±0.02% / ºC, max.
Transient response recovery time 25% load step change
200µS
Over load protection
% of FL at nominal input
180%
Short circuit protection
Continuous, automatics recovery
INPUT SPECIFICATIONS
Input voltage range
24VDC nominal input (Note 2)
48VDC nominal input
9 ~ 36VDC
18 ~ 75VDC
Input filter
Pi type
Input surge voltage
24VDC input
48VDC input
50VDC 100mS, max.
100VDC 100mS, max.
Input reflected ripple (Note 3)
20mAp-p
Start up time
Nominal input and constant resistor load
350mS
Remote ON/OFF (Note 4)
(Positive logic)
Remote off input current
DC-DC ON
DC-DC OFF
Nominal input
Open or 3.5V < Vr < 12V
Short or 0V < Vr < 1.2V
2.5mA
GENERAL SPECIFICATIONS
Efficiency
See table
Isolation voltage
Input to Output
Input(Output) to Case
DIP
SMD
1600VDC, min. 1minute
1600VDC, min. 1minute
1000VDC, min. 1minute
Isolation resistance
10
9
ohms, min.
Isolation capacitance
300pF, max.
Switching frequency
300KHz±10%
Approvals and standard
IEC60950-1, UL60950-1, EN60950-1
Case material
Nickel-coated copper
Base material
Non-conductive black plastic
Potting material
Epoxy (UL94-V0)
Dimensions
1.25 X 0.80 X 0.40 Inch
(31.8 X 20.3 X 10.2 mm)
Weight
DIP
SMD
16g (0.55oz)
18g (0.62oz)
MTBF (Note 5)
2.941 x 10
6 hrs
ENVIRONMENTAL SPECIFICATIONS
Operating ambient temperature
-25ºC ~ +85ºC (with derating)
Operating case temperature
100ºC
Storage temperature range
-55ºC ~ +105ºC
Thermal impedance
Nature convection
20ºC/Watt
Thermal shock
MIL-STD-810F
Vibration
MIL-STD-810F
Relative humidity
5% to 95% RH
EMC CHARACTERISTICS
EMI
EN55022
Class A
ESD
EN61000-4-2
Air
Contact
± 8KV
± 6KV Perf. Criteria B
Radiated immunity
EN61000-4-3
10 V/m
Perf. Criteria A
Fast transient
EN61000-4-4
± 2KV Perf. Criteria B
Surge
EN61000-4-5
± 1KV Perf. Criteria B
Conducted immunity
EN61000-4-6
10 Vr.m.s Perf. Criteria A
The VKC03 offers 3 watts of output power from a package in an IC compatible 24pin DIP
configuration. VKC03 series have 4:1 wide input voltage of 9~36 and 18~75VDC. The
VKC03 features 1600VDC of isolation, short-circuit protection and as well as five sided
shielding. All models are particularly suited to telecommunications, industrial, mobile
telecom and test equipment applications.
T E C H N I C A L S P E C I F I C A T I O N All specifications are typical at nominal input, full load and 25ºC otherwise noted
50
60
70
80
90 100
-40 -25
0
-10
25
50
75
100
0
AMBIENT TEMPERATURE (ºC)
VKC03-48S05 Derating Curve
Nature convection
M1 Version
3 WATTS REGULATED OUTPUT POWER
4:1 WIDE INPUT VOLTAGE RANGE
UL60950-1, EN60950-1 AND IEC60950-1 LICENSED
FIVE-SIDED SHIELD
HIGH EFFICIENCY UP TO 78%
STANDARD 24 PIN DIP PACKAGE & SMD TYPE PACKAGE
OVER CURRENT PROTECTION
APPLICATIONS
Wireless Network
Telecom/Datacom
Industry Control System
Measurement Equipment
Semiconductor Equipment


Similar Part No. - VKC03-48S05

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
VKC03-48S05 ETC-VKC03-48S05 Datasheet
91Kb / 2P
   3 WATTS DC-DC CONVERTER
VKC03-48S05 ETC2-VKC03-48S05 Datasheet
272Kb / 3P
   Isolated and Regulated 3 WATT Modular DC/DC Converters
logo
Astrodyne Corporation
VKC03-48S05 ASTRODYNE-VKC03-48S05 Datasheet
272Kb / 3P
   Isolated and Regulated 3 WATT Modular DC/DC Converters
VKC03-48S05 ASTRODYNE-VKC03-48S05 Datasheet
143Kb / 3P
   Isolated and Regulated 3 WATT Modular DC/DC Converters
More results

Similar Description - VKC03-48S05

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PFKC03 ETC1-PFKC03 Datasheet
99Kb / 2P
   3 WATTS REGULATED OUTPUT POWER
logo
Power Mate Technology C...
MKC03-12S33 P-DUKE-MKC03-12S33 Datasheet
308Kb / 3P
   3 WATTS REGULATED OUTPUT POWER
logo
RSG Electronic Componen...
FKC03 RSG-FKC03 Datasheet
144Kb / 3P
   3 WATTS REGULATED OUTPUT POWER
logo
Power Mate Technology C...
PMKC03-05S33 P-DUKE-PMKC03-05S33 Datasheet
239Kb / 3P
   3 WATTS REGULATED OUTPUT POWER
FKC03-12S33 P-DUKE-FKC03-12S33 Datasheet
236Kb / 3P
   3 WATTS REGULATED OUTPUT POWER
logo
List of Unclassifed Man...
YKC03 ETC1-YKC03 Datasheet
93Kb / 2P
   3 WATTS REGULATED OUTPUT POWER
logo
Power Mate Technology C...
PFKC03-05S33 P-DUKE-PFKC03-05S33 Datasheet
255Kb / 3P
   3 WATTS REGULATED OUTPUT POWER
logo
RSG Electronic Componen...
PFKC05 RSG-PFKC05 Datasheet
196Kb / 3P
   5 WATTS REGULATED OUTPUT POWER
logo
Power Mate Technology C...
DR1P5-05S05 P-DUKE-DR1P5-05S05 Datasheet
212Kb / 3P
   1.5 WATTS REGULATED OUTPUT POWER
PFKC05-12S33 P-DUKE-PFKC05-12S33 Datasheet
235Kb / 3P
   5 WATTS REGULATED OUTPUT POWER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com