Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RR2-4805S03AX Datasheet(PDF) 3 Page - RSG Electronic Components GmbH

Part # RR2-4805S03AX
Description  3 Watt 2:1 regulated single & dual output
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RSG [RSG Electronic Components GmbH]
Direct Link  http://www.rsg-electronic.de
Logo RSG - RSG Electronic Components GmbH

RR2-4805S03AX Datasheet(HTML) 3 Page - RSG Electronic Components GmbH

  RR2-4805S03AX Datasheet HTML 1Page - RSG Electronic Components GmbH RR2-4805S03AX Datasheet HTML 2Page - RSG Electronic Components GmbH RR2-4805S03AX Datasheet HTML 3Page - RSG Electronic Components GmbH  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
MECHANICAL SPECIFICATIONS STANDARD
RR2-S03/D03
3 Watt 2:1 regulated
single & dual output
Page: 3/3
Last update: 21.07.09
mail: info@rsg-electronic.de
www.rsg-electronic.de
RSG Electronic Components GmbH
Sprendlinger Landstr. 115
D-63069 Offenbach
Tel. +49 69 984047-0
Fax +49 69 984047-77
RSG
RR2-XXXXX03AX
MECHANICAL SPECIFICATIONS METAL CASE
RSG
RR2-XXXXX03AXM
24 Pin DIL package
Nickel Coated Copper
„M“ Case
24 Pin DIL package
Non-Conductive Plastic
All dimensions are typical in millimeters (inches).
1) Pin diameter: 0.5 ± 0.05 (0.02 ± 0.002)
2) Pin pitch tolerance: ± 0.35 (± 0.014)
3) Case tolerance: ± 0.5 (± 0.02)
All dimensions are typical in millimeters (inches).
1) Pin diameter: 0.5 ± 0.05 (0.02 ± 0.002)
2) Pin pitch tolerance: ± 0.35 (± 0.014)
3) Case tolerance: ± 0.5 (± 0.02)
EMI Filter
Input filter components (C1, L) are used to help meet
conducted emissions requirement for the module. These
components should be mounted as close as possible to the
module; and all leads should be minimized to decrease
radiated noise.
TEST CONFIGURATIONS
RR2-05XXXXX
RR2-12XXXXX
RR2-24XXXXX
RR2-48XXXXX
Pin #
SINGLE
DUAL
SINGLE-3 DUAL-3
PIN CONNECTIONS


Similar Part No. - RR2-4805S03AX

ManufacturerPart #DatasheetDescription
logo
RSG Electronic Componen...
RR2-4805S02A1 RSG-RR2-4805S02A1 Datasheet
1Mb / 4P
   DC/DC-Converter
RR2-4805S02A3 RSG-RR2-4805S02A3 Datasheet
1Mb / 4P
   DC/DC-Converter
RR2-4805S04AX RSG-RR2-4805S04AX Datasheet
112Kb / 3P
   4 Watt regulated single & dual output
RR2-4805S05A1 RSG-RR2-4805S05A1 Datasheet
1Mb / 4P
   DC/DC-Converter
RR2-4805S05A3 RSG-RR2-4805S05A3 Datasheet
1Mb / 4P
   DC/DC-Converter
More results

Similar Description - RR2-4805S03AX

ManufacturerPart #DatasheetDescription
logo
RSG Electronic Componen...
RR3-S03-D03 RSG-RR3-S03-D03 Datasheet
148Kb / 3P
   3 Watt 2:1 regulated single & dual output
RR4-S06-D06 RSG-RR4-S06-D06 Datasheet
177Kb / 3P
   6 Watt 2:1 regulated single & dual output
RR4-S10-D10 RSG-RR4-S10-D10 Datasheet
185Kb / 3P
   10 Watt 2:1 regulated single & dual output
RS5-R30-RD30 RSG-RS5-R30-RD30 Datasheet
163Kb / 4P
   3.0 Watt 2:1 regulated single & dual output
RR2-S05-D05-D RSG-RR2-S05-D05-D Datasheet
177Kb / 3P
   5 Watt 2:1 regulated single & dual output
RR4-S05-D05 RSG-RR4-S05-D05 Datasheet
168Kb / 3P
   5 Watt 2:1 regulated single & dual output
RR4-S03-D03 RSG-RR4-S03-D03 Datasheet
153Kb / 3P
   3 Watt 2:1 regulated
RR7-S05-D05 RSG-RR7-S05-D05 Datasheet
131Kb / 3P
   5 Watt 4:1 regulated single & dual output
RR5-S05-D05 RSG-RR5-S05-D05 Datasheet
206Kb / 3P
   5.0 Watt 4:1 regulated single & dual output
RR5-S03-D03 RSG-RR5-S03-D03 Datasheet
211Kb / 4P
   3.0 Watt 4:1 regulated single & dual output
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com