Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TEN06-24S12 Datasheet(PDF) 1 Page - RSG Electronic Components GmbH

Part # TEN06-24S12
Description  6 WATTS DC-DC CONVERTER
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RSG [RSG Electronic Components GmbH]
Direct Link  http://www.rsg-electronic.de
Logo RSG - RSG Electronic Components GmbH

TEN06-24S12 Datasheet(HTML) 1 Page - RSG Electronic Components GmbH

  TEN06-24S12 Datasheet HTML 1Page - RSG Electronic Components GmbH TEN06-24S12 Datasheet HTML 2Page - RSG Electronic Components GmbH TEN06-24S12 Datasheet HTML 3Page - RSG Electronic Components GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Page 1 of 3
www.pduke.com
2013/5/3
TEN06 SERIES
6 WATTS
DC-DC CONVERTER
INPUT SPECIFICATIONS
Input voltage range
5VDC nominal input
12VDC nominal input
24VDC nominal input
48VDC nominal input
4.5 ~ 9VDC
9 ~ 18VDC
18 ~ 36VDC
36 ~ 75VDC
Input filter
L-C filter
Input surge voltage
100mS max
5VDC input
12VDC input
24VDC input
48VDC input
15VDC 100ms, max.
36VDC 100ms, max.
50VDC 100ms, max.
100VDC 100ms, max.
Remote ON/OFF
See figure 1
ENVIRONMENTAL SPECIFICATIONS
Operating ambient temperature
-25ºC ~ +85ºC (with derating)
Operating case temperature range
-25ºC ~ +100ºC
Storage temperature range
-55ºC ~ +125ºC
Cooling
Nature convection
Thermal shock
MIL-STD-810F
Vibration
At no operation, 10~55~10Hz (sweep for 15min.) amplitude
1.5mm constant (maximum 9G X, Y, Z 2hrs each)
Operating humidity range
20% to 95% RH
Storage humidity range
20% to 95% RH
EMC CHARACTERISTICS
EMI (Note 9)
EN55022
Class A, Class B
OUTPUT SPECIFICATIONS
Maximum output power
6 Watts
Voltage accuracy
± 1%
Minimum load
0%
Line regulation
LL to HL at Full Load
± 0.2%
Load regulation
No load to Full load
± 0.5%
Ripple and noise
50MHz bandwidth
See table
Maximum temperature drift
±0.02% / ºC
Transient response recovery time
25% load step change
500µs
Short circuit protection
Continuous, automatics recovery
Over current protection
150%
OUTPUT VOLTAGE ADJUSTMENT TERMINAL(Vset ) (Note 6)
Model number
Open
-OUTPUT shorted
+OUTPUT shorted
XXS33
XXS05
XXS12
XXD12
3.3VDC
5VDC
12VDC
±12VDC
3.67VDC
6VDC
15VDC
±15VDC
2.84VDC
4.3VDC
-
-
Model number
Open
-OUTPUT connected
with resistance (7)
+OUTPUT connected
with resistance (7)
XXS33
XXS05
XXS12
XXD12
3.3VDC
5VDC
12VDC
±12VDC
3.3 to 3.67VDC
5 to 6VDC
12 to 15VDC
±12 to ±15VDC
(8-1)
(8-3)
(8-5)
(8-6)
3.3 to 2.84VDC
5 to 4.3VDC
-
-
(8-2)
(8-4)
GENERAL SPECIFICATIONS
Efficiency
See table
Isolation voltage
Input to Output
Input (Output) to Case
500 VAC, min. 1minute
500 VAC, min. 1minute
Isolation resistance
Input to Output
Input (Output) to Case
50M ohms, min. 500VDC
50M ohms, min. 500VDC
Isolation capacitance
300 pF, max.
Design meet safety
standard
IEC60950-1, J60950-1, UL60950-1, EN60950-1
Switching frequency
Full load to No load
100k to 1500k Hz
Case material
Metal case
Base material
None
Weight
20.0g (0.71oz)
Dimension
1.61 x 1.02 x 0.33 Inch
(41 x 25.8 x 8.5 mm)
MTBF (Note 1)
BELLCORE TR-NWT-000332
MIL-HDBK-217F
3.706 x 10
6 hrs
1.679 x 10
6 hrs
T E C H N I C A L S P E C I F I C A T I O N All specifications are typical at nominal input, full load and 25ºC otherwise noted
FEATURES
6 WATTS MAXIMUM OUTPUT POWER
OUTPUT CURRENT UP TO 1200mA
PACKAGE, 1.61 x 1.02 x 0.33 INCH
HIGH EFFICIENCY UP TO 85%
2:1 WIDE INPUT VOLTAGE RANGE
FIVE-SIDED SHIELD
SWITCHING FREQUENCY 100k TO 1500kHz.
NO EXTERNAL INPUT AND OUTPUT CAPACITOR NEEDED
LOW RIPPLE & NOISE
OVER CURRENT PROTECTION
SHORT CIRCUIT PROTECTION
LONG LIFE WITHOUT ELECTROLYTIC CAPACITOR
CE MARK MEETS 2006/95/EC, 2011/95/EC AND 2004/108/EC
SAFETY MEETS J60950-1, UL60950-1, EN60950-1 AND IEC60950-1
ISO9001 CERTIFIED MANUFACTURING FACILITIES
COMPLIANT TO RoHS EU DIRECTIVE 2011/65/EU
DESCRIPTION
The TEN06 series offer 6 watts of output power from a 1.61 x 1.02 x 0.33 inch
package without derating to 50ºC and without external input/output capacitor. The
TEN06 series with 2:1 wide input voltage of 4.5~9VDC, 9~18VDC, 18~36VDC and
36~75VDC and features 500VAC of isolation, short-circuit protection.
APPLICATIONS
Wireless Network
Telecom/Datacom
Industry Control System
Measurement Equipment
Semiconductor Equipment


Similar Part No. - TEN06-24S12

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TEN06-24S12 ETC-TEN06-24S12 Datasheet
97Kb / 2P
   6 WATTS OUTPUT DC-DC CONVERTER
logo
Power Mate Technology C...
TEN06-24S12 P-DUKE-TEN06-24S12 Datasheet
306Kb / 3P
   6 WATTS MAXIMUM OUTPUT POWER
More results

Similar Description - TEN06-24S12

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TEN06-05D12 ETC-TEN06-05D12 Datasheet
97Kb / 2P
   6 WATTS OUTPUT DC-DC CONVERTER
logo
Wall Industries,Inc.
RBA6 WALL-RBA6 Datasheet
703Kb / 7P
   6 Watts Single and Dual Outputs DC/DC Converter
DCMIE06-HI WALL-DCMIE06-HI Datasheet
392Kb / 6P
   6 Watts DC/DC Converter Single and Dual Output
logo
Astec America, Inc
AEH40 ASTEC-AEH40 Datasheet
91Kb / 2P
   132 Watts / 48 Watts DC-DC Converter
logo
List of Unclassifed Man...
DR1P5 ETC-DR1P5 Datasheet
175Kb / 2P
   1.5 WATTS DC-DC CONVERTER
VKC03-24D05 ETC-VKC03-24D05 Datasheet
91Kb / 2P
   3 WATTS DC-DC CONVERTER
logo
Power Mate Technology C...
FED20 P-DUKE-FED20_14 Datasheet
1Mb / 3P
   20 WATTS DC-DC CONVERTER
QEB50 P-DUKE-QEB50_14 Datasheet
394Kb / 3P
   50 WATTS DC-DC CONVERTER
MKC03 P-DUKE-MKC03_14 Datasheet
1Mb / 3P
   3 WATTS DC-DC CONVERTER
logo
XP Power Limited
RDF50 XPPOWER-RDF50 Datasheet
638Kb / 5P
   DC-DC Converter 50 Watts
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com