Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RR4-4803D06AX Datasheet(PDF) 2 Page - RSG Electronic Components GmbH

Part # RR4-4803D06AX
Description  6 Watt 2:1 regulated single & dual output
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RSG [RSG Electronic Components GmbH]
Direct Link  http://www.rsg-electronic.de
Logo RSG - RSG Electronic Components GmbH

RR4-4803D06AX Datasheet(HTML) 2 Page - RSG Electronic Components GmbH

  RR4-4803D06AX Datasheet HTML 1Page - RSG Electronic Components GmbH RR4-4803D06AX Datasheet HTML 2Page - RSG Electronic Components GmbH RR4-4803D06AX Datasheet HTML 3Page - RSG Electronic Components GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
RR4-S06/D06
6 Watt 2:1 regulated
single & dual output
DERATING CURVE
Model Number
Input
Input current (mA)
Output
Output current
Efficiency
Capacitor
Range VDC
No Load / Full Load
VDC
Full Load (mA)
@FL (%)
Load (HF)
RR4-1203S06AX
9-18
30 / 527
3.3
1400
73
1000
RR4-1205S06AX
9-18
30 / 649
5
1200
77
1000
RR4-1209S06AX
9-18
30 / 641
9
666
78
680
RR4-1212S06AX
9-18
30 / 617
12
500
81
330
RR4-1215S06AX
9-18
30 / 625
15
400
80
220
RR4-1224S06AX
9-18
30 / 625
24
250
80
68
RR4-1203D06AX
9-18
30 / 527
±3.3
±909
73
±680
RR4-1205D06AX
9-18
30 / 649
±5
±600
77
±330
RR4-1209D06AX
9-18
30 / 625
±9
±333
80
±220
RR4-1212D06AX
9-18
30 / 625
±12
±250
80
±100
RR4-1215D06AX
9-18
30 / 632
±15
±200
79
±47
RR4-1224D06AX
9-18
30 / 625
±24
±125
80
±33
RR4-2403S06AX
18-36
20 / 256
3.3
1400
75
1000
RR4-2405S06AX
18-36
20 / 313
5
1200
80
1000
RR4-2409S06AX
18-36
20 / 304
9
666
82
680
RR4-2412S06AX
18-36
20 / 313
12
500
80
330
RR4-2415S06AX
18-36
20 / 304
15
400
82
220
RR4-2424S06AX
18-36
20 / 305
24
250
82
68
RR4-2403D06AX
18-36
20 / 333
±3.3
±909
75
±680
RR4-2405D06AX
18-36
20 / 321
±5
±600
78
±330
RR4-2409D06AX
18-36
20 / 301
±9
±333
83
±220
RR4-2412D06AX
18-36
20 / 312
±12
±250
80
±100
RR4-2415D06AX
18-36
20 / 312
±15
±200
80
±47
RR4-2424D06AX
18-36
20 / 312
±24
±125
80
±33
RR4-4803S06AX
36-72
12 / 128
3.3
1400
75
1000
RR4-4805S06AX
36-72
12 / 156
5
1200
80
1000
RR4-4809S06AX
36-72
12 / 152
9
666
82
680
RR4-4812S06AX
36-72
12 / 156
12
500
80
330
RR4-4815S06AX
36-72
12 / 151
15
400
83
220
RR4-4824S06AX
36-72
12 / 151
24
250
83
68
RR4-4803D06AX
36-72
12 / 171
±3.3
±909
73
±680
RR4-4805D06AX
36-72
12 / 158
±5
±600
79
±330
RR4-4809D06AX
36-72
12 / 158
±9
±333
79
±220
RR4-4812D06AX
36-72
12 / 156
±12
±250
80
±100
RR4-4815D06AX
36-72
12 / 156
±15
±200
80
±47
RR4-4824D06AX
36-72
12 / 156
±24
±125
80
±33
MODEL SELECTION GUIDE
Page: 2/3
Last update: 12.02.09
NUMBER STRUCTURE
Isolation
1=1.5 kVDC
3=3.5 kVDC
Power
06=6W
Output
03=3.3V
05=5V
09=9V
12=12V
Code
internal
RR4
-
XX
XX
S
06
A
1
Type
S=Single
D=Dual
Input
12=9~18V
24=18~36V
48=36~72V
Name/Package
RR4=DIL24


Similar Part No. - RR4-4803D06AX

ManufacturerPart #DatasheetDescription
logo
RSG Electronic Componen...
RR4-4803D06A1 RSG-RR4-4803D06A1 Datasheet
710Kb / 4P
   DC/DC-Converter
RR4-4803D06A3 RSG-RR4-4803D06A3 Datasheet
710Kb / 4P
   DC/DC-Converter
More results

Similar Description - RR4-4803D06AX

ManufacturerPart #DatasheetDescription
logo
RSG Electronic Componen...
RR7-S06-D06 RSG-RR7-S06-D06 Datasheet
170Kb / 3P
   6 Watt 4:1 regulated single & dual output
RR2-S03-D03 RSG-RR2-S03-D03 Datasheet
117Kb / 3P
   3 Watt 2:1 regulated single & dual output
RR4-S10-D10 RSG-RR4-S10-D10 Datasheet
185Kb / 3P
   10 Watt 2:1 regulated single & dual output
RS5-R30-RD30 RSG-RS5-R30-RD30 Datasheet
163Kb / 4P
   3.0 Watt 2:1 regulated single & dual output
RR2-S05-D05-D RSG-RR2-S05-D05-D Datasheet
177Kb / 3P
   5 Watt 2:1 regulated single & dual output
RR3-S03-D03 RSG-RR3-S03-D03 Datasheet
148Kb / 3P
   3 Watt 2:1 regulated single & dual output
RR4-S05-D05 RSG-RR4-S05-D05 Datasheet
168Kb / 3P
   5 Watt 2:1 regulated single & dual output
RR7-S05-D05 RSG-RR7-S05-D05 Datasheet
131Kb / 3P
   5 Watt 4:1 regulated single & dual output
RR5-S05-D05 RSG-RR5-S05-D05 Datasheet
206Kb / 3P
   5.0 Watt 4:1 regulated single & dual output
RR5-S03-D03 RSG-RR5-S03-D03 Datasheet
211Kb / 4P
   3.0 Watt 4:1 regulated single & dual output
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com