Electronic Components Datasheet Search |
|
OPA690IDRG4 Datasheet(PDF) 6 Page - Texas Instruments |
|
|
OPA690IDRG4 Datasheet(HTML) 6 Page - Texas Instruments |
6 / 37 page OPA690 SBOS223F – DECEMBER 2001 – REVISED FEBRUARY 2010 www.ti.com ELECTRICAL CHARACTERISTICS: VS = +5V (continued) Boldface limits are tested at +25°C. At RF = 402Ω, RL = 100Ω, and G = +2 (see Figure 37 for ac performance only), unless otherwise noted. OPA690ID, IDBV MIN/MAX OVER TYP TEMPERATURE 0°C to -40°C to MIN/ TEST PARAMETER TEST CONDITIONS +25°C +25°C (2) +70°C (3) +85°C (3) UNIT MAX LEVELS (1) OUTPUT Most Positive Output Voltage No Load 4 3.8 3.6 3.5 V min A RL = 100Ω to 2.5V 3.9 3.7 3.5 3.4 V min A Least Positive Output Voltage No Load 1 1.2 1.4 1.5 V min A RL = 100Ω to 2.5V 1.1 1.3 1.5 1.7 V max A Current Output, Sourcing +160 +120 +100 +80 mA max A Current Output, Sinking –160 –120 –100 –80 mA min A Short-Circuit Current ±250 mA typ C Closed-Loop Output Impedance G = +2, f =100kHz 0.04 Ω typ C DISABLE (Disabled LOW) Power-Down Supply Current (+VS) VDIS = 0V –100 –200 –240 –260 µA max A Off Isolation G = +2, 5MHz 65 dB typ C Output Capacitance in Disable 4 pF typ C Turn-On Glitch G = +2, RL = 150Ω, VIN = VS/2 ±50 mV typ C Turn-Off Glitch G = +2, RL = 150Ω, VIN = VS/2 ±20 mV typ C Enable Voltage 3.3 3.5 3.6 3.7 V min A Disable Voltage 1.8 1.7 1.6 1.5 V max A Control Pin Input BIas Current (VDIS) VDIS = 0V 75 130 150 160 µA typ C POWER SUPPLY Specified Single-Supply Operating Voltage 5 V typ C Maximum Single-Supply Operating Voltage 12 12 12 V max B Maximum Quiescent Current VS = ±5V 4.9 5.44 5.72 6.02 mA max A Minimum Quiescent Current VS = ±5V 4.9 4.48 4.0 3.86 mA min A Power-Supply Rejection Ratio (+PSRR) Input-Referred 72 dB typ C THERMAL CHARACTERISTICS Specification: D, DBV –40 to +85 °C typ C Thermal Resistance, qJA Junction-to-Ambient xx x D xxxx x SO-8 125 °C/W typ C xx x DBV xxx SOT23-6 150 °C/W typ C 6 Copyright © 2001–2010, Texas Instruments Incorporated Product Folder Link(s): OPA690 |
Similar Part No. - OPA690IDRG4 |
|
Similar Description - OPA690IDRG4 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |