Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WRE2415S-3WR2 Datasheet(PDF) 5 Page - RSG Electronic Components GmbH

Part # WRE2415S-3WR2
Description  Ultra-Miniature SIP Package
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RSG [RSG Electronic Components GmbH]
Direct Link  http://www.rsg-electronic.de
Logo RSG - RSG Electronic Components GmbH

WRE2415S-3WR2 Datasheet(HTML) 5 Page - RSG Electronic Components GmbH

  WRE2415S-3WR2 Datasheet HTML 1Page - RSG Electronic Components GmbH WRE2415S-3WR2 Datasheet HTML 2Page - RSG Electronic Components GmbH WRE2415S-3WR2 Datasheet HTML 3Page - RSG Electronic Components GmbH WRE2415S-3WR2 Datasheet HTML 4Page - RSG Electronic Components GmbH WRE2415S-3WR2 Datasheet HTML 5Page - RSG Electronic Components GmbH WRE2415S-3WR2 Datasheet HTML 6Page - RSG Electronic Components GmbH WRE2415S-3WR2 Datasheet HTML 7Page - RSG Electronic Components GmbH  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
The copyright and authority for the interpretation of the products are reserved by MORNSUN
WRE_S-3WR2 & WRF_S-3WR2
2013.07.26-A/3
Page 5 of 7
WRF1205S-3WR2 CE(Class B, Positive line)
WRF1205S-3WR2 CE(Class B, Negative line)
PRODUCT TYPICAL PERFORMANCE CURVE
Tolerance Envelope Graph
120
100
80
60
40
20
0
-40
0
40
85 105 120
Output Current Percent(%)
Ambient Temp.()
Temperature Derating Graph
Safe Operating Area
(Figure 5)
Efficiency VS Input Voltage curve
(Full Load)
50
55
60
65
70
75
80
85
90
95
100
18
20
22
24
26
28
30
32
34
36
Input Voltage(V)
WRE2415S-3WR2
Efficiency VS Output Load curve
(Vin=Vin-nominal)
0
10
20
30
40
50
60
70
80
90
100
10
20
30
40
50
60
70
80
90
100
Total Output Current (%)
WRE2415S-3WR2
Efficiency VS Input Voltage curve
(Full Load)
50
55
60
65
70
75
80
85
90
95
100
9
10
11
12
13
14
15
16
17
18
Input Voltage(V)
WRF1205S-3WR2
Efficiency VS Output Load curve
(Vin=Vin-nominal)
0
10
20
30
40
50
60
70
80
90
100
10
20
30
40
50
60
70
80
90 100
Total Output Current (%)
WRF1205S-3WR2


Similar Part No. - WRE2415S-3WR2

ManufacturerPart #DatasheetDescription
logo
MORNSUN Science& Techno...
WRE2415S-3WR2 MORNSUN-WRE2415S-3WR2 Datasheet
809Kb / 7P
   REGULATED DUAL/SINGLE OUTPUT DIP PACKAGING, DC-DC CONVERTER
More results

Similar Description - WRE2415S-3WR2

ManufacturerPart #DatasheetDescription
logo
RSG Electronic Componen...
WRAS-3WR2 RSG-WRAS-3WR2 Datasheet
665Kb / 7P
   Ultra-Miniature SIP Package
WRBS-3WR2 RSG-WRBS-3WR2 Datasheet
665Kb / 7P
   Ultra-Miniature SIP Package
logo
MORNSUN Science& Techno...
B0303YS-W2 MORNSUN-B0303YS-W2 Datasheet
120Kb / 2P
   MINIATURE SIP PACKAGE
QA121 MORNSUN-QA121 Datasheet
1Mb / 4P
   Ultra Compact SIP package
logo
Abracon Corporation
ASDM1-100.000MHZ-LC-T ABRACON-ASDM1-100.000MHZ-LC-T Datasheet
2Mb / 3P
   ULTRA MINIATURE PLASTIC PACKAGE ULTRA MINIATURE PLASTIC PACKAGE
07.21.11
logo
MORNSUN Science& Techno...
B0303S-D-1W MORNSUN-B0303S-D-1W Datasheet
125Kb / 3P
   SINGLE OUTPUT MINIATURE SIP/DIP PACKAGE
IF0505S-D-W75 MORNSUN-IF0505S-D-W75 Datasheet
122Kb / 2P
   SINGLE OUTPUT MINIATURE SIP/DIP PACKAGE
B0303SD-1W MORNSUN-B0303SD-1W Datasheet
487Kb / 5P
   SINGLE OUTPUT MINIATURE SIP/DIP PACKAGE
B0305SD-1W MORNSUN-B0305SD-1W Datasheet
487Kb / 5P
   SINGLE OUTPUT MINIATURE SIP/DIP PACKAGE
WFB2412CS-2W MORNSUN-WFB2412CS-2W Datasheet
180Kb / 2P
   2W OUTPUT SINGLE OUTPUT MINIATURE SIP PACKAGE
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com