Electronic Components Datasheet Search |
|
WRA4812S-3WR2 Datasheet(PDF) 3 Page - RSG Electronic Components GmbH |
|
WRA4812S-3WR2 Datasheet(HTML) 3 Page - RSG Electronic Components GmbH |
3 / 7 page The copyright and authority for the interpretation of the products are reserved by MORNSUN WRA_S-3WR2 & WRB_S-3WR2 2013.07.22-A/3 Page 3 of 7 Storage Temperature -55 -- 125 Temp. rise at full load Ta=25 °C -- 25 -- Lead Temperature 1.5mm from case for 10 seconds -- -- 300 Cooling Free air convection EMC SPECIFICATIONS CE CISPR22/EN55022 CLASS B(Recommended Circuit Refer to Figure1-② or Figure 3) EMI RE CISPR22/EN55022 CLASS B(Recommended Circuit Refer to Figure1-② or Figure 3) ESD IEC/EN61000-4-2 Contact ±4KV perf. Criteria B RS IEC/EN61000-4-3 10V/m perf. Criteria A IEC/EN61000-4-4 ±2KV (Recommended Circuit Refer to Figure1-①) perf. Criteria B EFT IEC/EN61000-4-4 ±4KV (Recommended Circuit Refer to Figure 3) perf. Criteria B Surge IEC/EN61000-4-5 ±2KV (Recommended Circuit Refer to Figure1-① or Figure 3) perf. Criteria B CS IEC/EN61000-4-6 3 Vr.m.s perf. Criteria A EMS Voltage dips, short and interruptions immunity IEC/EN61000-4-29 0%-70% perf. Criteria B EMC RECOMMENDED CIRCUIT L DM2 ② C0 TVS L DM1 MOV FU SE ① C1 + Vin GND +Vo -Vo (0 V) EUT L OAD C2 CY Ctrl Cd D1 R ③ C trl Vin GND (Figure1) Recommended external circuit parameters: Model Vin:5V Vin:12V Vin:24V Vin:48V FUSE Choose according to practical input current MOV -- -- S14K35 S14K60 LDM1 -- -- 56 μH 56 μH TVS SMCJ13A SMCJ28A SMCJ48A SMCJ90A C0 680 μF/16V 680 μF/25V 330 μF/50V 330 μF/100V C1 4.7 μF/50V 4.7 μF/100V LDM2 12 μH C2 4.7 μF/50V 4.7 μF/100V CY 1nF/2KV D1 RB160M-60/1A R Follows: 300 - 0 . 1 - - C D C I V V R = Cd 47nF/100V Note: 1. In Figure 1, part ① is EMS recommended external circuit, part ② is EMI recommended external circuit. Choose according to requirements; 2. VC is the voltage to GND from Ctrl, VD is the forward conduction voltage drop of D1,IC is the current through Ctrl pin which is normally 5-10mA, the external circuit of Ctrl is as shown in figure1- ; ③ 3. If there is no recommended parameters, the model no require the external component. EMC RECOMMENDED CIRCUIT PCB LAYOUT DUAL SINGLE (Figure 2) Note: The pad space between input and output GND (CY) must ≥2mm. |
Similar Part No. - WRA4812S-3WR2 |
|
Similar Description - WRA4812S-3WR2 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |