Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PM4S-A2C10H-DC12V Datasheet(PDF) 5 Page - Panasonic Semiconductor

Part # PM4S-A2C10H-DC12V
Description  MULTI-RANGE ANALOG TIMER
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

PM4S-A2C10H-DC12V Datasheet(HTML) 5 Page - Panasonic Semiconductor

  PM4S-A2C10H-DC12V Datasheet HTML 1Page - Panasonic Semiconductor PM4S-A2C10H-DC12V Datasheet HTML 2Page - Panasonic Semiconductor PM4S-A2C10H-DC12V Datasheet HTML 3Page - Panasonic Semiconductor PM4S-A2C10H-DC12V Datasheet HTML 4Page - Panasonic Semiconductor PM4S-A2C10H-DC12V Datasheet HTML 5Page - Panasonic Semiconductor PM4S-A2C10H-DC12V Datasheet HTML 6Page - Panasonic Semiconductor PM4S-A2C10H-DC12V Datasheet HTML 7Page - Panasonic Semiconductor PM4S-A2C10H-DC12V Datasheet HTML 8Page - Panasonic Semiconductor PM4S-A2C10H-DC12V Datasheet HTML 9Page - Panasonic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
Features
1. 100-240V AC free-voltage input, 48-125V DC type available
2. Short body — 62.5mm 2.461 inch (screw terminal type)
3. Front panel of IP65 type is protected against water-splash and dust
4. Built-in Screw terminals
Screw terminal type is used for easy wiring and reducing additional cost for
accessories.
5. 0 setting instantaneous output operation
6. Multiple time ranges — 1 s to 500 h (Max.)
7. 8 different operation modes: (PM4H-A)
8. Compliant with UL/CSA, CE and LLOYD
48
1.890
48
1.890
62.5
2.461
mm inch
Pin type
Screw
terminal type
Product types
Type
PM4H-S
PM4H-M
PM4H-A
Operation mode
Contact
arrangement
Time range
Rated
operating voltage
Protective
construction
Terminal type
Part number
PM4HA-H-AC240VW
PM4HA-H-AC240VSW
PM4HA-H-DC125VW
PM4HA-H-DC125VSW
PM4HA-H-24VW
PM4HA-H-24VSW
PM4HA-H-DC12VW
PM4HA-H-DC12VSW
PM4HA-H-AC240V
PM4HA-H-AC240VS
PM4HA-H-DC125V
PM4HA-H-DC125VS
PM4HA-H-24V
PM4HA-H-24VS
PM4HA-H-DC12V
PM4HA-H-DC12VS
PM4HS-H-AC240VW
PM4HS-H-AC240VSW
PM4HS-H-DC125VW
PM4HS-H-DC125VSW
PM4HS-H-24VW
PM4HS-H-24VSW
PM4HS-H-DC12VW
PM4HS-H-DC12VSW
PM4HS-H-AC240V
PM4HS-H-AC240VS
PM4HS-H-DC125V
PM4HS-H-DC125VS
PM4HS-H-24V
PM4HS-H-24VS
PM4HS-H-DC12V
PM4HS-H-DC12VS
PM4HM-H-AC240VW
PM4HM-H-AC240VSW
PM4HM-H-DC125VW
PM4HM-H-DC125VSW
PM4HM-H-24VW
PM4HM-H-24VSW
PM4HM-H-DC12VW
PM4HM-H-DC12VSW
PM4HM-H-AC240V
PM4HM-H-AC240VS
PM4HM-H-DC125V
PM4HM-H-DC125VS
PM4HM-H-24V
PM4HM-H-24VS
PM4HM-H-DC12V
PM4HM-H-DC12VS
16 selectable
ranges
1s to 500h
Relay
Timed-out
1 Form C
Instantaneous
1 Form C
Relay
Timed-out
2 Form C
Relay
Timed-out
2 Form C
8 operation modes
• Pulse ON-delay
• Pulse Flicker
• Pulse ON-flicker
• Differential ON/OFF-delay (1) (2)
• Signal OFF-delay
• Pulse One-shot
• Pulse One-cycle
Power ON-delay
5 operation modes
(With instantaneous contact)
• Power ON-delay
• Power Flicker
• Power ON-flicker
• Power One-shot
• Power One-cycle
11 pins
Screw terminal
11 pins
Screw terminal
11 pins
Screw terminal
11 pins
Screw terminal
11 pins
Screw terminal
11 pins
Screw terminal
11 pins
Screw terminal
11 pins
Screw terminal
8 pins
Screw terminal
8 pins
Screw terminal
8 pins
Screw terminal
8 pins
Screw terminal
8 pins
Screw terminal
8 pins
Screw terminal
8 pins
Screw terminal
8 pins
Screw terminal
8 pins
Screw terminal
8 pins
Screw terminal
8 pins
Screw terminal
8 pins
Screw terminal
8 pins
Screw terminal
8 pins
Screw terminal
8 pins
Screw terminal
8 pins
Screw terminal
100 to 240V AC
48 to 125V DC
24V AC/DC
12V DC
100 to 240V AC
48 to 125V DC
24V AC/DC
12V DC
100 to 240V AC
48 to 125V DC
24V AC/DC
12V DC
100 to 240V AC
48 to 125V DC
24V AC/DC
12V DC
100 to 240V AC
48 to 125V DC
24V AC/DC
12V DC
100 to 240V AC
48 to 125V DC
24V AC/DC
12V DC
IP65
IP50
IP65
IP50
IP65
IP50
If you use this timer under harsh environment, please order above sealed type (IP65 type). IP65 type — Protection dust and water jet splay on the front face.
UL File No.: E122222
CSA File No.: LR39291
PM4H-A/S/M
DIN48 SIZE
MULTI-RANGE
ANALOG TIMER
PM4H-A
PM4H-S
PM4H-M
RoHS Directive compatibility information
http://www.nais-e.com/
All Rights Reserved © COPYRIGHT Matsushita Electric Works, Ltd.


Similar Part No. - PM4S-A2C10H-DC12V

ManufacturerPart #DatasheetDescription
logo
3M Electronics
PM4 3M-PM4 Datasheet
347Kb / 2P
   3M??Fire Barrier Packing Material PM4
logo
List of Unclassifed Man...
PM4-C1522-XX ETC1-PM4-C1522-XX Datasheet
130Kb / 1P
   4MM CIRCULAR LENS FLEXIBLE LIGHT PIPE FLPS1522 INDICATORS
PM4-D2031-XX ETC1-PM4-D2031-XX Datasheet
118Kb / 1P
   4MM DOMED LENS FLEXIBLE LIGHT PIPE FLPS2031 INDICATORS
PM4-F2031-XX ETC1-PM4-F2031-XX Datasheet
119Kb / 1P
   4MM FLAT LENS FLEXIBLE LIGHT PIPE FLPS2031 INDICATORS
logo
Tumbler Technologies + ...
PM40-10AL TRUMPOWER-PM40-10AL Datasheet
211Kb / 2P
   40 WATT MEDICAL POWER SUPPLIES
More results

Similar Description - PM4S-A2C10H-DC12V

ManufacturerPart #DatasheetDescription
logo
SELEC Controls Pvt. Ltd
XTC5400 SELEC-XTC5400 Datasheet
154Kb / 1P
   Multifunction, Multi - Range Timer Counter
logo
FOTEK CONTROLS CO., LTD...
STPN-M1 FOTEK-STPN-M1 Datasheet
215Kb / 1P
   Multi-Range ON DELAY TIMER/FLICKER
logo
Exar Corporation
XR2242 EXAR-XR2242 Datasheet
362Kb / 5P
   Long Range Timer
logo
Omron Electronics LLC
H3AM OMRON-H3AM Datasheet
192Kb / 8P
   Mechatronic Analog Timer
logo
Renesas Technology Corp
ICM7242 RENESAS-ICM7242 Datasheet
571Kb / 11P
   Long Range Fixed Timer
logo
Exar Corporation
XR-2243 EXAR-XR-2243 Datasheet
406Kb / 5P
   Micropower Long Range Timer
logo
Intersil Corporation
ICM7242 INTERSIL-ICM7242 Datasheet
73Kb / 7P
   Long Range Fixed Timer
ICM7242 INTERSIL-ICM7242_07 Datasheet
264Kb / 10P
   Long Range Fixed Timer
ICM7242IPAZ INTERSIL-ICM7242IPAZ Datasheet
298Kb / 11P
   Long Range Fixed Timer
September 14, 2015
logo
FOTEK CONTROLS CO., LTD...
STP-2D FOTEK-STP-2D Datasheet
370Kb / 2P
   MULTI-FUNCTION DIGITAL TIMER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com