Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PM4S-A2C10H-DC12V Datasheet(PDF) 1 Page - Panasonic Semiconductor

Part # PM4S-A2C10H-DC12V
Description  MULTI-RANGE ANALOG TIMER
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

PM4S-A2C10H-DC12V Datasheet(HTML) 1 Page - Panasonic Semiconductor

  PM4S-A2C10H-DC12V Datasheet HTML 1Page - Panasonic Semiconductor PM4S-A2C10H-DC12V Datasheet HTML 2Page - Panasonic Semiconductor PM4S-A2C10H-DC12V Datasheet HTML 3Page - Panasonic Semiconductor PM4S-A2C10H-DC12V Datasheet HTML 4Page - Panasonic Semiconductor PM4S-A2C10H-DC12V Datasheet HTML 5Page - Panasonic Semiconductor PM4S-A2C10H-DC12V Datasheet HTML 6Page - Panasonic Semiconductor PM4S-A2C10H-DC12V Datasheet HTML 7Page - Panasonic Semiconductor PM4S-A2C10H-DC12V Datasheet HTML 8Page - Panasonic Semiconductor PM4S-A2C10H-DC12V Datasheet HTML 9Page - Panasonic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
PM4S
Product types
Parts name
• The PM4S Multi-Range timer allows time units and output contacts to be selected via front switches.
MULTI-RANGE
ANALOG TIMER
PM4S
Timers
Type
///////
Contact arrangement
Time range
Operating voltage
Part No.
PM4S
Multi-range Timer
A type
Power
ON-delay
T.D.:
Timed-out 2C
INST.:
Timed-out 1C
Instantaneous 1C
(Selected by front switch)
1s/10s/1min/10min
(4 time ranges selectable)
100 to 120V AC
PM4S-A2C10M-AC120V
200 to 240V AC
PM4S-A2C10M-AC240V
12V DC
PM4S-A2C10M-DC12V
24V DC
PM4S-A2C10M-DC24V
PM4S
Multi-range Timer
B type
3s/30s/3min/30min
(4 time ranges selectable)
100 to 120V AC
PM4S-A2C30M-AC120V
200 to 240V AC
PM4S-A2C30M-AC240V
12V DC
PM4S-A2C30M-DC12V
24V DC
PM4S-A2C30M-DC24V
PM4S
Multi-range Ttimer
C type
6s/60s/6min/60min
(4 time ranges selectable)
100 to 120V AC
PM4S-A2C60M-AC120V
200 to 240V AC
PM4S-A2C60M-AC240V
12V DC
PM4S-A2C60M-DC12V
24V DC
PM4S-A2C60M-DC24V
PM4S
Multi-range Timer
D type
1min/10min/1h/10h
(4 time ranges selectable)
100 to 120V AC
PM4S-A2C10H-AC120V
200 to 240V AC
PM4S-A2C10H-AC240V
12V DC
PM4S-A2C10H-DC12V
24V DC
PM4S-A2C10H-DC24V
PM4S
Multi-range Timer
E type
3min/30min/3h/30h
(4 time ranges selectable)
100 to 120V AC
PM4S-A2C30H-AC120V
200 to 240V AC
PM4S-A2C30H-AC240V
12V DC
PM4S-A2C30H-DC12V
24V DC
PM4S-A2C30H-DC24V
Features
1. Economic pricing that promptly
reflects market demands
Remarkable economic pricing is
implemented in pursuit of cost
performance.
2. Output contacts switchable
between timed out 2C and timed out
1C/Instantaneous 1C
The timed out 1C/Instantaneous 1C
output contact enables the efficient
addition of self-maintenance circuits.
3. 4 different time ranges selectable
on a single unit
Five types of timers cover the full range of
time settings from 1 second to 30 hours.
4. Equipped with zero-setting
instantaneous output
Set the dial all the way to “0” for
instantaneous operation, so circuit
testing can be easily accomplished.
5. Compliant with UL, c-UL and CE.
RoHS Directive compatibility information
http://www.nais-e.com/
Time unit selector
Time range selector
Output contact selector
All Rights Reserved © COPYRIGHT Matsushita Electric Works, Ltd.


Similar Part No. - PM4S-A2C10H-DC12V

ManufacturerPart #DatasheetDescription
logo
3M Electronics
PM4 3M-PM4 Datasheet
347Kb / 2P
   3M??Fire Barrier Packing Material PM4
logo
List of Unclassifed Man...
PM4-C1522-XX ETC1-PM4-C1522-XX Datasheet
130Kb / 1P
   4MM CIRCULAR LENS FLEXIBLE LIGHT PIPE FLPS1522 INDICATORS
PM4-D2031-XX ETC1-PM4-D2031-XX Datasheet
118Kb / 1P
   4MM DOMED LENS FLEXIBLE LIGHT PIPE FLPS2031 INDICATORS
PM4-F2031-XX ETC1-PM4-F2031-XX Datasheet
119Kb / 1P
   4MM FLAT LENS FLEXIBLE LIGHT PIPE FLPS2031 INDICATORS
logo
Tumbler Technologies + ...
PM40-10AL TRUMPOWER-PM40-10AL Datasheet
211Kb / 2P
   40 WATT MEDICAL POWER SUPPLIES
More results

Similar Description - PM4S-A2C10H-DC12V

ManufacturerPart #DatasheetDescription
logo
SELEC Controls Pvt. Ltd
XTC5400 SELEC-XTC5400 Datasheet
154Kb / 1P
   Multifunction, Multi - Range Timer Counter
logo
FOTEK CONTROLS CO., LTD...
STPN-M1 FOTEK-STPN-M1 Datasheet
215Kb / 1P
   Multi-Range ON DELAY TIMER/FLICKER
logo
Exar Corporation
XR2242 EXAR-XR2242 Datasheet
362Kb / 5P
   Long Range Timer
logo
Omron Electronics LLC
H3AM OMRON-H3AM Datasheet
192Kb / 8P
   Mechatronic Analog Timer
logo
Renesas Technology Corp
ICM7242 RENESAS-ICM7242 Datasheet
571Kb / 11P
   Long Range Fixed Timer
logo
Exar Corporation
XR-2243 EXAR-XR-2243 Datasheet
406Kb / 5P
   Micropower Long Range Timer
logo
Intersil Corporation
ICM7242 INTERSIL-ICM7242 Datasheet
73Kb / 7P
   Long Range Fixed Timer
ICM7242 INTERSIL-ICM7242_07 Datasheet
264Kb / 10P
   Long Range Fixed Timer
ICM7242IPAZ INTERSIL-ICM7242IPAZ Datasheet
298Kb / 11P
   Long Range Fixed Timer
September 14, 2015
logo
FOTEK CONTROLS CO., LTD...
STP-2D FOTEK-STP-2D Datasheet
370Kb / 2P
   MULTI-FUNCTION DIGITAL TIMER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com