Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PM4S-A2C30H-AC240V Datasheet(PDF) 2 Page - Panasonic Semiconductor

Part # PM4S-A2C30H-AC240V
Description  MULTI-RANGE ANALOG TIMER
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

PM4S-A2C30H-AC240V Datasheet(HTML) 2 Page - Panasonic Semiconductor

  PM4S-A2C30H-AC240V Datasheet HTML 1Page - Panasonic Semiconductor PM4S-A2C30H-AC240V Datasheet HTML 2Page - Panasonic Semiconductor PM4S-A2C30H-AC240V Datasheet HTML 3Page - Panasonic Semiconductor PM4S-A2C30H-AC240V Datasheet HTML 4Page - Panasonic Semiconductor PM4S-A2C30H-AC240V Datasheet HTML 5Page - Panasonic Semiconductor PM4S-A2C30H-AC240V Datasheet HTML 6Page - Panasonic Semiconductor PM4S-A2C30H-AC240V Datasheet HTML 7Page - Panasonic Semiconductor PM4S-A2C30H-AC240V Datasheet HTML 8Page - Panasonic Semiconductor PM4S-A2C30H-AC240V Datasheet HTML 9Page - Panasonic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 24 page
background image
PM4S
Specifications
Applicable standard
Safety standard
EN61812-1
Pollution Degree 2/Overvoltage Category III
EMC
(EMI)EN61000-6-4
Radiation interference electric field strength
Noise terminal voltage
(EMS)EN61000-6-2
Static discharge immunity
RF electromagnetic field immunity
EFT/B immunity
Surge immunity
Conductivity noise immunity
Power frequency magnetic field immunity
Voltage dip/Instantaneous stop/Voltage fluctuation immunity
EN55011 Group1 ClassA
EN55011 Group1 ClassA
EN61000-4-2
4 kV contact
8 kV air
EN61000-4-3
10 V/m AM modulation (80 MHz to 1 GHz)
10 V/m pulse modulation (895 MHz to 905 MHz)
EN61000-4-4
2 kV (power supply line)
EN61000-4-5
1 kV (power line)
EN61000-4-6
10 V/m AM modulation (0.15 MHz to 80 MHz)
EN61000-4-8
30 A/m (50 Hz)
EN61000-4-11 10 ms, 30% (rated voltage)
100 ms, 60% (rated voltage)
1,000 ms, 60% (rated voltage)
5,000 ms, 95% (rated voltage)
Notes) 1. Unless otherwise specified, the measurement conditions at the maximum scale time standard are specified to be the rated operating voltage (within 5% ripple factor
for DC), 20°C 68°F ambient temperature, and 1s power off time.
2. For the 1s range, the tolerance for each specification becomes ±10ms.
Type
Item
PM4S Multi-range Timer
Rating
Rated operating voltage
100 to 120V AC
200 to 240V AC
12V DC
24V DC
Rated frequency
50/60 Hz
Rated power consumption
Approx. 3.0VA/3.6VA
(at 100V AC)
Approx. 4.5VA/5.25VA
(at 120V AC)
Approx. 5.6VA/6.8VA
(at 200V AC)
Approx. 7.5VA/9.8VA
(at 240V AC)
Approx. 1.3W
Approx. 1.7W
Output rating
5A 250V AC (resistive load)
Operating mode
Power ON-delay
Time range
A type
1s/10s/1min/10min (4 time ranges selectable)
B type
3s/30s/3min/30min (4 time ranges selectable)
C type
6s/60s/6min/60min (4 time ranges selectable)
D type
1min/10min/1h/10h (4 time ranges selectable)
E type
3min/30min/3h/30h (4 time ranges selectable)
Time accuracy Note)
Operating time fluctuation
±1% (power off time change at the range of 0.1s to 1h)
Setting error
±5% (Full-scale value)
Voltage error
±1% (at the operating voltage changes between 85 to 110%)
Temperature error
±2% (at 20°C ambient temp. at the range of –10 to +50°C +14 to +122°F)
Contact
Contact arrangement
T.D.: Timed-out 2 Form C
INST.: Timed-out 1 Form C, instantaneous 1 Form C
(Selected by front switch)
Contact resistance (Initial value)
Max. 100m
Ω (at 1A 6V DC)
Contact material
Silver alloy
Life
Mechanical (contact)
Min. 107
Electrical (contact)
Min. 105 (at raed control capacity)
Electrical function
Allowable operating voltage range
85 to 110% of rated operating voltage
Insulation resistance (Initial value)
Min. 100M
Between live and dead metal parts
(At 500V DC)
Between input and output
Between contacts of different poles
Between contacts of same pole
Breakdown voltage (Initial value)
2,000Vrms for 1 min Between live and dead metal parts
2,000Vrms for 1 min Between input and output
2,000Vrms for 1 min Between contacts of different poles
1,000Vrms for 1 min Between contacts of same pole
Min. power off time
100 ms
Max. temperature rise
55°C 131°F
Mechanical function
Vibration resistance
Functional
10 to 55Hz: 1 cycle/min double amplitude of 0.25mm (10min on 3 axes)
Destructive
10 to 55Hz: 1 cycle/min double amplitude of 0.375mm (1h on 3 axes)
Shock resistance
Functional
Min. 98m/s2 (4 times on 3 axes)
Destructive
Min. 980m/s2 (5 times on 3 axes)
Operating condition
Ambient temperature
–10 to +50°C +14 to +122°F
Ambient humidity
30 to 85%RH (non-condensing)
Atmospheric pressure
860 to 1,060hPa
Ripple factor (DC type)
20%
Others
Weight
Approximately 110 g 3.880 oz
All Rights Reserved © COPYRIGHT Matsushita Electric Works, Ltd.


Similar Part No. - PM4S-A2C30H-AC240V

ManufacturerPart #DatasheetDescription
logo
3M Electronics
PM4 3M-PM4 Datasheet
347Kb / 2P
   3M??Fire Barrier Packing Material PM4
logo
List of Unclassifed Man...
PM4-C1522-XX ETC1-PM4-C1522-XX Datasheet
130Kb / 1P
   4MM CIRCULAR LENS FLEXIBLE LIGHT PIPE FLPS1522 INDICATORS
PM4-D2031-XX ETC1-PM4-D2031-XX Datasheet
118Kb / 1P
   4MM DOMED LENS FLEXIBLE LIGHT PIPE FLPS2031 INDICATORS
PM4-F2031-XX ETC1-PM4-F2031-XX Datasheet
119Kb / 1P
   4MM FLAT LENS FLEXIBLE LIGHT PIPE FLPS2031 INDICATORS
logo
Tumbler Technologies + ...
PM40-10AL TRUMPOWER-PM40-10AL Datasheet
211Kb / 2P
   40 WATT MEDICAL POWER SUPPLIES
More results

Similar Description - PM4S-A2C30H-AC240V

ManufacturerPart #DatasheetDescription
logo
SELEC Controls Pvt. Ltd
XTC5400 SELEC-XTC5400 Datasheet
154Kb / 1P
   Multifunction, Multi - Range Timer Counter
logo
FOTEK CONTROLS CO., LTD...
STPN-M1 FOTEK-STPN-M1 Datasheet
215Kb / 1P
   Multi-Range ON DELAY TIMER/FLICKER
logo
Exar Corporation
XR2242 EXAR-XR2242 Datasheet
362Kb / 5P
   Long Range Timer
logo
Omron Electronics LLC
H3AM OMRON-H3AM Datasheet
192Kb / 8P
   Mechatronic Analog Timer
logo
Renesas Technology Corp
ICM7242 RENESAS-ICM7242 Datasheet
571Kb / 11P
   Long Range Fixed Timer
logo
Exar Corporation
XR-2243 EXAR-XR-2243 Datasheet
406Kb / 5P
   Micropower Long Range Timer
logo
Intersil Corporation
ICM7242 INTERSIL-ICM7242 Datasheet
73Kb / 7P
   Long Range Fixed Timer
ICM7242 INTERSIL-ICM7242_07 Datasheet
264Kb / 10P
   Long Range Fixed Timer
ICM7242IPAZ INTERSIL-ICM7242IPAZ Datasheet
298Kb / 11P
   Long Range Fixed Timer
September 14, 2015
logo
FOTEK CONTROLS CO., LTD...
STP-2D FOTEK-STP-2D Datasheet
370Kb / 2P
   MULTI-FUNCTION DIGITAL TIMER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com