Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PM4S-A2C30H-DC24V Datasheet(PDF) 9 Page - Panasonic Semiconductor

Part # PM4S-A2C30H-DC24V
Description  MULTI-RANGE ANALOG TIMER
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

PM4S-A2C30H-DC24V Datasheet(HTML) 9 Page - Panasonic Semiconductor

Back Button PM4S-A2C30H-DC24V Datasheet HTML 5Page - Panasonic Semiconductor PM4S-A2C30H-DC24V Datasheet HTML 6Page - Panasonic Semiconductor PM4S-A2C30H-DC24V Datasheet HTML 7Page - Panasonic Semiconductor PM4S-A2C30H-DC24V Datasheet HTML 8Page - Panasonic Semiconductor PM4S-A2C30H-DC24V Datasheet HTML 9Page - Panasonic Semiconductor PM4S-A2C30H-DC24V Datasheet HTML 10Page - Panasonic Semiconductor PM4S-A2C30H-DC24V Datasheet HTML 11Page - Panasonic Semiconductor PM4S-A2C30H-DC24V Datasheet HTML 12Page - Panasonic Semiconductor PM4S-A2C30H-DC24V Datasheet HTML 13Page - Panasonic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 24 page
background image
PM4H-A/S/M
Operation mode
PM4H-A
Note: Keep 0.1s or more for power off time.
Keep 0.05s or more for start, stop, reset input time.
Operation type
Explanation
Time chart
• If using a time-limit start when the power is turned on, and a reset when
the power is turned off, pins 2 to 6 (screw-tightening pins x and c)
should be shorted ahead of time.
• Turn the operation mode selector switch to the
position.
If pins 2 to 6 (screw-tightening pins x and c) are shorted (the start input
is turned on) with the power supply on, the output will go on after the set
time has elapsed.
If the power supply is turned off, or pins 2 to 7 (screw-tightening pins x to
v) are shorted (the reset input is turned on), a reset is carried out.
Note) During time-limited operation, the time-limited operation is stopped
while the pins 2 to 5 (screw-tightening pins x to b) are being shorted
(the stop input is on). When the pins are released, time-limited operation
resumes.
• Turn the operation mode selector switch to the
position.
When pins 2 to 6 (screw-tightening pins x and c) are shorted (the start
input is turned on) with the power supply on, the output goes on, and when
pins 2 to 6 (screw-tightening pins x and c) are released (the start input
is turned off), the time limit interval begins. After the set time has elapsed,
the output goes off. If start input is entered at any point during the time limit
interval, the time limit interval is reset.
Note) During time-limited operation, the time-limited operation is stopped
while the pins 2 to 5 (screw-tightening pins x to b) are being shorted
(the stop input is on). When the pins are released, time-limited operation
resumes.
• Turn the operation mode selector switch to the
position.
When pins 2 to 6 (screw-tightening pins x and c) are shorted (the start
input is turned on) with the power supply on, the output goes on, and after
the set time has elapsed, it goes off.
Also, when pins 2 to 6 are released (the start input goes off), the output
goes on, and after the set time has elapsed, it goes off.
If the status of pins 2 to 6 (screw-tightening pins x and c) changes dur-
ing the time-limit interval (the start input goes from on to off, or from off to
on), the time-limit interval is restarted from the point at which the change
took place.
If the power supply is turned off, or pins 2 to 7 (screw-tightening pins x to
v) are shorted (the reset input is turned on), a reset is carried out.
Note) During time-limited operation, the time-limited operation is stopped while
the pins 2 to 5 (screw-tightening pins x to b) are being shorted (the stop
input is on). When the pins are released, time-limited operation resumes.
• If using a time-limit start when the power is turned on, and a reset when
the power is turned off, pins 2 to 6 (screw-tightening pins x and c)
should be shorted ahead of time.
• Turn the operation mode selector switch to the
position.
When pins 2 to 6 (screw-tightening pins x and c) are shorted (the start
input is turned on) with the power supply on, the output goes on, and after
the set time has elapsed, it goes off. This process is subsequently repeated.
If the power supply is turned off, or pins 2 to 7 (screw-tightening pins x to
v) are shorted (the reset input is turned on), a reset is carried out.
Note) During time-limited operation, the time-limited operation is stopped
while the pins 2 to 5 (screw-tightening pins x to b) are being shorted
(the stop input is on). When the pins are released, time-limited operation
resumes.
• If using a time-limit start when the power is turned on, and a reset when
the power is turned off, pins 2 to 6 (screw-tightening pins x and c)
should be shorted ahead of time.
• Turn the operation mode selector switch to the
position.
When pins 2 to 6 (screw-tightening pins x and c) are shorted (the start
input is turned on) with the power supply on, the limited time interval begins,
and the output goes on after the set time has elapsed. After the output has
gone on, it goes off when the set time has elapsed, and this process is sub-
sequently repeated.
If the power supply is turned off, or pins 2 to 7 (screw-tightening pins x to
v) are shorted (the reset input is turned on), a reset is carried out.
Note) During time-limited operation, the time-limited operation is stopped
while the pins 2 to 5 (screw-tightening pins x to b) are being shorted
(the stop input is on). When the pins are released, time-limited operation
resumes.
Pulse
ON-delay
ON
ON
Pulse
Flicker
FL
FL
Pulse
ON-flicker
FO
FO
Differential
ON/OFF-delay (1)
OF1
OF1
Signal
OFF-delay
SF
SF
Power supply
ON
OFF
Start
ON
OFF
ON
ON
OFF
Reset
ON
OFF
Stop
ON
OFF
Time out (N.O. contact)
OP. LED
POWER LED
ON
Tt1
t2
ON
OFF
OFF
Note:
LED lighting or No LED lighting
Power supply
ON
OFF
Start
ON
OFF
ON
OFF
ON
OFF
OFF
Reset
ON
Stop
ON
OFF
Time out (N.O. contact)
OP. LED
POWER LED
ON
TT
t1
ta
t2
tb
ON
OFF
OFF
Note:
LED lighting or No LED lighting
Power supply
ON
OFF
Start
ON
OFF
ON
OFF
ON
OFF
OFF
Reset
ON
Stop
ON
OFF
Time out (N.O. contact)
OP. LED
POWER LED
ON
TT
t2
T
ta
tb
t1
OFF
OFF
Power supply
ON
OFF
Start
ON
OFF
ON
OFF
ON
Reset
Stop
ON
OFF
Time out (N.O. contact)
OP. LED
POWER LED
ON
ON
Tt1
t2
ta
tb
OFF
OFF
ON
OFF
Restart
OFF
Note:
LED lighting or No LED lighting
Power supply
ON
OFF
Start
ON
OFF
ON
OFF
ON
OFF
ON
Reset
Stop
Time out (N.O. contact)
OP. LED
POWER LED
ON
Ttb
ta
OFF
OFF
Note:
LED lighting or No LED lighting
LED lighting
LED flickering
T: Setting time t1, t2, ta, tb<T t1+t2=T
All Rights Reserved © COPYRIGHT Matsushita Electric Works, Ltd.


Similar Part No. - PM4S-A2C30H-DC24V

ManufacturerPart #DatasheetDescription
logo
3M Electronics
PM4 3M-PM4 Datasheet
347Kb / 2P
   3M??Fire Barrier Packing Material PM4
logo
List of Unclassifed Man...
PM4-C1522-XX ETC1-PM4-C1522-XX Datasheet
130Kb / 1P
   4MM CIRCULAR LENS FLEXIBLE LIGHT PIPE FLPS1522 INDICATORS
PM4-D2031-XX ETC1-PM4-D2031-XX Datasheet
118Kb / 1P
   4MM DOMED LENS FLEXIBLE LIGHT PIPE FLPS2031 INDICATORS
PM4-F2031-XX ETC1-PM4-F2031-XX Datasheet
119Kb / 1P
   4MM FLAT LENS FLEXIBLE LIGHT PIPE FLPS2031 INDICATORS
logo
Tumbler Technologies + ...
PM40-10AL TRUMPOWER-PM40-10AL Datasheet
211Kb / 2P
   40 WATT MEDICAL POWER SUPPLIES
More results

Similar Description - PM4S-A2C30H-DC24V

ManufacturerPart #DatasheetDescription
logo
SELEC Controls Pvt. Ltd
XTC5400 SELEC-XTC5400 Datasheet
154Kb / 1P
   Multifunction, Multi - Range Timer Counter
logo
FOTEK CONTROLS CO., LTD...
STPN-M1 FOTEK-STPN-M1 Datasheet
215Kb / 1P
   Multi-Range ON DELAY TIMER/FLICKER
logo
Exar Corporation
XR2242 EXAR-XR2242 Datasheet
362Kb / 5P
   Long Range Timer
logo
Omron Electronics LLC
H3AM OMRON-H3AM Datasheet
192Kb / 8P
   Mechatronic Analog Timer
logo
Renesas Technology Corp
ICM7242 RENESAS-ICM7242 Datasheet
571Kb / 11P
   Long Range Fixed Timer
logo
Exar Corporation
XR-2243 EXAR-XR-2243 Datasheet
406Kb / 5P
   Micropower Long Range Timer
logo
Intersil Corporation
ICM7242 INTERSIL-ICM7242 Datasheet
73Kb / 7P
   Long Range Fixed Timer
ICM7242 INTERSIL-ICM7242_07 Datasheet
264Kb / 10P
   Long Range Fixed Timer
ICM7242IPAZ INTERSIL-ICM7242IPAZ Datasheet
298Kb / 11P
   Long Range Fixed Timer
September 14, 2015
logo
FOTEK CONTROLS CO., LTD...
STP-2D FOTEK-STP-2D Datasheet
370Kb / 2P
   MULTI-FUNCTION DIGITAL TIMER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com