Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AB-125W50-12VD-E00-0 Datasheet(PDF) 3 Page - A-BRIGHT Inc

Part # AB-125W50-12VD-E00-0
Description  MULTI LAMPS LED BULB
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  A-BRIGHT [A-BRIGHT Inc]
Direct Link  http://www.a-bright.com.tw
Logo A-BRIGHT - A-BRIGHT Inc

AB-125W50-12VD-E00-0 Datasheet(HTML) 3 Page - A-BRIGHT Inc

  AB-125W50-12VD-E00-0 Datasheet HTML 1Page - A-BRIGHT Inc AB-125W50-12VD-E00-0 Datasheet HTML 2Page - A-BRIGHT Inc AB-125W50-12VD-E00-0 Datasheet HTML 3Page - A-BRIGHT Inc AB-125W50-12VD-E00-0 Datasheet HTML 4Page - A-BRIGHT Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
A
A
A---B
B
BR
R
RIIIG
G
GH
H
HT
TT A-BRIGHT INDUSTRIAL CO., LTD.
A-BRIGHT
5/16/2006
3
Part No.: AB-125W50-12VD-E00-0
Multi Lamps LED Bulb
FEATURE:
SUPER LUMINOSITY WHITE LED (InGaN).
WATER CLEAR PACKAGE.
5mm ALL RESIN MOLD.
BASE MODEL E10.
ELECTRIC DC.
ABSOLUTE MAXIMUM RATING: Ta = 25 ℃
PEAK OPERATE VOLTAGE........................
14 V
OPERATING TEMPERATURE...................... -25 TO +85℃
STORAGE TEMPERATURE......................... -35 TO +100℃
LED BULB LIFE……………………………….. 20000 HOURS
(LUMINANCE REDUCES to 50%)
ABSOLUTE OPTICAL CHARACTERISTIC Ta= 25℃
PARAMETER
SYMBOL
MIN
TYP
MAX
UNIT
Operate Voltage
V
-----
12
14
V
Luminous Intensity
IF= 65 mA
I V
110
130
-----
cd
X
-----
0.31
-----
Chromaticity Coordinates
IF= 65 mA
Y
-----
0.32
-----
-----
Forward Current
VIN= 12V DC
IF
-----
65
-----
mA
Viewing Angle
2
θ1/2
-----
15
-----
deg


Similar Part No. - AB-125W50-12VD-E00-0

ManufacturerPart #DatasheetDescription
logo
A-BRIGHT Inc
AB-125W50-12VD-E00-0 A-BRIGHT-AB-125W50-12VD-E00-0 Datasheet
199Kb / 4P
   MULTI LAMPS LED BULB
5/16/2006
AB-125W50-12VD-E00-0 A-BRIGHT-AB-125W50-12VD-E00-0_15 Datasheet
203Kb / 4P
   MULTI LAMPS LED BULB
More results

Similar Description - AB-125W50-12VD-E00-0

ManufacturerPart #DatasheetDescription
logo
A-BRIGHT Inc
AB-33R1-12V-E A-BRIGHT-AB-33R1-12V-E Datasheet
176Kb / 3P
   MULTI LAMPS LED BULB
2/9/2007
AB-33R1-24V-E A-BRIGHT-AB-33R1-24V-E Datasheet
176Kb / 3P
   MULTI LAMPS LED BULB
10/30/2006
AB-33TR-110V-E12 A-BRIGHT-AB-33TR-110V-E12 Datasheet
187Kb / 3P
   MULTI LAMPS LED BULB
10/30/2006
AB-33W2-12V-E A-BRIGHT-AB-33W2-12V-E Datasheet
190Kb / 4P
   MULTI LAMPS LED BULB
2/9/2007
AB-125TYA-24V0-B20-0 A-BRIGHT-AB-125TYA-24V0-B20-0 Datasheet
192Kb / 3P
   MULTI LAMPS LED BULB
11/1/2006
AB-1851G0-28VD-B1G-0 A-BRIGHT-AB-1851G0-28VD-B1G-0 Datasheet
194Kb / 3P
   MULTI LAMPS LED BULB
5/3/2007
AB-1851R0-28VD-B1G-0 A-BRIGHT-AB-1851R0-28VD-B1G-0 Datasheet
194Kb / 3P
   MULTI LAMPS LED BULB
5/3/2007
AB-33Y6-24V-E A-BRIGHT-AB-33Y6-24V-E Datasheet
183Kb / 3P
   MULTI LAMPS LED BULB
10/30/2006
AB-065B40-12V0-B1G-0 A-BRIGHT-AB-065B40-12V0-B1G-0 Datasheet
191Kb / 3P
   MULTI LAMPS LED BULB
11/1/2006
AB-65W2-4 A-BRIGHT-AB-65W2-4 Datasheet
191Kb / 4P
   MULTI LAMPS LED BULB
5/15/2006
AB-73W3-3VD-P A-BRIGHT-AB-73W3-3VD-P Datasheet
192Kb / 4P
   MULTI LAMPS LED BULB
10/30/2006
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com