Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AB-143TR-12V0-G40-B Datasheet(PDF) 3 Page - A-BRIGHT Inc

Part # AB-143TR-12V0-G40-B
Description  14 LAMPS LED BULB
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  A-BRIGHT [A-BRIGHT Inc]
Direct Link  http://www.a-bright.com.tw
Logo A-BRIGHT - A-BRIGHT Inc

AB-143TR-12V0-G40-B Datasheet(HTML) 3 Page - A-BRIGHT Inc

  AB-143TR-12V0-G40-B Datasheet HTML 1Page - A-BRIGHT Inc AB-143TR-12V0-G40-B Datasheet HTML 2Page - A-BRIGHT Inc AB-143TR-12V0-G40-B Datasheet HTML 3Page - A-BRIGHT Inc AB-143TR-12V0-G40-B Datasheet HTML 4Page - A-BRIGHT Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
A
A
A---B
B
BR
R
RIIIG
G
GH
H
HT
TT A-BRIGHT INDUSTRIAL CO., LTD.
A-BRIGHT
3
Part No.: AB-143TR-12V0-G40-B
14 Lamps LED Bulb
FEATURE:
SUPER LUMINOSITY RED LED (AlGaInP).
WATER CLEAR PACKAGE.
3mm ALL RESIN MOLD.
WIDE VIEWING ANGLE.
BASE MODEL G4.
ELECTRIC AC/DC BI-POLAR.
ABSOLUTE MAXIMUM RATING:
Ta = 25 ℃
OPERATING TEMPERATURE......................
-20 TO +80℃
STORAGE TEMPERATURE.........................
-40 TO +80℃
LED BULB LIFE………………………………..
50000 HOURS
(LUMINANCE REDUCES to 50%)
ABSOLUTE OPTICAL CHARACTERISTIC
Ta= 25℃
Lamp house Material/Parameter
Dominant
Wavelength
Luminous
Intensity
Forward
Voltage
View
Angle
Spec
LED
Diameter
Number
Emitting
Color
Min.
Typ.
Max.
Min.
Typ.
Typ.
Max.
Typ.
LED
Ø3 Round
14
Red
630
3000
4500
2.3
2.6
100


Similar Part No. - AB-143TR-12V0-G40-B

ManufacturerPart #DatasheetDescription
logo
A-BRIGHT Inc
AB-143TR-12V0-G40-B A-BRIGHT-AB-143TR-12V0-G40-B Datasheet
179Kb / 4P
   14 LAMPS LED BULB
AB-143TR-12V0-G40-B A-BRIGHT-AB-143TR-12V0-G40-B_09 Datasheet
62Kb / 4P
   14 Lamps LED Bulb
AB-143TR-12V0-G40-B A-BRIGHT-AB-143TR-12V0-G40-B_15 Datasheet
62Kb / 4P
   14 LAMPS LED BULB
More results

Similar Description - AB-143TR-12V0-G40-B

ManufacturerPart #DatasheetDescription
logo
A-BRIGHT Inc
AB-143Y0-12V0-G40-B A-BRIGHT-AB-143Y0-12V0-G40-B Datasheet
180Kb / 4P
   14 LAMPS LED BULB
AB-143R0-12V0-G40-B A-BRIGHT-AB-143R0-12V0-G40-B_15 Datasheet
62Kb / 4P
   14 LAMPS LED BULB
AB-143Y0-12V0-G40-B A-BRIGHT-AB-143Y0-12V0-G40-B_15 Datasheet
62Kb / 4P
   14 LAMPS LED BULB
AB-143G0-12V0-G40-B A-BRIGHT-AB-143G0-12V0-G40-B Datasheet
62Kb / 4P
   14 LAMPS LED BULB
AB-143SW-12V0-G40-B A-BRIGHT-AB-143SW-12V0-G40-B Datasheet
62Kb / 4P
   14 LAMPS LED BULB
AB-143G0-12V0-G40-B A-BRIGHT-AB-143G0-12V0-G40-B Datasheet
179Kb / 4P
   14 LAMPS LED BULB
AB-143W0-12V0-G40-B A-BRIGHT-AB-143W0-12V0-G40-B Datasheet
180Kb / 4P
   14 LAMPS LED BULB
AB-143TY-12V0-G40-B A-BRIGHT-AB-143TY-12V0-G40-B_15 Datasheet
62Kb / 4P
   14 LAMPS LED BULB
AB-143B0-12V0-G40-B A-BRIGHT-AB-143B0-12V0-G40-B_15 Datasheet
62Kb / 4P
   14 LAMPS LED BULB
logo
AVAGO TECHNOLOGIES LIMI...
AMMC-6232 AVAGO-AMMC-6232_15 Datasheet
1Mb / 8P
   14 LAMPS LED BULB
logo
A-BRIGHT Inc
AB-143TR-12V0-G40-B A-BRIGHT-AB-143TR-12V0-G40-B_09 Datasheet
62Kb / 4P
   14 Lamps LED Bulb
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com