Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AM4961A Datasheet(PDF) 8 Page - Diodes Incorporated

Part # AM4961A
Description  SINGLE PHASE FULL WAVE PWM MOTOR DRIVER
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AM4961A Datasheet(HTML) 8 Page - Diodes Incorporated

Back Button AM4961A Datasheet HTML 4Page - Diodes Incorporated AM4961A Datasheet HTML 5Page - Diodes Incorporated AM4961A Datasheet HTML 6Page - Diodes Incorporated AM4961A Datasheet HTML 7Page - Diodes Incorporated AM4961A Datasheet HTML 8Page - Diodes Incorporated AM4961A Datasheet HTML 9Page - Diodes Incorporated AM4961A Datasheet HTML 10Page - Diodes Incorporated AM4961A Datasheet HTML 11Page - Diodes Incorporated AM4961A Datasheet HTML 12Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 17 page
background image
AM4961A
Document number: DS36626 Rev. 1 - 2
8 of 17
www.diodes.com
October 2013
© Diodes Incorporated
AM4961A
A Product Line of
Diodes Incorporated
Performance Characteristics
Quiescent Current vs. Ambient Temperature
Quiescent Current vs. Supply Voltage
Output Saturation Voltage (High) vs. Output Current
Output Saturation Voltage (Low) vs. Output Current
Power Dissipation vs. Ambient Temperature
Power Dissipation vs. Ambient Temperature
-50
0
50
100
150
200
0
4
8
12
16
20
V
CC=12V
Rotation Mode
T
A (
OC)
4
4
6
8
8
10
12
12
14
16
16
18
0
4
8
12
16
20
V
CC (V)
T
A=25
OC
Rotation Mode
0
200
400
600
800
1000
0.0
0.5
1.0
1.5
2.0
I
OUT (mA)
V
CC=12V
0
200
400
600
800
1000
0.0
0.5
1.0
1.5
2.0
I
OUT (mA)
V
CC=12V
-20
0
20
40
60
80
100
0.0
0.2
0.4
0.6
0.8
1.0
1.2
T
A (
OC)
90
Package: HTSSOP-14
No External Heatsink
-20
0
20
40
60
80
100
120
0.0
0.2
0.4
0.6
0.8
1.0
1.2
T
A (
OC)
90
Package: SSOP-16
No External Heatsink


Similar Part No. - AM4961A

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AM4961 BCDSEMI-AM4961 Datasheet
198Kb / 16P
   SINGLE PHASE FULL WAVE DIRECT PWM MOTOR DRIVER
logo
Diodes Incorporated
AM4961 DIODES-AM4961 Datasheet
695Kb / 14P
   SINGLE PHASE FULL WAVE DIRECT PWM MOTOR DRIVER
logo
BCD Semiconductor Manuf...
AM4961G BCDSEMI-AM4961G Datasheet
198Kb / 16P
   SINGLE PHASE FULL WAVE DIRECT PWM MOTOR DRIVER
AM4961G-E1 BCDSEMI-AM4961G-E1 Datasheet
198Kb / 16P
   SINGLE PHASE FULL WAVE DIRECT PWM MOTOR DRIVER
AM4961G-G1 BCDSEMI-AM4961G-G1 Datasheet
198Kb / 16P
   SINGLE PHASE FULL WAVE DIRECT PWM MOTOR DRIVER
More results

Similar Description - AM4961A

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
LV88551 ONSEMI-LV88551 Datasheet
921Kb / 29P
   Motor Driver, Single-Phase, PWM, Full-Wave, BLDC Motor
April, 2018 ??Rev. 3
logo
Diodes Incorporated
AM4964 DIODES-AM4964 Datasheet
1Mb / 21P
   SINGLE PHASE FULL WAVE DIRECT PWM MOTOR DRIVER
AM4962 DIODES-AM4962 Datasheet
380Kb / 16P
   SINGLE PHASE FULL WAVE DIRECT PWM MOTOR DRIVER
AM9468 DIODES-AM9468 Datasheet
1Mb / 16P
   SINGLE PHASE FULL WAVE DIRECT PWM MOTOR DRIVER
May 2016
AM4963 DIODES-AM4963 Datasheet
561Kb / 16P
   Single Phase Full Wave Direct PWM Motor Driver
logo
BCD Semiconductor Manuf...
AM4961 BCDSEMI-AM4961 Datasheet
198Kb / 16P
   SINGLE PHASE FULL WAVE DIRECT PWM MOTOR DRIVER
logo
Diodes Incorporated
AM4961 DIODES-AM4961 Datasheet
695Kb / 14P
   SINGLE PHASE FULL WAVE DIRECT PWM MOTOR DRIVER
logo
BCD Semiconductor Manuf...
AM4962 BCDSEMI-AM4962 Datasheet
126Kb / 3P
   SINGLE PHASE FULL WAVE DIRECT PWM MOTOR DRIVER
AM4963 BCDSEMI-AM4963 Datasheet
53Kb / 2P
   Single Phase Full Wave Direct PWM Motor Driver
AM4962 BCDSEMI-AM4962 Datasheet
380Kb / 16P
   SINGLE PHASE FULL WAVE DIRECT PWM MOTOR DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com