Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AM4967GSTR-G1 Datasheet(PDF) 6 Page - Diodes Incorporated

Part # AM4967GSTR-G1
Description  ADJUSTABLE-SPEED SINGLE-PHASE FULL-WAVE PRE-DRIVER FOR MOTOR
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AM4967GSTR-G1 Datasheet(HTML) 6 Page - Diodes Incorporated

Back Button AM4967GSTR-G1 Datasheet HTML 2Page - Diodes Incorporated AM4967GSTR-G1 Datasheet HTML 3Page - Diodes Incorporated AM4967GSTR-G1 Datasheet HTML 4Page - Diodes Incorporated AM4967GSTR-G1 Datasheet HTML 5Page - Diodes Incorporated AM4967GSTR-G1 Datasheet HTML 6Page - Diodes Incorporated AM4967GSTR-G1 Datasheet HTML 7Page - Diodes Incorporated AM4967GSTR-G1 Datasheet HTML 8Page - Diodes Incorporated AM4967GSTR-G1 Datasheet HTML 9Page - Diodes Incorporated AM4967GSTR-G1 Datasheet HTML 10Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
ADJUSTABLE-SPEED SINGLE-PHASE FULL-WAVE PRE-DRIVER FOR MOTOR
AM4967
Data Sheet
6
Oct. 2008 Rev. 1. 2
BCD Semiconductor Manufacturing Limited
Parameter
Symbol
Value
Unit
Supply Voltage
VCC
18
V
OUT1B/OUT2B Output Current
IOUTB
20
mA
OUT1/OUT2 Sink Current
IOUT
20
mA
OUT1B/OUT2B/OUT1/OUT2
Withstand Voltage
VOUT
18
V
VPWM/VMIN Withstand Voltage
VPWM/VVMIN
7V
LS Withstand Voltage
VLS
7V
FG/RD Withstand Voltage
VFG/VRD
VCC
V
FG/RD Output Current
IFG/IRD
10
mA
VREF Output Current
IREF
20
mA
Power Dissipation (Note 2)
PD
800
mW
Storage Temperature Range
TSTG
-55 to 150
oC
ESD (Human Body Model)
ESD
2000
V
Note 1: Stresses greater than those listed under "Absolute Maximum Ratings" may cause permanent damage to the device.
These are stress ratings only, and functional operation of the device at these or any other conditions beyond those indicated
under "Recommended Operating Conditions" is not implied. Exposure to "Absolute Maximum Ratings" for extended periods
may affect device reliability.
Note 2: When mounted on the specified printed circuit board (114.3mm
×76.1mm×1.6mm, glass epoxy).
Parameter
Symbol
Min
Typ
Max
Unit
Supply Voltage
VCC
5.5
16
V
VPWM/VMIN Input Voltage
0
5
V
Hall Input Voltage
0.2
3
V
Ambient Temperature
TA
-30
105
oC
Recommended Operating Conditions
Absolute Maximum Ratings (Note 1)


Similar Part No. - AM4967GSTR-G1

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AM4967GSTR-G1 BCDSEMI-AM4967GSTR-G1 Datasheet
271Kb / 15P
   ADJUSTABLE-SPEED SINGLE-PHASE FULL-WAVE PRE-DRIVER FOR MOTOR
More results

Similar Description - AM4967GSTR-G1

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AM4967 BCDSEMI-AM4967 Datasheet
271Kb / 15P
   ADJUSTABLE-SPEED SINGLE-PHASE FULL-WAVE PRE-DRIVER FOR MOTOR
logo
Unisonic Technologies
F2967 UTC-F2967 Datasheet
226Kb / 9P
   FOR VARIABLE SPEED FAN MOTOR SINGLE-PHASE FULL-WAVE PRE-DRIVER
logo
ON Semiconductor
LB11967V-TLM-H ONSEMI-LB11967V-TLM-H Datasheet
105Kb / 9P
   For Variable Speed Fan Motor Single-Phase Full-Wave Pre-Driver
May, 2013
logo
Sanyo Semicon Device
LB11967V SANYO-LB11967V Datasheet
158Kb / 9P
   For Variable Speed Fan Motor Single-Phase Full-Wave Pre-Driver
logo
Unisonic Technologies
F2967 UTC-F2967_15 Datasheet
226Kb / 9P
   FOR VARIABLE SPEED FAN MOTOR SINGLE-PHASE FULL-WAVE PRE-DRIVER
logo
Sanyo Semicon Device
LB11867RV SANYO-LB11867RV_11 Datasheet
370Kb / 9P
   For Fan Motor Variable Speed Single-phase Full-wave Pre-driver
logo
ON Semiconductor
LB11967V-TLM-E ONSEMI-LB11967V-TLM-E Datasheet
105Kb / 9P
   For Variable Speed Fan Motor Single-Phase Full-Wave Pre-Driver
May, 2013
logo
Sanyo Semicon Device
LB11867FV SANYO-LB11867FV_11 Datasheet
220Kb / 9P
   For Fan Motor Variable Speed Single-phase Full-wave Pre-driver
logo
Unisonic Technologies
F2967 UTC-F2967_18 Datasheet
199Kb / 9P
   FOR VARIABLE SPEED FAN MOTOR SINGLE-PHASE FULL-WAVE PRE-DRIVER
logo
Rohm
BD6718FV ROHM-BD6718FV Datasheet
252Kb / 6P
   Single-Phase Full-Wave Motor Pre-Driver for Fan Motor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com