Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AM4967RGSTR-G1 Datasheet(PDF) 8 Page - Diodes Incorporated

Part # AM4967RGSTR-G1
Description  ADJUSTABLE-SPEED SINGLE-PHASE FULL-WAVE PRE-DRIVER FOR MOTOR
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AM4967RGSTR-G1 Datasheet(HTML) 8 Page - Diodes Incorporated

Back Button AM4967RGSTR-G1 Datasheet HTML 4Page - Diodes Incorporated AM4967RGSTR-G1 Datasheet HTML 5Page - Diodes Incorporated AM4967RGSTR-G1 Datasheet HTML 6Page - Diodes Incorporated AM4967RGSTR-G1 Datasheet HTML 7Page - Diodes Incorporated AM4967RGSTR-G1 Datasheet HTML 8Page - Diodes Incorporated AM4967RGSTR-G1 Datasheet HTML 9Page - Diodes Incorporated AM4967RGSTR-G1 Datasheet HTML 10Page - Diodes Incorporated AM4967RGSTR-G1 Datasheet HTML 11Page - Diodes Incorporated AM4967RGSTR-G1 Datasheet HTML 12Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
ADJUSTABLE-SPEED SINGLE-PHASE FULL-WAVE PRE-DRIVER FOR MOTOR
AM4967
Data Sheet
8
Oct. 2008 Rev. 1. 2
BCD Semiconductor Manufacturing Limited
Typical Performance Characteristics
Figure 4. Supply Current vs. Supply Voltage
Figure 5. Supply Current vs. Ambient Temperature
Figure 6. Reference Voltage vs. Ambient Temperature
Figure 7. Reference Voltage vs. Output Current
-40
-30
-20
-10
0
1020
304050
60
70
80
0
2
4
6
8
10
12
14
16
Ambient Temperature (
OC)
V
CC
=12V
-40 -30 -20 -10
0
10
2030
40
506070
80
90
3.5
4.0
4.5
5.0
5.5
6.0
Ambient Temperature (
OC)
V
CC
=12V
I
OUT
=5mA
0
2
4
6
8
10121416
1820
2.5
3.0
3.5
4.0
4.5
5.0
5.5
6.0
6.5
7.0
7.5
Output Current (mA)
V
CC
=12V
T
A
=25
OC
2
4
6
8
101214
16
18
4
6
8
10
12
14
16
Supply Voltage (V)
T
A
=25°C


Similar Part No. - AM4967RGSTR-G1

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AM4967RGSTR-G1 BCDSEMI-AM4967RGSTR-G1 Datasheet
271Kb / 15P
   ADJUSTABLE-SPEED SINGLE-PHASE FULL-WAVE PRE-DRIVER FOR MOTOR
More results

Similar Description - AM4967RGSTR-G1

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AM4967 BCDSEMI-AM4967 Datasheet
271Kb / 15P
   ADJUSTABLE-SPEED SINGLE-PHASE FULL-WAVE PRE-DRIVER FOR MOTOR
logo
Unisonic Technologies
F2967 UTC-F2967 Datasheet
226Kb / 9P
   FOR VARIABLE SPEED FAN MOTOR SINGLE-PHASE FULL-WAVE PRE-DRIVER
logo
ON Semiconductor
LB11967V-TLM-H ONSEMI-LB11967V-TLM-H Datasheet
105Kb / 9P
   For Variable Speed Fan Motor Single-Phase Full-Wave Pre-Driver
May, 2013
logo
Sanyo Semicon Device
LB11967V SANYO-LB11967V Datasheet
158Kb / 9P
   For Variable Speed Fan Motor Single-Phase Full-Wave Pre-Driver
logo
Unisonic Technologies
F2967 UTC-F2967_15 Datasheet
226Kb / 9P
   FOR VARIABLE SPEED FAN MOTOR SINGLE-PHASE FULL-WAVE PRE-DRIVER
logo
Sanyo Semicon Device
LB11867RV SANYO-LB11867RV_11 Datasheet
370Kb / 9P
   For Fan Motor Variable Speed Single-phase Full-wave Pre-driver
logo
ON Semiconductor
LB11967V-TLM-E ONSEMI-LB11967V-TLM-E Datasheet
105Kb / 9P
   For Variable Speed Fan Motor Single-Phase Full-Wave Pre-Driver
May, 2013
logo
Sanyo Semicon Device
LB11867FV SANYO-LB11867FV_11 Datasheet
220Kb / 9P
   For Fan Motor Variable Speed Single-phase Full-wave Pre-driver
logo
Unisonic Technologies
F2967 UTC-F2967_18 Datasheet
199Kb / 9P
   FOR VARIABLE SPEED FAN MOTOR SINGLE-PHASE FULL-WAVE PRE-DRIVER
logo
Rohm
BD6718FV ROHM-BD6718FV Datasheet
252Kb / 6P
   Single-Phase Full-Wave Motor Pre-Driver for Fan Motor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com