Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AM4951MP-G1 Datasheet(PDF) 9 Page - Diodes Incorporated

Part # AM4951MP-G1
Description  BTL Drive Single-phase Full-wave Fan Motor Driver
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AM4951MP-G1 Datasheet(HTML) 9 Page - Diodes Incorporated

Back Button AM4951MP-G1 Datasheet HTML 5Page - Diodes Incorporated AM4951MP-G1 Datasheet HTML 6Page - Diodes Incorporated AM4951MP-G1 Datasheet HTML 7Page - Diodes Incorporated AM4951MP-G1 Datasheet HTML 8Page - Diodes Incorporated AM4951MP-G1 Datasheet HTML 9Page - Diodes Incorporated AM4951MP-G1 Datasheet HTML 10Page - Diodes Incorporated AM4951MP-G1 Datasheet HTML 11Page - Diodes Incorporated AM4951MP-G1 Datasheet HTML 12Page - Diodes Incorporated AM4951MP-G1 Datasheet HTML 13Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
Data Sheet
BTL Drive Single-phase Full-wave Fan Motor Driver
AM4951/R/2
Apr. 2012
Rev. 1. 4
BCD Semiconductor Manufacturing Limited
9
Typical Application
Note 2: Adding D1 can protect the IC from destruction by reverse connection. If D1 is used, it is necessary to
insert a capacitor C1 to provide a regenerative current route. Similarly, if there is no nearby capacitor on the fan
power supply line, C1 will also be necessary to improve reliability. Its capacity should be larger than 2.2
µF.
Note 3: If the Hall sensor bias is taken from VCC, A 1/2 VCC bias, as shown in the figure must be used. Adjusting
the value of R1 and R2 may achieve better startup characteristics and efficiency, even quiet operation.
Note 4: This pin must be left open if unused.
Note 5: If the line between Hall sensor output and Hall sensor input of IC is long, the noise may occur in this line.
But it can be eliminated by adding a capacitor C3.
Note 6: Each of R2, R3, R4 and R5 (AM4951/R only) is recommended to be 51k
Ω typical. R1 is recommended
to be 2k and must be added when VCC is larger than 20V.
Note 7: The package of AH920 is SOT-23-3. If it is packaged in TO-92S-3,please exchange IN- with IN+.
Figure 9. Typical Application of AM4951/R


Similar Part No. - AM4951MP-G1

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AM4951MP-G1 BCDSEMI-AM4951MP-G1 Datasheet
180Kb / 3P
   BTL Drive Single-phase Full-wave Fan Motor Driver
AM4951MP-G1 BCDSEMI-AM4951MP-G1 Datasheet
404Kb / 14P
   BTL Drive Single-phase Full-wave Fan Motor Driver
More results

Similar Description - AM4951MP-G1

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AM4951MM-G1 BCDSEMI-AM4951MM-G1 Datasheet
404Kb / 14P
   BTL Drive Single-phase Full-wave Fan Motor Driver
logo
Sanyo Semicon Device
LA6595T SANYO-LA6595T Datasheet
77Kb / 4P
   BTL Drive Single-Phase Full-Wave Fan Motor Driver
logo
ON Semiconductor
LA6595DM ONSEMI-LA6595DM Datasheet
170Kb / 5P
   BTL Drive Single-Phase Full-Wave Fan Motor Driver
January, 2014
logo
BCD Semiconductor Manuf...
AM4951 BCDSEMI-AM4951 Datasheet
180Kb / 3P
   BTL Drive Single-phase Full-wave Fan Motor Driver
logo
Diodes Incorporated
AM4953 DIODES-AM4953 Datasheet
497Kb / 16P
   BTL Drive Single-phase Full-wave Fan Motor Driver
logo
BCD Semiconductor Manuf...
AM4953 BCDSEMI-AM4953 Datasheet
459Kb / 16P
   BTL Drive Single-phase Full-wave Fan Motor Driver
logo
ON Semiconductor
ENA1443 ONSEMI-ENA1443 Datasheet
77Kb / 4P
   BTL Drive Single-Phase Full-Wave Fan Motor Driver
May, 2013
logo
Sanyo Semicon Device
LA6581T SANYO-LA6581T Datasheet
91Kb / 5P
   BTL Driver Single-Phase Full-Wave Fan Motor Driver
logo
ON Semiconductor
LA6583MC-AH ONSEMI-LA6583MC-AH Datasheet
66Kb / 5P
   Fan Motor Driver BTL Driver Single-Phase Full-Wave
May, 2013
logo
Sanyo Semicon Device
LA6581CL SANYO-LA6581CL_09 Datasheet
71Kb / 5P
   Fan Motor Driver BTL Driver Single-Phase Full-Wave
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com