Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AP3844GP-G1 Datasheet(PDF) 11 Page - Diodes Incorporated

Part # AP3844GP-G1
Description  GREEN MODE PWM CONTROLLER
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP3844GP-G1 Datasheet(HTML) 11 Page - Diodes Incorporated

Back Button AP3844GP-G1 Datasheet HTML 6Page - Diodes Incorporated AP3844GP-G1 Datasheet HTML 7Page - Diodes Incorporated AP3844GP-G1 Datasheet HTML 8Page - Diodes Incorporated AP3844GP-G1 Datasheet HTML 9Page - Diodes Incorporated AP3844GP-G1 Datasheet HTML 10Page - Diodes Incorporated AP3844GP-G1 Datasheet HTML 11Page - Diodes Incorporated AP3844GP-G1 Datasheet HTML 12Page - Diodes Incorporated AP3844GP-G1 Datasheet HTML 13Page - Diodes Incorporated AP3844GP-G1 Datasheet HTML 14Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
GREEN MODE PWM CONTROLLER
AP384XG
Data Sheet
11
Jul. 2013 Rev. 2. 0
BCD Semiconductor Manufacturing Limited
Mechanical Dimensions
SOIC-8
Unit: mm(inch)
0 °
8 °
1 °
7 °
R0.150(0.006)
1.000(0. 039)
0.300(0. 012)
0.510(0. 020)
1.350(0. 053)
1.750(0. 069)
0.100(0. 004)
0.300(0. 012)
0.900(0. 035)
3.800(0. 150)
4.000(0. 157)
7 °
7 °
20:1
D
1.270(0. 050)
TYP
0.150(0. 006)
0.250(0. 010)
8 °
D
5.800(0. 228)
6.200(0. 244)
0.675(0. 027)
0.725(0. 029)
0.320(0. 013)
8 °
0.450(0. 017)
0.800(0. 031)
4.700(0.185)
5.100(0.201)
Note: Eject hole , oriented hole and mold mark is optional.
Option 1
Option 1
Option 2
0.350(0. 014)
TYP
TYP
TYP
TYP


Similar Part No. - AP3844GP-G1

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AP3844GP-E1 BCDSEMI-AP3844GP-E1 Datasheet
161Kb / 13P
   GREEN MODE PWM CONTROLLER
More results

Similar Description - AP3844GP-G1

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AP3102M-G1 BCDSEMI-AP3102M-G1 Datasheet
1Mb / 17P
   GREEN MODE PWM CONTROLLER
logo
Stanson Technology
ST8835 STANSON-ST8835 Datasheet
816Kb / 13P
   Green-Mode PWM Controller
logo
Diodes Incorporated
AP3127 DIODES-AP3127 Datasheet
441Kb / 13P
   GREEN MODE PWM CONTROLLER
logo
Bookly Micro electronic
BM0853 BOOKLY-BM0853 Datasheet
972Kb / 11P
   Green-Mode PWM Controller
logo
Diodes Incorporated
AP3102 DIODES-AP3102 Datasheet
617Kb / 14P
   GREEN MODE PWM CONTROLLER
logo
SYNC POWER Crop.
SP6850 SYNC-POWER-SP6850 Datasheet
258Kb / 10P
   Green-Mode PWM Controller
logo
Diodes Incorporated
AP3101 DIODES-AP3101 Datasheet
378Kb / 12P
   GREEN MODE PWM CONTROLLER
logo
Stanson Technology
ST6850 STANSON-ST6850 Datasheet
137Kb / 10P
   Green-Mode PWM Controller
logo
Diodes Incorporated
AP3125B DIODES-AP3125B Datasheet
479Kb / 12P
   GREEN MODE PWM CONTROLLER
AP31251 DIODES-AP31251 Datasheet
412Kb / 13P
   GREEN MODE PWM CONTROLLER
Rev. 2 - 2 December 2019
logo
List of Unclassifed Man...
LD7550 ETC1-LD7550 Datasheet
216Kb / 10P
   Green-Mode PWM Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com