Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AH1897-FA-7 Datasheet(PDF) 1 Page - Diodes Incorporated

Part # AH1897-FA-7
Description  HIGH SENSITIVITY MICROPOWER OMNIPLOAR HALL-EFFECT SWITCH
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AH1897-FA-7 Datasheet(HTML) 1 Page - Diodes Incorporated

  AH1897-FA-7 Datasheet HTML 1Page - Diodes Incorporated AH1897-FA-7 Datasheet HTML 2Page - Diodes Incorporated AH1897-FA-7 Datasheet HTML 3Page - Diodes Incorporated AH1897-FA-7 Datasheet HTML 4Page - Diodes Incorporated AH1897-FA-7 Datasheet HTML 5Page - Diodes Incorporated AH1897-FA-7 Datasheet HTML 6Page - Diodes Incorporated AH1897-FA-7 Datasheet HTML 7Page - Diodes Incorporated AH1897-FA-7 Datasheet HTML 8Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
AH1897
Document number: DS36470 Rev. 1 - 2
1 of 8
www.diodes.com
August 2013
© Diodes Incorporated
AH1897
HIGH SENSITIVITY MICROPOWER
OMNIPLOAR HALL-EFFECT SWITCH
Description
The AH1897 is a high sensitivity micropower Omnipolar Hall effect
switch IC with an internal pull up and pull down capability. Designed
for portable and battery powered equipment such as cellular phones
and portable PCs, the average supply current is only 4.3µA at 1.85V.
To support portable equipment the AH1897 can operate over the
supply range of 1.6V to 3.6V and uses a hibernating clocking system
to minimize the power consumption. To minimize PCB space the
AH1897 is available in a small low profile X1-DFN1216-4 package.
The output is activated with either a North or South pole of sufficient
magnetic field strength. When the magnetic flux density (B)
perpendicular to the package is larger than operate point (Bop), the
output will be turned on (pulled low). The output is turned off when
B becomes lower than the release point (Brp). The output will remain
off when there is no magnetic field.
Features
Omnipolar Operation (North or South Pole)
Supply Voltage of 1.6V to 3.6V
Micropower Operation
Chopper Stabilized Design Provides:
Superior Temperature Stability
Minimal Switch Point Drift
Enhanced Immunity to Physical Stress
No External Pull-up Resistors Required
Good RF Noise Immunity
-40°C to +85°C Operating Temperature
Small Low Profile X1-DFN1216-4 Package
Totally Lead-Free & Fully RoHS Compliant (Notes 1 & 2)
Halogen and Antimony Free. “Green” Device (Note 3)
Pin Assignments
(Top View)
X1-DFN1216-4
Applications
Cover or Display Switch in Portable PCs
Open and Close Detect for Cellular Phones
Holster or Cover Detect for Cellular Phones and Tablet PCs
Digital Still, Video Cameras and Handheld Gaming Consoles
Contact-Less Switches
Notes:
1. No purposely added lead. Fully EU Directive 2002/95/EC (RoHS) & 2011/65/EU (RoHS 2) compliant.
2. See http://www.diodes.com/quality/lead_free.html for more information about Diodes Incorporated’s definitions of Halogen- and Antimony-free, "Green"
and Lead-free.
3. Halogen- and Antimony-free "Green” products are defined as those which contain <900ppm bromine, <900ppm chlorine (<1500ppm total Br + Cl) and
<1000ppm antimony compounds.
Typical Applications Circuit
Note:
4. CIN is for power stabilization and to strengthen the noise immunity, the recommended capacitance is 100nF typical.


Similar Part No. - AH1897-FA-7

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AH1897S DIODES-AH1897S Datasheet
476Kb / 12P
   LOW-VOLTAGE, HIGH-SENSITIVITY HALL EFFECT LATCH SWITCH
December 2022 Rev. 1 - 2
More results

Similar Description - AH1897-FA-7

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AH1902 DIODES-AH1902 Datasheet
466Kb / 10P
   HIGH SENSITIVITY MICROPOWER OMNIPLOAR HALL-EFFECT SWITCH
AH1902 DIODES-AH1902_16 Datasheet
563Kb / 11P
   HIGH SENSITIVITY MICROPOWER OMNIPLOAR HALL-EFFECT SWITCH
AH1895 DIODES-AH1895 Datasheet
308Kb / 10P
   MEDIUM SENSITIVITY MICROPOWER OMNIPLOAR HALL-EFFECT SWITCH
AH1807 DIODES-AH1807_15 Datasheet
685Kb / 13P
   MEDIUM SENSITIVITY MICROPOWER OMNIPLOAR HALL-EFFECT SWITCH
AH1809 DIODES-AH1809_15 Datasheet
624Kb / 13P
   LOW SENSITIVITY MICROPOWER OMNIPLOAR HALL-EFFECT SWITCH
logo
BCD Semiconductor Manuf...
AH9248 BCDSEMI-AH9248 Datasheet
111Kb / 2P
   High Sensitivity Micropower Omnipolar Hall-Effect Switch
logo
Nanjing Ouzhuo Technolo...
OH9248 OHHALLSENSOR-OH9248 Datasheet
227Kb / 5P
   High Sensitivity Micropower Omnipolar Hall-Effect Switch
logo
BCD Semiconductor Manuf...
AH9249 BCDSEMI-AH9249_11 Datasheet
333Kb / 14P
   High Sensitivity Micropower Omnipolar Hall-Effect Switch
logo
Diodes Incorporated
AH1808 DIODES-AH1808 Datasheet
372Kb / 9P
   HIGH SENSITIVITY MICROPOWER OMNIPOLAR HALL-EFFECT SWITCH
logo
Nanjing Ouzhuo Technolo...
OH9249 OHHALLSENSOR-OH9249 Datasheet
194Kb / 4P
   High Sensitivity Micropower Omnipolar Hall-Effect Switch
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com