Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AH1894 Datasheet(PDF) 8 Page - Diodes Incorporated

Part # AH1894
Description  PROGRAMMABLE HIGH SENSITIVITY MICROPOWER OMNIPOLAR HALL-EFFECT SWITCH
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AH1894 Datasheet(HTML) 8 Page - Diodes Incorporated

Back Button AH1894 Datasheet HTML 4Page - Diodes Incorporated AH1894 Datasheet HTML 5Page - Diodes Incorporated AH1894 Datasheet HTML 6Page - Diodes Incorporated AH1894 Datasheet HTML 7Page - Diodes Incorporated AH1894 Datasheet HTML 8Page - Diodes Incorporated AH1894 Datasheet HTML 9Page - Diodes Incorporated AH1894 Datasheet HTML 10Page - Diodes Incorporated AH1894 Datasheet HTML 11Page - Diodes Incorporated AH1894 Datasheet HTML 12Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
AH1894
Document number: DS35741 Rev. 1 - 2
8 of 13
www.diodes.com
July 2013
© Diodes Incorporated
AH1894
Typical Operating Characteristics (cont.)
Typical Switch Points Characteristics in Low Band (BSEL = Low) and High Band (BSEL = High)
Average Supply Current IDD (avg)
-60
-50
-40
-30
-20
-10
0
10
20
30
40
50
60
-50
-25
0
25
50
75
100
Temperature (°C)
Switch Points vs Temperature
VDD = 3.60V, BSEL = Low (GND)
Brpn
Bops
Bopn
Brps
Bhy
-60
-50
-40
-30
-20
-10
0
10
20
30
40
50
60
-50
-25
0
255075
100
Temperature (°C)
Switch Points vs Temperature
VDD = 3.60V, BSEL = High (VDD)
Brpn
Bops
Bopn
Brps
Bhy
0
1
2
3
4
5
6
7
8
9
10
-50
-25
0
255075
100
Temperature (°C)
Average Supply Current vs. Temperature
3.6V
1.6V
1.85V
VDD = 1.60V to 3.60V
0
1
2
3
4
5
6
7
8
9
10
1.5
1.8
2.1
2.4
2.7
3
3.3
3.6
3.9
Supply voltage (V)
Average Supply Current vs. Supply Voltage
TA = +25 °C
Brpn
Bops
Bhy
Bopn
Brps


Similar Part No. - AH1894

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AH1891 DIODES-AH1891 Datasheet
256Kb / 7P
   MINIATURE MICROPOWER OMNIPOLAR HALL EFFECT SWITCH
AH1891-CA4-7 DIODES-AH1891-CA4-7 Datasheet
256Kb / 7P
   MINIATURE MICROPOWER OMNIPOLAR HALL EFFECT SWITCH
AH1892 DIODES-AH1892 Datasheet
299Kb / 11P
   PROGRAMMABLE MICROPOWER OMNIPOLAR HALL-EFFECT SENSOR SWITCH
AH1892-CD4-7 DIODES-AH1892-CD4-7 Datasheet
299Kb / 11P
   PROGRAMMABLE MICROPOWER OMNIPOLAR HALL-EFFECT SENSOR SWITCH
AH1892-Z-7 DIODES-AH1892-Z-7 Datasheet
299Kb / 11P
   PROGRAMMABLE MICROPOWER OMNIPOLAR HALL-EFFECT SENSOR SWITCH
More results

Similar Description - AH1894

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AH9249 DIODES-AH9249 Datasheet
333Kb / 14P
   High Sensitivity Micropower Omnipolar Hall-Effect Switch
AH1806 DIODES-AH1806_18 Datasheet
564Kb / 12P
   HIGH SENSITIVITY MICROPOWER OMNIPOLAR HALL-EFFECT SWITCH
AH1812 DIODES-AH1812_15 Datasheet
482Kb / 8P
   HIGH SENSITIVITY MICROPOWER OMNIPOLAR HALL-EFFECT SWITCH
logo
BCD Semiconductor Manuf...
AH9248 BCDSEMI-AH9248 Datasheet
111Kb / 2P
   High Sensitivity Micropower Omnipolar Hall-Effect Switch
logo
Nanjing Ouzhuo Technolo...
OH9248 OHHALLSENSOR-OH9248 Datasheet
227Kb / 5P
   High Sensitivity Micropower Omnipolar Hall-Effect Switch
logo
BCD Semiconductor Manuf...
AH9249 BCDSEMI-AH9249_11 Datasheet
333Kb / 14P
   High Sensitivity Micropower Omnipolar Hall-Effect Switch
logo
Diodes Incorporated
AH1808 DIODES-AH1808 Datasheet
372Kb / 9P
   HIGH SENSITIVITY MICROPOWER OMNIPOLAR HALL-EFFECT SWITCH
logo
Nanjing Ouzhuo Technolo...
OH9249 OHHALLSENSOR-OH9249 Datasheet
194Kb / 4P
   High Sensitivity Micropower Omnipolar Hall-Effect Switch
logo
Diodes Incorporated
AH9250 DIODES-AH9250 Datasheet
450Kb / 10P
   HIGH SENSITIVITY MICROPOWER OMNIPOLAR HALL-EFFECT SWITCH
AH9247 DIODES-AH9247 Datasheet
723Kb / 16P
   High Sensitivity Micropower Omnipolar Hall-Effect Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com