Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AH1893 Datasheet(PDF) 4 Page - Diodes Incorporated

Part # AH1893
Description  HIGH SENSITIVITY MICROPOWER OMNIPOLAR HALL-EFFECT SWITCH
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AH1893 Datasheet(HTML) 4 Page - Diodes Incorporated

  AH1893 Datasheet HTML 1Page - Diodes Incorporated AH1893 Datasheet HTML 2Page - Diodes Incorporated AH1893 Datasheet HTML 3Page - Diodes Incorporated AH1893 Datasheet HTML 4Page - Diodes Incorporated AH1893 Datasheet HTML 5Page - Diodes Incorporated AH1893 Datasheet HTML 6Page - Diodes Incorporated AH1893 Datasheet HTML 7Page - Diodes Incorporated AH1893 Datasheet HTML 8Page - Diodes Incorporated AH1893 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
AH1893
Document number: DS35740 Rev. 1 - 2
4 of 10
www.diodes.com
July 2013
© Diodes Incorporated
AH1893
Magnetic Characteristics (Note 9 &10) (TA = +25°C, VDD = 1.85V, unless otherwise specified)
(1mT=10 Gauss)
Symbol
Characteristics
Test Condition
Min
Typ
Max
Unit
Bops (south pole to part marking side)
Operation Point
TA = +25C
16
30
42
Gauss
TA = -40°C to +85C
14
30
46
Bopn (north pole to part marking side)
TA = +25C
-42
-30
-16
TA = -40°C to +85C
-46
-30
-14
Brps (south pole to part marking side)
Release Point
TA = +25C
10
20
35
TA = -40°C to +85C
9
20
39
Brpn (north pole to part marking side)
TA = +25C
-35
-20
-10
TA = -40°C to +85C
-39
-20
-9
Bhy (|Bopx|-|Brpx|)
Hysteresis (Note 11)
TA = +25C
5
10
15
TA = -40°C to +85C
-
10
-
Notes:
9. Typical data is at TA = +25C, VDD = 1.85V.
10. Maximum and minimum parameters values over the operating temperature range are not tested in production, they are guaranteed by design, process
control and characterization. The magnetic characteristics may vary with supply voltage, operating temperature and after soldering.
11. Maximum and minimum hysteresis is guaranteed by design and characterization.


Similar Part No. - AH1893

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AH1891 DIODES-AH1891 Datasheet
256Kb / 7P
   MINIATURE MICROPOWER OMNIPOLAR HALL EFFECT SWITCH
AH1891-CA4-7 DIODES-AH1891-CA4-7 Datasheet
256Kb / 7P
   MINIATURE MICROPOWER OMNIPOLAR HALL EFFECT SWITCH
AH1892 DIODES-AH1892 Datasheet
299Kb / 11P
   PROGRAMMABLE MICROPOWER OMNIPOLAR HALL-EFFECT SENSOR SWITCH
AH1892-CD4-7 DIODES-AH1892-CD4-7 Datasheet
299Kb / 11P
   PROGRAMMABLE MICROPOWER OMNIPOLAR HALL-EFFECT SENSOR SWITCH
AH1892-Z-7 DIODES-AH1892-Z-7 Datasheet
299Kb / 11P
   PROGRAMMABLE MICROPOWER OMNIPOLAR HALL-EFFECT SENSOR SWITCH
More results

Similar Description - AH1893

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AH9249 DIODES-AH9249 Datasheet
333Kb / 14P
   High Sensitivity Micropower Omnipolar Hall-Effect Switch
AH1806 DIODES-AH1806_18 Datasheet
564Kb / 12P
   HIGH SENSITIVITY MICROPOWER OMNIPOLAR HALL-EFFECT SWITCH
AH1812 DIODES-AH1812_15 Datasheet
482Kb / 8P
   HIGH SENSITIVITY MICROPOWER OMNIPOLAR HALL-EFFECT SWITCH
logo
BCD Semiconductor Manuf...
AH9248 BCDSEMI-AH9248 Datasheet
111Kb / 2P
   High Sensitivity Micropower Omnipolar Hall-Effect Switch
logo
Nanjing Ouzhuo Technolo...
OH9248 OHHALLSENSOR-OH9248 Datasheet
227Kb / 5P
   High Sensitivity Micropower Omnipolar Hall-Effect Switch
logo
BCD Semiconductor Manuf...
AH9249 BCDSEMI-AH9249_11 Datasheet
333Kb / 14P
   High Sensitivity Micropower Omnipolar Hall-Effect Switch
logo
Diodes Incorporated
AH1808 DIODES-AH1808 Datasheet
372Kb / 9P
   HIGH SENSITIVITY MICROPOWER OMNIPOLAR HALL-EFFECT SWITCH
logo
Nanjing Ouzhuo Technolo...
OH9249 OHHALLSENSOR-OH9249 Datasheet
194Kb / 4P
   High Sensitivity Micropower Omnipolar Hall-Effect Switch
logo
Diodes Incorporated
AH9250 DIODES-AH9250 Datasheet
450Kb / 10P
   HIGH SENSITIVITY MICROPOWER OMNIPOLAR HALL-EFFECT SWITCH
AH9247 DIODES-AH9247 Datasheet
723Kb / 16P
   High Sensitivity Micropower Omnipolar Hall-Effect Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com