Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AH477AZ4-BG1 Datasheet(PDF) 4 Page - Diodes Incorporated

Part # AH477AZ4-BG1
Description  SINGLE PHASE HALL EFFECT LATCH
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AH477AZ4-BG1 Datasheet(HTML) 4 Page - Diodes Incorporated

  AH477AZ4-BG1 Datasheet HTML 1Page - Diodes Incorporated AH477AZ4-BG1 Datasheet HTML 2Page - Diodes Incorporated AH477AZ4-BG1 Datasheet HTML 3Page - Diodes Incorporated AH477AZ4-BG1 Datasheet HTML 4Page - Diodes Incorporated AH477AZ4-BG1 Datasheet HTML 5Page - Diodes Incorporated AH477AZ4-BG1 Datasheet HTML 6Page - Diodes Incorporated AH477AZ4-BG1 Datasheet HTML 7Page - Diodes Incorporated AH477AZ4-BG1 Datasheet HTML 8Page - Diodes Incorporated AH477AZ4-BG1 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
SINGLE PHASE HALL EFFECT LATCH
AH477A
4
Oct. 2009 Rev. 1. 2
BCD Semiconductor Manufacturing Limited
Data Sheet
Parameter
Symbol
Value
Unit
Supply Voltage
VCC
20
V
Magnetic Flux Density
B
Unlimited
Gauss
Output Current
Continuous
IO
250
mA
Hold
300
mA
Peak (start up)
600
mA
Power Dissipation
PD
550
mW
Thermal Resistance
Die to atmosphere
θJA
227
oC/W
Die to package case
θJC
49
oC/W
Storage Temperature
TSTG
-50 to 150
oC
ESD (Machine Model)
600
V
ESD (Human Body Model)
6000
V
Note 1: Stresses greater than those listed under "Absolute Maximum Ratings" may cause permanent damage to the device.
These are stress ratings only, and functional operation of the device at these or any other conditions beyond those indicated
under "Recommended Operating Conditions" is not implied. "Absolute Maximum Ratings" for extended period may affect
device reliability.
Parameter
Symbol
Min
Max
Unit
Supply Voltage
VCC
3.5
18
V
Frequency (PWM Power)
f
0.1
25
kHz
Ambient Temperature
TA
-20
85
oC
Recommended Operating Conditions
Absolute Maximum Ratings (Note 1)
(TA=25oC)
(TA=25oC)


Similar Part No. - AH477AZ4-BG1

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AH477AZ4-BG1 BCDSEMI-AH477AZ4-BG1 Datasheet
590Kb / 10P
   SINGLE PHASE HALL EFFECT LATCH
More results

Similar Description - AH477AZ4-BG1

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AH375-WLA DIODES-AH375-WLA Datasheet
183Kb / 9P
   SINGLE PHASE HALL EFFECT LATCH
logo
Anachip Corp
AH375 ANACHIP-AH375_1 Datasheet
183Kb / 6P
   Single Phase Hall Effect Latch
logo
BCD Semiconductor Manuf...
AH477 BCDSEMI-AH477 Datasheet
54Kb / 2P
   SINGLE PHASE HALL EFFECT LATCH
AH477 BCDSEMI-AH477_09 Datasheet
588Kb / 10P
   SINGLE PHASE HALL EFFECT LATCH
logo
Diodes Incorporated
AH375-WL-7 DIODES-AH375-WL-7 Datasheet
183Kb / 9P
   SINGLE PHASE HALL EFFECT LATCH
logo
BCD Semiconductor Manuf...
AH477A BCDSEMI-AH477A Datasheet
590Kb / 10P
   SINGLE PHASE HALL EFFECT LATCH
logo
Diodes Incorporated
AH375 DIODES-AH375 Datasheet
183Kb / 9P
   SINGLE PHASE HALL EFFECT LATCH
logo
Anachip Corp
AH375 ANACHIP-AH375 Datasheet
196Kb / 6P
   Single Phase Hall Effect Latch
logo
Diodes Incorporated
AH374 DIODES-AH374 Datasheet
520Kb / 12P
   SINGLE PHASE HALL EFFECT LATCH
AH5798_1006 DIODES-AH5798_1006 Datasheet
202Kb / 11P
   SINGLE PHASE HALL EFFECT LATCH SMART
DS32001 Rev. 2 - 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com