Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AH211Z4-AE1 Datasheet(PDF) 6 Page - Diodes Incorporated

Part # AH211Z4-AE1
Description  TWO PHASE HALL EFFECT LATCH WITH FG OUTPUT
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AH211Z4-AE1 Datasheet(HTML) 6 Page - Diodes Incorporated

Back Button AH211Z4-AE1 Datasheet HTML 2Page - Diodes Incorporated AH211Z4-AE1 Datasheet HTML 3Page - Diodes Incorporated AH211Z4-AE1 Datasheet HTML 4Page - Diodes Incorporated AH211Z4-AE1 Datasheet HTML 5Page - Diodes Incorporated AH211Z4-AE1 Datasheet HTML 6Page - Diodes Incorporated AH211Z4-AE1 Datasheet HTML 7Page - Diodes Incorporated AH211Z4-AE1 Datasheet HTML 8Page - Diodes Incorporated AH211Z4-AE1 Datasheet HTML 9Page - Diodes Incorporated AH211Z4-AE1 Datasheet HTML 10Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
TWO PHASE HALL EFFECT LATCH WITH FG OUTPUT
AH211
6
Feb. 2010 Rev. 1. 7
BCD Semiconductor Manufacturing Limited
Data Sheet
Figure 4. Basic Test Circuit
Magnetic Characteristics (Continued)
N
S
Marking Side
Figure 5. VDO vs. Magnetic Flux Density
Figure 6. VDOB vs. Magnetic Flux Density
-40
-20
0
20
40
2
4
6
8
10
12
14
16
DOB (V)
V
SAT
V
CC
Magnetic Flux Density B (Gauss)
-40
-20
0
20
40
2
4
6
8
10
12
14
16
DO (V)
V
SAT
V
CC
Magnetic Flux Density B (Gauss)
AH211
FG
DO
DOB
GND
12
3
4
+14V
DO (V
OUT1)
DOB (V
OUT2)
R2
R3
1k
1k
C2
C3
10pF 10pF
R1
1k
C1
10pF
FG (V
FG)


Similar Part No. - AH211Z4-AE1

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AH211Z4-AE1 BCDSEMI-AH211Z4-AE1 Datasheet
191Kb / 11P
   TWO PHASE HALL EFFECT LATCH WITH FG OUTPUT
More results

Similar Description - AH211Z4-AE1

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AH211 BCDSEMI-AH211 Datasheet
191Kb / 11P
   TWO PHASE HALL EFFECT LATCH WITH FG OUTPUT
logo
Anachip Corp
ATS278 ANACHIP-ATS278 Datasheet
210Kb / 6P
   Two Phase Hall Effect Latch With FG Output
logo
BCD Semiconductor Manuf...
AH287 BCDSEMI-AH287 Datasheet
333Kb / 12P
   TWO PHASE HALL EFFECT LATCH WITH LOCKED PROTECTION
AH287 BCDSEMI-AH287_09 Datasheet
596Kb / 12P
   TWO PHASE HALL EFFECT LATCH WITH LOCKED PROTECTION
logo
Allegro MicroSystems
APS12400 ALLEGRO-APS12400 Datasheet
1Mb / 19P
   Two-Wire Hall-Effect Latch
logo
Unisonic Technologies
UH211 UTC-UH211 Datasheet
204Kb / 5P
   HIGH SENSITIVITY HALL EFFECT SENSOR IC WITH FG OUTPUT
H1277 UTC-H1277_11 Datasheet
186Kb / 5P
   HIGH SENSITIVITY HALL EFFECT SENSOR IC WITH FG OUTPUT
logo
Anpec Electronics Corop...
APX9145 ANPEC-APX9145 Datasheet
155Kb / 10P
   High Sensitivity Hall Effect Sensor IC with FG Output
logo
Unisonic Technologies
H1277 UTC-H1277 Datasheet
191Kb / 5P
   HIGH SENSITIVITY HALL EFFECT SENSOR IC WITH FG OUTPUT
logo
Allegro MicroSystems
APS12800 ALLEGRO-APS12800 Datasheet
1Mb / 18P
   Two-Wire Hall-Effect Latch with Advanced Diagnostics
March 24, 2020
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com