Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AH49FZ3-G1 Datasheet(PDF) 3 Page - Diodes Incorporated

Part # AH49FZ3-G1
Description  LINEAR HALL EFFECT IC
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AH49FZ3-G1 Datasheet(HTML) 3 Page - Diodes Incorporated

  AH49FZ3-G1 Datasheet HTML 1Page - Diodes Incorporated AH49FZ3-G1 Datasheet HTML 2Page - Diodes Incorporated AH49FZ3-G1 Datasheet HTML 3Page - Diodes Incorporated AH49FZ3-G1 Datasheet HTML 4Page - Diodes Incorporated AH49FZ3-G1 Datasheet HTML 5Page - Diodes Incorporated AH49FZ3-G1 Datasheet HTML 6Page - Diodes Incorporated AH49FZ3-G1 Datasheet HTML 7Page - Diodes Incorporated AH49FZ3-G1 Datasheet HTML 8Page - Diodes Incorporated AH49FZ3-G1 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
AH49F
Document number: DS36518
Rev. 2 - 2
3 of 12
www.diodes.com
June 2014
© Diodes Incorporated
AH49F
A Product Line of
Diodes Incorporated
Absolute Maximum Ratings (Note 6)
Symbol
Parameter
Rating
Unit
VCC
Supply Voltage
10
V
VCC_INST
Instantaneous Supply Voltage
50
V
PD
Power Dissipation
TO-92S
400
mW
SC59
230
U-DFN2020-6
230
TA
Ambient Temperature
-40 to +125
°C
TSTG
Storage Temperature
-50 to +150
°C
ESD (Human Body Model)
6000
V
ESD (Machine Model)
600
V
Note 6:
Stresses greater than those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and
functional operation of the device at these or any other conditions beyond those indicated under “Recommended Operating Conditions” is not implied.
Exposure to “Absolute Maximum Ratings” for extended periods may affect device reliability.
Recommended Operating Conditions (@TA = +25°C)
Symbol
Parameter
Min
Max
Unit
VCC
Supply Voltage
3
8
V
TOP
Operating Temperature
-40
+105
°C
Electrical Characteristics (@VCC = 5V, TA = +25°C, unless otherwise specified.)
Symbol
Parameters
Conditions
Min
Typ
Max
Unit
ICC
Supply Current
2
3
4
mA
VNULL
Quiescent Output Voltage
B = 0 (Gauss)
2.25
2.5
2.75
V
VSEN
Output Voltage Sensitivity
B = 0 to ±600 (Gauss)
1.7
2.1
2.5
mV/Gauss
VOUT_S
Output Voltage Span
1.0 to (VCC -1.0)
0.8 to (VCC -0.8)
V
ROUT
Output Resistor
60
120
Ω
B
Linear Magnetic Range
±500
±800
Gauss
Linearity of Span
0.7
%
Output Noise
Bandwidth=10Hz to 10kHz
90
μV


Similar Part No. - AH49FZ3-G1

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AH49F BCDSEMI-AH49F Datasheet
294Kb / 10P
   LINEAR HALL EFFECT IC Miniature Construction
logo
Zhaoxingwei Electronics...
AH49FNTR-G1 ZHAOXINGWEI-AH49FNTR-G1 Datasheet
1,018Kb / 9P
   Linear Hall-Effect IC
logo
Diodes Incorporated
AH49FQ DIODES-AH49FQ Datasheet
814Kb / 9P
   LINEAR HALL EFFECT IC
January 2023 Rev. 1 - 2
AH49FQ-W-7 DIODES-AH49FQ-W-7 Datasheet
814Kb / 9P
   LINEAR HALL EFFECT IC
January 2023 Rev. 1 - 2
More results

Similar Description - AH49FZ3-G1

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AH49H DIODES-AH49H Datasheet
421Kb / 10P
   LINEAR HALL EFFECT IC
logo
BCD Semiconductor Manuf...
AH49E BCDSEMI-AH49E Datasheet
133Kb / 8P
   LINEAR HALL-EFFECT IC
logo
Diodes Incorporated
AH49FQ DIODES-AH49FQ Datasheet
814Kb / 9P
   LINEAR HALL EFFECT IC
January 2023 Rev. 1 - 2
AH49E DIODES-AH49E Datasheet
601Kb / 10P
   LINEAR HALL-EFFECT IC
logo
Nanjing Ouzhuo Technolo...
OH49E OHHALLSENSOR-OH49E Datasheet
238Kb / 3P
   LINEAR HALL-EFFECT IC
OH49F-S OHHALLSENSOR-OH49F-S Datasheet
189Kb / 4P
   LINEAR HALL-EFFECT IC
OH49F OHHALLSENSOR-OH49F Datasheet
155Kb / 3P
   LINEAR HALL-EFFECT IC
logo
Zhaoxingwei Electronics...
AH49FNTR-G1 ZHAOXINGWEI-AH49FNTR-G1 Datasheet
1,018Kb / 9P
   Linear Hall-Effect IC
logo
Winson Semiconductor Co...
WSH138 WINSON-WSH138 Datasheet
256Kb / 5P
   Linear Hall Effect Sensor IC
logo
Micronas
HAL411 MICRONAS-HAL411 Datasheet
1Mb / 18P
   Linear Hall-Effect Sensor IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com