Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PO74G16241A Datasheet(PDF) 2 Page - Potato Semiconductor Corporation

Part # PO74G16241A
Description  16-BIT BUFFERS/ DRIVERS WITH 3-STATE OUTPUTS
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POTATO [Potato Semiconductor Corporation]
Direct Link  http://www.potatosemi.com
Logo POTATO - Potato Semiconductor Corporation

PO74G16241A Datasheet(HTML) 2 Page - Potato Semiconductor Corporation

  PO74G16241A_14 Datasheet HTML 1Page - Potato Semiconductor Corporation PO74G16241A_14 Datasheet HTML 2Page - Potato Semiconductor Corporation PO74G16241A_14 Datasheet HTML 3Page - Potato Semiconductor Corporation PO74G16241A_14 Datasheet HTML 4Page - Potato Semiconductor Corporation PO74G16241A_14 Datasheet HTML 5Page - Potato Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Maximum Ratings
DC Electrical Characteristics
Symbol
Description
Test Conditions
Min
Typ
Max
Unit
VOH
Output High voltage
Vcc=3V Vin=VIH or VIL, IOH= -12mA
2.4
3
-
V
VOL
Output Low voltage
Vcc=3V Vin=VIH or VIL, IOH=12mA
-
0.3
0.5
V
VIH
Input High voltage
Guaranteed Logic HIGH Level (Input Pin)
2
-
5.5
V
VIL
Input Low voltage
Guaranteed Logic LOW Level (Input Pin)
-0.5
-
0.8
V
IIH
Input High current
Vcc = 3.6V and Vin = 5.5V
-
-
1
uA
IIL
Input Low current
Vcc = 3.6V and Vin = 0V
-
-
-1
uA
VIK
Clamp diode voltage
Vcc = Min. And
IIN = -18mA
-
-0.7
-1.2
V
Notes:
1. For conditions shown as Max. or Min., use appropriate value specified under Electrical Characteristics for the applicable device type.
2.
Typical values are at Vcc = 3.3V, 25 °C ambient.
3.
This parameter is guaranteed but not tested.
4.
Not more than one output should be shorted at one time. Duration of the test should not exceed one second.
5.
VoH = Vcc – 0.6V at rated current
Description
Max
Unit
Storage Temperature
-65 to 150
°C
Operation Temperature
-40 to 85
°C
Operation Voltage
-0.5 to +4.6
V
Input Voltage
-0.5 to +5.5
V
Output Voltage
-0.5 to Vcc+0.5
V
Note:
stresses greater than listed under
Maximum
Ratings
may
cause
permanent damage to the device. This
is a stress rating only and functional
operation of the device at these or any
other conditions above those indicated
in the operational sections of this
specification is not implied. Exposure
to absolute maximum rating conditions
for extended periods may affect
reliability specification is not implied.
16-BIT BUFFERS/ DRIVERS WITH 3-STATE OUTPUTS
74 Series Noise Cancellation GHz Logic
2
01/01/10
Potato Semiconductor Corporation
PO74G16241A
www.potatosemi.com


Similar Part No. - PO74G16241A_14

ManufacturerPart #DatasheetDescription
logo
Potato Semiconductor Co...
PO74G16241ASR POTATO-PO74G16241ASR Datasheet
514Kb / 6P
   16-BIT BUFFERS/ DRIVERS WITH 3-STATE OUTPUTS
PO74G16241ASU POTATO-PO74G16241ASU Datasheet
514Kb / 6P
   16-BIT BUFFERS/ DRIVERS WITH 3-STATE OUTPUTS
More results

Similar Description - PO74G16241A_14

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
74ACT16241 TI-74ACT16241 Datasheet
106Kb / 6P
[Old version datasheet]   16-BIT BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
SN54AHC16244 TI-SN54AHC16244 Datasheet
219Kb / 12P
[Old version datasheet]   16-BIT BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
SN54AHC16540 TI-SN54AHC16540 Datasheet
116Kb / 7P
[Old version datasheet]   16-BIT BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
SN54AHC16541 TI-SN54AHC16541 Datasheet
116Kb / 7P
[Old version datasheet]   16-BIT BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
SN54AHCT16541 TI-SN54AHCT16541 Datasheet
97Kb / 6P
[Old version datasheet]   16-BIT BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
SN54ABT16540 TI1-SN54ABT16540_09 Datasheet
306Kb / 9P
[Old version datasheet]   16-BIT BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
SN54ABTH16244 TI1-SN54ABTH16244_14 Datasheet
537Kb / 14P
[Old version datasheet]   16-BIT BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
logo
Renesas Technology Corp
HD74ALVCH16244 RENESAS-HD74ALVCH16244_15 Datasheet
151Kb / 11P
   16-bit Buffers / Drivers with 3-state Outputs
logo
Texas Instruments
SN54AHCT16541 TI-SN54AHCT16541_07 Datasheet
332Kb / 12P
[Old version datasheet]   16-BIT BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
SN54AHCT16244 TI-SN54AHCT16244_08 Datasheet
344Kb / 13P
[Old version datasheet]   16-BIT BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
SN54AHCT16240 TI-SN54AHCT16240_08 Datasheet
374Kb / 13P
[Old version datasheet]   16-BIT BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com