Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PO74G16244 Datasheet(PDF) 4 Page - Potato Semiconductor Corporation

Part # PO74G16244
Description  16-BIT BUFFER / LINE DRIVERS WITH 3-STATE OUTPUTS
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POTATO [Potato Semiconductor Corporation]
Direct Link  http://www.potatosemi.com
Logo POTATO - Potato Semiconductor Corporation

PO74G16244 Datasheet(HTML) 4 Page - Potato Semiconductor Corporation

  PO74G16244_14 Datasheet HTML 1Page - Potato Semiconductor Corporation PO74G16244_14 Datasheet HTML 2Page - Potato Semiconductor Corporation PO74G16244_14 Datasheet HTML 3Page - Potato Semiconductor Corporation PO74G16244_14 Datasheet HTML 4Page - Potato Semiconductor Corporation PO74G16244_14 Datasheet HTML 5Page - Potato Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Test Waveforms
Test Circuit
50
50
500
500
50pF
to
2pF
16-BIT BUFFER / LINE DRIVERS WITH 3-STATE OUTPUTS
74 Series Noise Cancellation GHz Logic
4
01/01/10
Potato Semiconductor Corporation
PO74G16244A
www.potatosemi.com


Similar Part No. - PO74G16244_14

ManufacturerPart #DatasheetDescription
logo
Potato Semiconductor Co...
PO74G16244A POTATO-PO74G16244A Datasheet
512Kb / 6P
   16-Bit Buffer/Line Driver with 3-State Outputs
PO74G16244ASR POTATO-PO74G16244ASR Datasheet
512Kb / 6P
   16-Bit Buffer/Line Driver with 3-State Outputs
PO74G16244ASU POTATO-PO74G16244ASU Datasheet
512Kb / 6P
   16-Bit Buffer/Line Driver with 3-State Outputs
More results

Similar Description - PO74G16244_14

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HD74LVC16244A16 HITACHI-HD74LVC16244A16 Datasheet
50Kb / 8P
   16-bit Buffers / Line Drivers with 3-state Outputs
HD74LVC16540 HITACHI-HD74LVC16540 Datasheet
51Kb / 8P
   16-bit Buffers / Line Drivers with 3-state Outputs
logo
Texas Instruments
54AC16244 TI-54AC16244_07 Datasheet
335Kb / 12P
[Old version datasheet]   16-BIT BUFFERS/LINE DRIVERS WITH 3-STATE OUTPUTS
logo
Hitachi Semiconductor
HD74LVCZ16240A HITACHI-HD74LVCZ16240A Datasheet
54Kb / 11P
   16-bit Buffers / Line Drivers with 3-state Outputs
HD74LVCZ16244A HITACHI-HD74LVCZ16244A Datasheet
53Kb / 11P
   16-bit Buffers / Line Drivers with 3-state Outputs
logo
Texas Instruments
54AC16244 TI-54AC16244 Datasheet
125Kb / 10P
[Old version datasheet]   16-BIT BUFFERS/LINE DRIVERS WITH 3-STATE OUTPUTS
logo
Hitachi Semiconductor
HD74LVC16241 HITACHI-HD74LVC16241 Datasheet
47Kb / 9P
   16-bit Buffers / Line Drivers with 3-state Outputs
HD74LVC16541 HITACHI-HD74LVC16541 Datasheet
50Kb / 8P
   16-bit Buffers / Line Drivers with 3-state Outputs
logo
Texas Instruments
SN54ACT16244 TI-SN54ACT16244 Datasheet
110Kb / 7P
[Old version datasheet]   16-BIT BUFFERS/LINE DRIVERS WITH 3-STATE OUTPUTS
SN74ACT16244DGGR TI-SN74ACT16244DGGR Datasheet
520Kb / 14P
[Old version datasheet]   16-BIT BUFFERS/LINE DRIVERS WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com