Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A1222 Datasheet(PDF) 9 Page - Allegro MicroSystems

Part # A1222
Description  Chopper Stabilized Precision Hall Effect Latches
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

A1222 Datasheet(HTML) 9 Page - Allegro MicroSystems

Back Button A1222 Datasheet HTML 5Page - Allegro MicroSystems A1222 Datasheet HTML 6Page - Allegro MicroSystems A1222 Datasheet HTML 7Page - Allegro MicroSystems A1222 Datasheet HTML 8Page - Allegro MicroSystems A1222 Datasheet HTML 9Page - Allegro MicroSystems A1222 Datasheet HTML 10Page - Allegro MicroSystems A1222 Datasheet HTML 11Page - Allegro MicroSystems A1222 Datasheet HTML 12Page - Allegro MicroSystems A1222 Datasheet HTML 13Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
Chopper Stabilized Precision Hall Effect Latches
A1220, A1221,
A1222, and A1223
9
Allegro MicroSystems, LLC
115 Northeast Cutoff
Worcester, Massachusetts 01615-0036 U.S.A.
1.508.853.5000; www.allegromicro.com
Operate Point versus Temperature
150
140
130
120
110
100
90
80
70
-70
-80
-90
-100
-110
-120
-130
-140
-150
-60
-40
-20
0
20
40
60
80
100 120 140 160
TA (°C)
Operate Point versus Supply Voltage
180
170
160
150
140
130
120
110
100
90
80
70
-70
-80
-90
-100
-110
-120
-130
-140
-150
-160
-170
-180
2
6
10
14
18
22
26
VCC (V)
Release Point versus Temperature
-60
-40
-20
0
20
40
60
80
100 120 140 160
TA (°C)
Release Point versus Supply Voltage
2
6
10
14
18
22
26
VCC (V)
Switchpoint Hysteresis versus Temperature
300
280
260
240
220
200
180
160
140
-60
-40
-20
0
20
40
60
80
100 120 140 160
TA (°C)
Switchpoint Hysteresis versus Supply Voltage
2
6
10
14
18
22
26
VCC (V)
300
280
260
240
220
200
180
160
140
2.6
24
(V)
2.6
24
(V)
2.6
24
(V)
150
-40
25
(°C)
150
-40
25
(°C)
150
-40
25
(°C)
A1222 Magnetic Characteristics


Similar Part No. - A1222

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
A1222 ALLEGRO-A1222 Datasheet
288Kb / 13P
   Chopper Stabilized Precision Hall Effect Latches
A1222 ALLEGRO-A1222 Datasheet
295Kb / 14P
   Chopper Stabilized Precision Hall Effect Latches
A1222 ALLEGRO-A1222 Datasheet
307Kb / 16P
   The A1220, A1221, A1222, and A1223 Hall-effect sensor ICs are extremely temperature-stable and stress-resistant devices especially suited for operation over extended temperature ranges to 150째C.
A1222ELHLT-T ALLEGRO-A1222ELHLT-T Datasheet
288Kb / 13P
   Chopper Stabilized Precision Hall Effect Latches
A1222ELHLT-T ALLEGRO-A1222ELHLT-T Datasheet
295Kb / 14P
   Chopper Stabilized Precision Hall Effect Latches
More results

Similar Description - A1222

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
A3280ELHL ALLEGRO-A3280ELHL Datasheet
266Kb / 11P
   CHOPPER-STABILIZED, PRECISION HALL-EFFECT LATCHES
A1220 ALLEGRO-A1220_10 Datasheet
295Kb / 14P
   Chopper Stabilized Precision Hall Effect Latches
A3290 ALLEGRO-A3290 Datasheet
219Kb / 9P
   Chopper Stabilized, Precision Hall Effect Latches
3280 ALLEGRO-3280 Datasheet
197Kb / 12P
   CHOPPER-STABILIZED, PRECISION HALL-EFFECT LATCHES
A1220 ALLEGRO-A1220 Datasheet
288Kb / 13P
   Chopper Stabilized Precision Hall Effect Latches
A3283LLHLT ALLEGRO-A3283LLHLT Datasheet
584Kb / 13P
   Chopper-Stabilized, Precision Hall-Effect Latches
A1220 ALLEGRO-A1220_16 Datasheet
833Kb / 16P
   Chopper-Stabilized Precision Hall-Effect Latches
3280 ALLEGRO-3280_03 Datasheet
343Kb / 12P
   CHOPPER-STABILIZED, PRECISION HALL-EF FECT LATCHES
A1120 ALLEGRO-A1120 Datasheet
237Kb / 9P
   Chopper Stabilized Precision Hall Effect Switches
A3240ELTTR-T ALLEGRO-A3240ELTTR-T Datasheet
440Kb / 11P
   Chopper-Stabilized, Precision Hall-Effect Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com