Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A1220EUA-T Datasheet(PDF) 6 Page - Allegro MicroSystems

Part # A1220EUA-T
Description  Chopper Stabilized Precision Hall Effect Latches
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

A1220EUA-T Datasheet(HTML) 6 Page - Allegro MicroSystems

Back Button A1220EUA-T Datasheet HTML 2Page - Allegro MicroSystems A1220EUA-T Datasheet HTML 3Page - Allegro MicroSystems A1220EUA-T Datasheet HTML 4Page - Allegro MicroSystems A1220EUA-T Datasheet HTML 5Page - Allegro MicroSystems A1220EUA-T Datasheet HTML 6Page - Allegro MicroSystems A1220EUA-T Datasheet HTML 7Page - Allegro MicroSystems A1220EUA-T Datasheet HTML 8Page - Allegro MicroSystems A1220EUA-T Datasheet HTML 9Page - Allegro MicroSystems A1220EUA-T Datasheet HTML 10Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
Chopper Stabilized Precision Hall Effect Latches
A1220, A1221,
A1222, and A1223
6
Allegro MicroSystems, LLC
115 Northeast Cutoff
Worcester, Massachusetts 01615-0036 U.S.A.
1.508.853.5000; www.allegromicro.com
Average Supply Current (On) versus Temperature
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
6.0
-60
-40
-20
0
20
40
60
80
100 120 140 160
TA (°C)
Average Supply Current (On) versus Supply Voltage
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
6.0
2
6
10
14
18
22
26
VCC (V)
Average Supply Current (Off) versus Temperature
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
6.0
-60
-40
-20
0
20
40
60
80
100 120 140 160
TA (°C)
Average Supply Current (Off) versus Supply Voltage
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
6.0
2
6
10
14
18
22
26
VCC (V)
Saturation Voltage versus Temperature
0
50
100
150
200
250
300
-60
-40
-20
0
20
40
60
80
100 120 140 160
TA (°C)
2.6V
3.0V
3.8V
4.2V
12V
24V
Saturation Voltage versus Supply Voltage
0
50
100
150
200
250
300
0
2
4
6
8
1012
14161820222426
VCC (V)
3.0V
3.8V
4.2V
12V
24V
150°C
-40°C
25°C
150°C
-40°C
25°C
150°C
-40°C
25°C
3.0V
3.8V
4.2V
12V
24V
Characteristic Performance
A1220, A1221, A1222, and A1223 Electrical Characteristics


Similar Part No. - A1220EUA-T

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
A1220EUA-T ALLEGRO-A1220EUA-T Datasheet
288Kb / 13P
   Chopper Stabilized Precision Hall Effect Latches
A1220EUA-T ALLEGRO-A1220EUA-T Datasheet
295Kb / 14P
   Chopper Stabilized Precision Hall Effect Latches
A1220EUA-T ALLEGRO-A1220EUA-T Datasheet
833Kb / 16P
   Chopper-Stabilized Precision Hall-Effect Latches
More results

Similar Description - A1220EUA-T

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
A3280ELHL ALLEGRO-A3280ELHL Datasheet
266Kb / 11P
   CHOPPER-STABILIZED, PRECISION HALL-EFFECT LATCHES
A1220 ALLEGRO-A1220_10 Datasheet
295Kb / 14P
   Chopper Stabilized Precision Hall Effect Latches
A3290 ALLEGRO-A3290 Datasheet
219Kb / 9P
   Chopper Stabilized, Precision Hall Effect Latches
3280 ALLEGRO-3280 Datasheet
197Kb / 12P
   CHOPPER-STABILIZED, PRECISION HALL-EFFECT LATCHES
A1220 ALLEGRO-A1220 Datasheet
288Kb / 13P
   Chopper Stabilized Precision Hall Effect Latches
A3283LLHLT ALLEGRO-A3283LLHLT Datasheet
584Kb / 13P
   Chopper-Stabilized, Precision Hall-Effect Latches
A1220 ALLEGRO-A1220_16 Datasheet
833Kb / 16P
   Chopper-Stabilized Precision Hall-Effect Latches
3280 ALLEGRO-3280_03 Datasheet
343Kb / 12P
   CHOPPER-STABILIZED, PRECISION HALL-EF FECT LATCHES
A1120 ALLEGRO-A1120 Datasheet
237Kb / 9P
   Chopper Stabilized Precision Hall Effect Switches
A3240ELTTR-T ALLEGRO-A3240ELTTR-T Datasheet
440Kb / 11P
   Chopper-Stabilized, Precision Hall-Effect Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com