Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A29010L-55UF Datasheet(PDF) 5 Page - AMIC Technology

Part # A29010L-55UF
Description  128K X 8 Bit CMOS 5.0 Volt-only, Uniform Sector Flash Memory
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMICC [AMIC Technology]
Direct Link  http://www.amictechnology.com
Logo AMICC - AMIC Technology

A29010L-55UF Datasheet(HTML) 5 Page - AMIC Technology

  A29010L-55UF Datasheet HTML 1Page - AMIC Technology A29010L-55UF Datasheet HTML 2Page - AMIC Technology A29010L-55UF Datasheet HTML 3Page - AMIC Technology A29010L-55UF Datasheet HTML 4Page - AMIC Technology A29010L-55UF Datasheet HTML 5Page - AMIC Technology A29010L-55UF Datasheet HTML 6Page - AMIC Technology A29010L-55UF Datasheet HTML 7Page - AMIC Technology A29010L-55UF Datasheet HTML 8Page - AMIC Technology A29010L-55UF Datasheet HTML 9Page - AMIC Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 29 page
background image
A29010 Series
(July, 2012, Version 1.5)
4
AMIC Technology, Corp.
Absolute Maximum Ratings*
Ambient Operating Temperature . ……………..-55
°C to + 125°C
Storage Temperature
…………………………-65
°C to + 125°C
Ground to VCC
……………………………………..-2.0V to 7.0V
Output Voltage (Note 1) ……………………………-2.0V to 7.0V
A9 &
OE (Note 2) …………………………………..-2.0V to 12.5V
All other pins (Note 1)……………………………….. -2.0V to 7.0V
Output Short Circuit Current (Note 3) ……………………. 200mA
Notes:
1. Minimum DC voltage on input or I/O pins is -0.5V. During
voltage transitions, inputs may undershoot VSS to -2.0V for
periods of up to 20ns. Maximum DC voltage on output and
I/O pins is VCC +0.5V. During voltage transitions, outputs
may overshoot to VCC +2.0V for periods up to 20ns.
2. Minimum DC input voltage on A9 pins is -0.5V. During
voltage transitions, A9 and
OE may overshoot VSS to -2.0V
for periods of up to 20ns. Maximum DC input voltage on A9
and
OE is +12.5V which may overshoot to 13.5V for
periods up to 20ns.
3. No more than one output is shorted at a time. Duration of
the short circuit should not be greater than one second.
*Comments
Stresses above those listed under "Absolute Maximum Ratings"
may cause permanent damage to this device. These are stress
ratings only. Functional operation of this device at these or any
other conditions above those indicated in the operational
sections of these specification is not implied or intended.
Exposure to the absolute maximum rating conditions for
extended periods may affect device reliability.
Operating Ranges
Commercial (C) Devices
Ambient Temperature (TA) . . . . ……... . . . . . . . . . 0
°C to +70°C
Operating Ranges:
Extended Range Device
Ambient Temperature(TA)………………………..…-40
°C to 85°C
VCC Supply Voltages
VCC for
± 10% devices . . . . . . . . . . ………. . . . +4.5V to +5.5V
Operating ranges define those limits between which the
functionally of the device is guaranteed.
Device Bus Operations
This section describes the requirements and use of the device
bus operations, which are initiated through the internal
command register. The command register itself does not
occupy any addressable memory location. The register is
composed of latches that store the commands, along with the
address and data information needed to execute the command.
The contents of the register serve as inputs to the internal state
machine. The state machine outputs dictate the function of the
device. The appropriate device bus operations table lists the
inputs and control levels required, and the resulting output. The
following subsections describe each of these operations in
further detail.
Table 1. A29010 Device Bus Operations
Operation
CE
OE
WE
A0 – A16
I/O0 - I/O7
Read
L
L
H
AIN
DOUT
Write
L
H
L
AIN
DIN
CMOS Standby
VCC
± 0.5 V
X
X
X
High-Z
TTL Standby
H
X
X
X
High-Z
Output Disable
L
H
H
X
High-Z
Legend:
L = Logic Low = VIL, H = Logic High = VIH, VID = 12.0
± 0.5V, X = Don't Care, DIN = Data In, DOUT = Data Out, AIN = Address In


Similar Part No. - A29010L-55UF

ManufacturerPart #DatasheetDescription
logo
AMIC Technology
A29010L-55 AMICC-A29010L-55 Datasheet
288Kb / 30P
   128K X 8 Bit CMOS 5.0 Volt-only, Uniform Sector Flash Memory
More results

Similar Description - A29010L-55UF

ManufacturerPart #DatasheetDescription
logo
AMIC Technology
A29010B AMICC-A29010B Datasheet
351Kb / 30P
   128K X 8 Bit CMOS 5.0 Volt-only, Uniform Sector Flash Memory
logo
Alliance Semiconductor ...
AS29CF010-55CCIN ALSC-AS29CF010-55CCIN Datasheet
600Kb / 28P
   128K X 8 Bit CMOS 5.0 Volt-only, Uniform Sector Flash Memory
logo
AMIC Technology
A29010 AMICC-A29010 Datasheet
288Kb / 30P
   128K X 8 Bit CMOS 5.0 Volt-only, Uniform Sector Flash Memory
A29512A AMICC-A29512A Datasheet
293Kb / 31P
   64K X 8 Bit CMOS 5.0 Volt-only, Uniform Sector Flash Memory
A29512 AMICC-A29512 Datasheet
293Kb / 31P
   64K X 8 Bit CMOS 5.0 Volt-only, Uniform Sector Flash Memory
A29040B AMICC-A29040B Datasheet
392Kb / 29P
   512K X 8 Bit CMOS 5.0 Volt-only, Uniform Sector Flash Memory
A29040D AMICC-A29040D Datasheet
392Kb / 29P
   512K X 8 Bit CMOS 5.0 Volt-only,Uniform Sector Flash Memory
A29040A AMICC-A29040A Datasheet
285Kb / 30P
   512K X 8 Bit CMOS 5.0 Volt-only, Uniform Sector Flash Memory
A29040 AMICC-A29040 Datasheet
288Kb / 30P
   512K X 8 Bit CMOS 5.0 Volt-only, Uniform Sector Flash Memory
A29001B AMICC-A29001B Datasheet
387Kb / 33P
   128K X 8 Bit CMOS 5.0 Volt-only,Boot Sector Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com