Electronic Components Datasheet Search |
|
A29010-70F Datasheet(PDF) 6 Page - AMIC Technology |
|
A29010-70F Datasheet(HTML) 6 Page - AMIC Technology |
6 / 29 page A29010 Series (July, 2012, Version 1.5) 5 AMIC Technology, Corp. Requirements for Reading Array Data To read array data from the outputs, the system must drive the CE and OE pins to VIL. CE is the power control and selects the device. OE is the output control and gates array data to the output pins. WE should remain at VIH all the time during read operation. The internal state machine is set for reading array data upon device power-up, or after a hardware reset. This ensures that no spurious alteration of the memory content occurs during the power transition. No command is necessary in this mode to obtain array data. Standard microprocessor read cycles that assert valid addresses on the device address inputs produce valid data on the device data outputs. The device remains enabled for read access until the command register contents are altered. See "Reading Array Data" for more information. Refer to the AC Read Operations table for timing specifications and to the Read Operations Timings diagram for the timing waveforms, lCC1 in the DC Characteristics table represents the active current specification for reading array data. Writing Commands/Command Sequences To write a command or command sequence (which includes programming data to the device and erasing sectors of memory), the system must drive WE and CE to VIL, and OE to VIH. An erase operation can erase one sector, multiple sectors, or the entire device. The Sector Address Tables indicate the address range that each sector occupies. A "sector address" consists of the address inputs required to uniquely select a sector. See the "Command Definitions" section for details on erasing a sector or the entire chip, or suspending/resuming the erase operation. After the system writes the autoselect command sequence, the device enters the autoselect mode. The system can then read autoselect codes from the internal register (which is separate from the memory array) on I/O7 - I/O0. Standard read cycle timings apply in this mode. Refer to the "Autoselect Mode" and "Autoselect Command Sequence" sections for more information. ICC2 in the Characteristics table represents the active current specification for the write mode. The "AC Characteristics" section contains timing specification tables and timing diagrams for write operations. Program and Erase Operation Status During an erase or program operation, the system may check the status of the operation by reading the status bits on I/O7 - I/O0. Standard read cycle timings and ICC read specifications apply. Refer to "Write Operation Status" for more information, and to each AC Characteristics section for timing diagrams. Standby Mode When the system is not reading or writing to the device, it can place the device in the standby mode. In this mode, current consumption is greatly reduced, and the outputs are placed in the high impedance state, independent of the OE input. The device enters the CMOS standby mode when the CE is held at VCC ± 0.5V. (Note that this is a more restricted voltage range than VIH.) The device enters the TTL standby mode when CE is held at VIH. The device requires the standard access time (tCE) before it is ready to read data. If the device is deselected during erasure or programming, the device draws active current until the operation is completed. ICC3 in the DC Characteristics tables represents the standby current specification. Output Disable Mode When the OE input is at VIH, output from the device is disabled. The output pins are placed in the high impedance state. Table 2. A29010 Block Sector Address Table Sector A16 A15 Sector Size (Kbytes) Address Range SA0 0 0 32 00000h - 07FFFh SA1 0 1 32 08000h - 0FFFFh SA2 1 0 32 10000h - 17FFFh SA3 1 1 32 18000h - 1FFFFh |
Similar Part No. - A29010-70F |
|
Similar Description - A29010-70F |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |