Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AAC22FSLN Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # AAC22FSLN
Description  DUAL-EDGE .100 PITCH CONNECTOR
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AAC22FSLN Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  AAC22FSLN Datasheet HTML 1Page - List of Unclassifed Manufacturers AAC22FSLN Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Pb
RoHS COMPLIANT
.425 10.80
_ _C _ _ FSLD
D
2X
.125
THRU
3.18
C
_ _C _ _ FSLN
_ _C _ _ FSLI
THREADED INSERT
2X #4-40
D
D
C
B
A
A
B
C
D
1
2
3
4
5
6
7
8
8
7
6
5
4
3
2
1
E
F
E
F
DIMENSIONS ARE IN INCHES[MM]
TOLERANCES:
ANGULAR: 30'
.XX= .02 [.508]
.XXX= .005 [.1270]
.XXXX= .0005 [.0127]
SURFACE FINISH: 63 Ra
REMOVE ALL BURRS AND SHARP EDGES .010 MAX
INTERPRET DIMENSIONS AND GEOMETRIC
TOLERANCING
PER: ANSI Y14.5M-1994
UNLESS OTHERWISE SPECIFIED:
DATE
NAME
DRAWN
SIZE
C
DWG. NO.
REV
SHEET 2 OF 2
SCALE: 2:1
TT
C10823
-
THE INFORMATION HEREIN CONTAINS
PROPIETARY INFORMATION OF
SULLINS ELECTRONICS AND IS NOT
TO BE REPRODUCED, USED OR
DISCLOSED TO OTHERS FOR ANY
PURPOSE EXCEPT AS SPECIFICALLY
AUTHORIZED IN WRITING BY AN
OFFICER OF SULLINS ELECTRONICS.
DUAL-EDGE .100" PITCH CONNECTOR
_ _C_ _FSL_
FILE NAME: Y:\R&D\single Level Dual Female\C10823, _ _C_ _FSL_, DUAL-EDGE CONNECTOR PRINT: 11/5/2010
DESCRIPTION
5-26-2010
PART NUMBER
CUSTOMER COPY


Similar Part No. - AAC22FSLN

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AAC20 ETC2-AAC20 Datasheet
233Kb / 6P
   R챕f. AA15, AAC16, AAC20, AB15, ABC16, ABC20, ABD16, ABD20, AEB16, AEB20
AAC20 ETC2-AAC20 Datasheet
233Kb / 6P
   Positive resin, blue coloured bleue, without marbling
AAC242 ETC2-AAC242 Datasheet
206Kb / 8P
   Current Mode PWM Contoller
AAC242A.D8A.G.LF ETC2-AAC242A.D8A.G.LF Datasheet
206Kb / 8P
   Current Mode PWM Contoller
AAC242A.F8A.G.LF.W ETC2-AAC242A.F8A.G.LF.W Datasheet
206Kb / 8P
   Current Mode PWM Contoller
More results

Similar Description - AAC22FSLN

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0015444545 MOLEX1-0015444545 Datasheet
76Kb / 1P
   CONNECTOR. VERT. MOUNT , DUAL ROW TOP ENTRY . 100 X . 100 PC
logo
Major League Electronic...
LBCSS-1-D MAJOR-LEAGUE-LBCSS-1-D Datasheet
112Kb / 2P
   .100 cl Dual Row Box Connector Socket Strip
logo
Power-One
TQD100YGE POWER-ONE-TQD100YGE Datasheet
118Kb / 3P
   DUAL OUTPUT, 100 WATT
logo
Adam Technologies, Inc.
DPH-1 ADAM-TECH-DPH-1 Datasheet
135Kb / 1P
   .100 PIN HEADERS DUAL INSULATOR .100 [2.54] CENTERLINE
logo
Major League Electronic...
BCSS-1-DV MAJOR-LEAGUE-BCSS-1-DV Datasheet
120Kb / 2P
   .100 cl Dual Row Box Connector Socket Strip - Vertical
logo
XFMRS Inc.
XF6006QS6 XFMRS-XF6006QS6 Datasheet
43Kb / 1P
   DUAL 10/100 BASE-TX
logo
Molex Electronics Ltd.
0010897442 MOLEX1-0010897442 Datasheet
432Kb / 4P
   2.54mm (.100") Pitch C-Grid짰 Breakaway Header, Dual Row
logo
Adam Technologies, Inc.
RS2BE-A-XX-G ADAM-TECH-RS2BE-A-XX-G Datasheet
82Kb / 1P
   100 RECEPTACLES STRIP DUAL ROW
logo
Molex Electronics Ltd.
0901512264 MOLEX10-0901512264 Datasheet
217Kb / 4P
   2.54mm (.100) Pitch C-Grid III??PC Board Connector, Dual Row, Vertical, 64 Circuits
0719730315 MOLEX8-0719730315 Datasheet
4Mb / 29P
   2.54mm (.100") Pitch C-Grid PCB Connector, Dual Row, Right Angle, Early Entry Receptacle
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com