Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AB-FT21080WD Datasheet(PDF) 3 Page - A-BRIGHT Inc

Part # AB-FT21080WD
Description  管徑 φ30mm 管長580mm 全長595mm
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  A-BRIGHT [A-BRIGHT Inc]
Direct Link  http://www.a-bright.com.tw
Logo A-BRIGHT - A-BRIGHT Inc

AB-FT21080WD Datasheet(HTML) 3 Page - A-BRIGHT Inc

  AB-FT21080WD Datasheet HTML 1Page - A-BRIGHT Inc AB-FT21080WD Datasheet HTML 2Page - A-BRIGHT Inc AB-FT21080WD Datasheet HTML 3Page - A-BRIGHT Inc AB-FT21080WD Datasheet HTML 4Page - A-BRIGHT Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Page︰3 of 4
產品料號︰
AB-FT21080WD
高亮度 LED 燈管
G13
白霧色
150g
管徑 φ30mm
管長 580mm
全長 595mm
最小値
平均值
最大値
單 位
壓 (AC)
90
---
264
V
47
---
63
Hz
---
---
0.2
A
100@50Hz
---
9.0
10.8
100@60Hz
---
9.0
10.8
W
600 (80%透光率)
流明
120
5500±500
K
40,000
時 間
存 溫
-20 ~ 50
ºC
作 溫
-10 ~ 40
ºC


Similar Part No. - AB-FT21080WD

ManufacturerPart #DatasheetDescription
logo
A-BRIGHT Inc
AB-FT21080WD A-BRIGHT-AB-FT21080WD Datasheet
128Kb / 2P
   φ30x595mm LED Fluorescent Tube Light
AB-FT21080WD A-BRIGHT-AB-FT21080WD_15 Datasheet
175Kb / 4P
   LED
More results

Similar Description - AB-FT21080WD

ManufacturerPart #DatasheetDescription
logo
A-BRIGHT Inc
AB-FT21093WC A-BRIGHT-AB-FT21093WC Datasheet
185Kb / 4P
   管徑 φ30mm 管長580mm 全長595mm
AB-FT21080SWD A-BRIGHT-AB-FT21080SWD Datasheet
175Kb / 4P
   管徑 φ30mm 管長580mm 全長595mm
AB-FT21093SWC A-BRIGHT-AB-FT21093SWC Datasheet
185Kb / 4P
   管徑 φ30mm 管長580mm 全長595mm
AB-FT10493SWC A-BRIGHT-AB-FT10493SWC Datasheet
185Kb / 4P
   管徑 φ30mm 管長330mm 全長345mm
AB-FT10480SWD A-BRIGHT-AB-FT10480SWD Datasheet
175Kb / 4P
   管徑 φ30mm 管長330mm 全長345mm
AB-FT10480WD A-BRIGHT-AB-FT10480WD Datasheet
175Kb / 4P
   管徑 φ30mm 管長330mm 全長345mm
AB-FT10493WC A-BRIGHT-AB-FT10493WC Datasheet
185Kb / 4P
   管徑 φ30mm 管長330mm 全長345mm
logo
SIFIRST TECHNOLOGIES NA...
SF1531S SIFIRST-SF1531S Datasheet
63Kb / 2P
   管-BalanceTM Current Mode PWM Controller
SF5545 SIFIRST-SF5545 Datasheet
73Kb / 2P
   管-BalanceTM Current Mode PWM Controller
SF5539 SIFIRST-SF5539 Datasheet
87Kb / 2P
   管-BalanceTM PWM Power Switch Fixed 50KHz Fsw
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com