Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DG322NRB Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # DG322NRB
Description  Safety Switches
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

DG322NRB Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  DG322NRB Datasheet HTML 1Page - List of Unclassifed Manufacturers DG322NRB Datasheet HTML 2Page - List of Unclassifed Manufacturers DG322NRB Datasheet HTML 3Page - List of Unclassifed Manufacturers DG322NRB Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
EATON CORPORATION Cutler-Hammer
6-9
Applications
FIGURE 6-2. HOUSEHOLD WORKBENCH APPLICATION
FIGURE 6-3. RESIDENTIAL GENERATOR APPLICATION WITH
MANUALLY OPERATED DOUBLE THROW SAFETY SWITCH
FIGURE 6-4. RESIDENTIAL GENERATOR APPLICATION WITH
AUTOMATIC TRANSFER SWITCH AND SERVICE ENTRANCE RATED
SAFETY SWITCH
Catalog Numbering System
TABLE 6-14. SAFETY SWITCH CATALOG NUMBERING SYSTEM
Series
K = Design (All General-Duty Switches
Above 200 Amperes and All Heavy-Duty
Switches Incorporate K-Series Switch
Design Features Listed Below)
B = Design General-Duty (30 – 100 Amperes)
H = General-Duty Double Throw Switch
(Compact Design 30 – 100 Amperes)
Fusible/Non-Fusible
or Neutral
F = Fusible without Neutral
U = Non-Fusible
N = Fusible with Neutral
NEMA Enclosure Ratings
G = NEMA 1
R = NEMA 3R
D = NEMA 12
W = NEMA 4X
Corrosion Resistant
(304 Grade Stainless Steel)
Switch Type
DP = General-Duty/Plug Fuse
DG = General-Duty/Cartridge Fuse
DH = Heavy-Duty
DT = Double Throw
Poles/Blades
1 = 1-Pole
2 = 2-Pole
3 = 3-Pole
4 = 4-Pole
Voltage
1 = 120 Vac
2 = 240 Vac
6 = 600 Vac
Amperes
1 =30
2 =60
3 = 100
4 = 200
5 = 400
6 = 600
7 = 800
8 = 1200
DG 2 2 1 N R B


Similar Part No. - DG322NRB

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
DG32240 ETC-DG32240 Datasheet
87Kb / 1P
   EXTERNAL DIMENSIONS
More results

Similar Description - DG322NRB

ManufacturerPart #DatasheetDescription
logo
Allen-Bradley
440P-MRPS11E ALLEN-BRADLEY-440P-MRPS11E Datasheet
232Kb / 6P
   Safety Limit Switches
440P-CRPS11E ALLEN-BRADLEY-440P-CRPS11E Datasheet
206Kb / 6P
   Safety Limit Switches
802T-ATPD ALLEN-BRADLEY-802T-ATPD Datasheet
168Kb / 4P
   Safety Limit Switches
440P-M18001 ALLEN-BRADLEY-440P-M18001 Datasheet
47Kb / 2P
   Safety Limit Switches
logo
List of Unclassifed Man...
HNF364 ETC2-HNF364 Datasheet
1,011Kb / 5P
   Heavy Duty Safety Switches
logo
SICK AG
I16-SA205 SICK-I16-SA205 Datasheet
387Kb / 6P
   ELECTRO-MECHANICAL SAFETY SWITCHES
TR4-SAU03P SICK-TR4-SAU03P Datasheet
462Kb / 6P
   NON-CONTACT SAFETY SWITCHES
I12-SA203 SICK-I12-SA203 Datasheet
297Kb / 7P
   ELECTRO-MECHANICAL SAFETY SWITCHES
TR4-SAM10P SICK-TR4-SAM10P Datasheet
461Kb / 6P
   NON-CONTACT SAFETY SWITCHES
STR1-SAFF0AC8 SICK-STR1-SAFF0AC8 Datasheet
459Kb / 9P
   NON-CONTACT SAFETY SWITCHES
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com