Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DGP15HE373 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # DGP15HE373
Description  Miniature Clamper/Damper Glass Passivated Plastic Rectifier
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

DGP15HE373 Datasheet(HTML) 1 Page - Vishay Siliconix

  DGP15HE373 Datasheet HTML 1Page - Vishay Siliconix DGP15HE373 Datasheet HTML 2Page - Vishay Siliconix DGP15HE373 Datasheet HTML 3Page - Vishay Siliconix DGP15HE373 Datasheet HTML 4Page - Vishay Siliconix DGP15HE373 Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
CGP15, DGP15
www.vishay.com
Vishay General Semiconductor
Revision: 11-Dec-13
1
Document Number: 88567
For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Miniature Clamper/Damper Glass Passivated Plastic Rectifier
FEATURES
• Superectifier structure
• Cavity-free glass passivated junction
• Low forward voltage drop
• Typical IR less than 0.1 μA
• High forward surge capability
• Solder dip 275 °C max. 10 s, per JESD 22-B106
• Material categorization: For definitions of compliance
please see www.vishay.com/doc?99912
TYPICAL APPLICATIONS
For use in high voltage rectification of power supplies,
inverters, converters and freewheeling diodes specially
designed
for
clamping
circuits,
horizontal
deflection
systems, and damper applications.
MECHANICAL DATA
Case: DO-204AC, molded epoxy over glass body
Molding compound meets UL 94 V-0 flammability rating
Base P/N-E3 - RoHS-compliant, commercial grade
Terminals:
Matte
tin
plated
leads,
solderable
per
J-STD-002 and JESD 22-B102
E3 suffix meets JESD 201 class 1A whisker test
Polarity: Color band denotes cathode end
PRIMARY CHARACTERISTICS
IF(AV)
1.5 A
VRRM
1400 V, 1500 V
IFSM
40 A
IR
5.0 μA
VF
1.1 V
TJ max.
175 °C
Package
DO-204AC (DO-15)
Diode variations
Single die
DO-204AC (DO-15)
SUPERECTIFIER
®
MAXIMUM RATINGS (TA = 25 °C unless otherwise noted)
PARAMETER
SYMBOL
CGP15
DGP15
UNIT
Maximum repetitive peak reverse voltage
VRRM
1400
1500
V
Maximum RMS voltage
VRMS
980
1050
V
Maximum DC blocking voltage
VDC
1400
1500
V
Maximum average forward rectified current
0.375" (9.5 mm) lead length at TA = 50 °C
IF(AV)
1.5
A
Peak forward surge current 8.3 ms single half sine-wave
superimposed on rated load
IFSM
40
A
Maximum full load reverse current, full cycle average
0.375" (9.5 mm) lead length at TA = 100 °C
IR(AV)
50
μA
Operating junction and storage temperature range
TJ, TSTG
- 65 to + 175
°C


Similar Part No. - DGP15HE373

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DGP15 VISHAY-DGP15 Datasheet
33Kb / 2P
   Miniature Clamper/Damper Glass Passivated Rectifier
03-Jan-03
DGP15 VISHAY-DGP15 Datasheet
75Kb / 4P
   Miniature Clamper/Damper Glass Passivated Rectifier
Revision: 15-Mar-11
logo
Shenzhen Taychipst Elec...
DGP15 TAYCHIPST-DGP15 Datasheet
1Mb / 2P
   Miniature Clamper/Damper Glass Passivated Rectifier
logo
Vishay Siliconix
DGP15 VISHAY-DGP15 Datasheet
75Kb / 5P
   Miniature Clamper / Damper Glass Passivated Rectifier
01-Jan-2022
More results

Similar Description - DGP15HE373

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
CGP15 VISHAY-CGP15_11 Datasheet
75Kb / 4P
   Miniature Clamper/Damper Glass Passivated Rectifier
Revision: 15-Mar-11
BY448GP VISHAY-BY448GP_V01 Datasheet
79Kb / 5P
   Miniature Clamper / Damper Glass Passivated Rectifier
01-Jan-2022
logo
Vaishali Semiconductor
CGP20 VAISH-CGP20 Datasheet
33Kb / 2P
   Miniature Clamper/Damper Glass Passivated Rectifier
logo
Shenzhen Taychipst Elec...
CGP15 TAYCHIPST-CGP15 Datasheet
1Mb / 2P
   Miniature Clamper/Damper Glass Passivated Rectifier
logo
Vishay Siliconix
CGP20 VISHAY-CGP20 Datasheet
79Kb / 4P
   Miniature Clamper/Damper Glass Passivated Rectifier
Revision: 15-Mar-11
BY448GP VISHAY-BY448GP Datasheet
80Kb / 4P
   Miniature Clamper/Damper Glass Passivated Rectifier
Revision: 15-Mar-11
CGP15 VISHAY-CGP15_V01 Datasheet
75Kb / 5P
   Miniature Clamper / Damper Glass Passivated Rectifier
01-Jan-2022
CGP15 VISHAY-CGP15 Datasheet
33Kb / 2P
   Miniature Clamper/Damper Glass Passivated Rectifier
03-Jan-03
logo
General Semiconductor
CG2 GE-CG2 Datasheet
52Kb / 2P
   MINIATURE CLAMPER / DAMPER GLASS PASSIVATED RECTIFIER
logo
Vishay Siliconix
CGP30 VISHAY-CGP30_V01 Datasheet
74Kb / 5P
   Clamper/Damper Glass Passivated Plastic Rectifier
01-Jan-2022
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com