Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

109299 Datasheet(PDF) 1 Page - ERNI Electronics

Part # 109299
Description  MiniMez Vertical Male DIP without pegs 5,4mm
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ERNI [ERNI Electronics]
Direct Link  http://www.erni.com
Logo ERNI - ERNI Electronics

109299 Datasheet(HTML) 1 Page - ERNI Electronics

  109299 Datasheet HTML 1Page - ERNI Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Interpret dimensions according to ANSI Y15.5M-1994
Masse und Toleranzen in Übereinstimmung mit ANSI Y15.5M-1994 /
9,41
5,08
tube&cap
100 mating-
cycles
Id-Nr.
tube&cap
10 mating-
cycles
Id-Nr.
tube
100 mating-
cycles
Id-Nr.
tube
10 mating-
cycles
Polzahl
no of positions Mass A Mass B
28,46
24,13
109324
109315
109306
109297
30
22,11
17,78
109323
109314
109305
109296
20
15,76
11,43
109322
109313
109304
109295
10
Id-Nr.
109330
109321
109312
109303
100
66,56
62,23
109329
109320
109311
109302
80
53,86
49,53
109328
109319
109310
109301
70
47,51
43,18
109327
109318
109309
109300
60
41,16
36,83
109326
109317
109308
109299
50
34,81
30,48
109325
109316
109307
109298
40
100
9
80
11
70
12
60
14
50
17
40
21
30
27
20
38
10
64
Polzahl
No. of positions Stück / pieces
Class
A3
prior notice.
contact one of the ERNI companies
Date
Index
MINIMEZ
without pegs 5,4mm
MiniMez Vertical Male DIP
109294
5:1
Information:
Tolerances
Scale
www.ERNI.com
before using.
in mm
I
All Dimensions
Drawing will not be updated.
Subject to modification without
Designation
All rights reserved.
Only for Information.
To ensure that this is the latest
version of this drawing, please
B
0,4
1,27
A
A
b1
a1
A
Layout
M 2 : 1
b1
a1
±0,05
1,27
B ±0,1
M 2 : 1
Verpackung Stange / Stange & Ansaughaube
packaging tube / tube&cap
SCHNITT A-A
5,65
1,27


Similar Part No. - 109299

ManufacturerPart #DatasheetDescription
logo
ERNI Electronics
109290 ERNI-109290 Datasheet
27Kb / 1P
   MiniMez Vertical Male DIP
109291 ERNI-109291 Datasheet
27Kb / 1P
   MiniMez Vertical Male DIP
109292 ERNI-109292 Datasheet
27Kb / 1P
   MiniMez Vertical Male DIP
109293 ERNI-109293 Datasheet
27Kb / 1P
   MiniMez Vertical Male DIP
logo
PHOENIX CONTACT
1092934 PHOENIX-1092934 Datasheet
630Kb / 29P
   Distribution block - PTFIX 6/18X2,5-NS35 BU LQ
Sep 8, 2022
More results

Similar Description - 109299

ManufacturerPart #DatasheetDescription
logo
ERNI Electronics
109331 ERNI-109331 Datasheet
27Kb / 1P
   MiniMez Vertical Male DIP without pegs 7,4mm
109220 ERNI-109220 Datasheet
27Kb / 1P
   MiniMez Vertical Male DIP
109257 ERNI-109257 Datasheet
27Kb / 1P
   MiniMez Vertical Male DIP
109478 ERNI-109478 Datasheet
28Kb / 1P
   MiniMez Vertical Female DIP w/o pegs 4,6mm
109515 ERNI-109515 Datasheet
35Kb / 1P
   MiniMez Vertical Female DIP without clips 12,6mm
109000 ERNI-109000 Datasheet
38Kb / 1P
   MiniMez Vertical Male SMT
109055 ERNI-109055 Datasheet
38Kb / 1P
   MiniMez Vertical Male SMT
109110 ERNI-109110 Datasheet
38Kb / 1P
   MiniMez Vertical Male SMT
109165 ERNI-109165 Datasheet
44Kb / 1P
   MiniMez Vertical Male SMT
109368 ERNI-109368 Datasheet
45Kb / 1P
   MiniMez Vertical Female SMT with pegs 4,6mm
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com