Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

109269 Datasheet(PDF) 1 Page - ERNI Electronics

Part # 109269
Description  MiniMez Vertical Male DIP
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ERNI [ERNI Electronics]
Direct Link  http://www.erni.com
Logo ERNI - ERNI Electronics

109269 Datasheet(HTML) 1 Page - ERNI Electronics

  109269 Datasheet HTML 1Page - ERNI Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Masse und Toleranzen in Übereinstimmung mit ANSI Y15.5M-1994 /
Interpret dimensions according to ANSI Y15.5M-1994
5,08
9,41
10
109258
109267
109276
109285
11,43
15,76
20
109259
109268
109277
109286
17,78
22,11
30
109260
109269
109278
109287
24,13
28,46
Mass B
Mass A
no of positions
Polzahl
cycles
10 mating-
tube
Id-Nr.
cycles
100 mating-
tube
Id-Nr.
cycles
10 mating-
tube&cap
Id-Nr.
cycles
100 mating-
tube&cap
Id-Nr.
109293
109284
109275
109266
100
66,56
62,23
109292
109283
109274
109265
80
53,86
49,53
109291
109282
109273
109264
70
47,51
43,18
109290
109281
109272
109263
60
41,16
36,83
109289
109280
109271
109262
50
34,81
30,48
109288
109279
109270
109261
40
100
9
80
11
70
12
60
14
50
17
40
21
30
27
20
38
10
64
Polzahl
No. of positions Stück / pieces
before using.
www.ERNI.com
I
Class
A3
prior notice.
contact one of the ERNI companies
Date
Index
MINIMEZ
without pegs 3,4mm
MiniMez Vertical Male DIP
109257
5:1
Subject to modification without
Designation
Tolerances
Drawing will not be updated.
Information:
in mm
All Dimensions
Scale
All rights reserved.
Only for Information.
To ensure that this is the latest
version of this drawing, please
SCHNITT A-A
5,65
1,27
Verpackung Stange / Stange & Ansaughaube
packaging tube / tube&cap
M 2 : 1
Layout
M 2 : 1
b1
a1
±0,05
1,27
B ±0,1
b1
a1
A
0,4
1,27
B
A
A


Similar Part No. - 109269

ManufacturerPart #DatasheetDescription
logo
Heyco.
10926 HEYCO-10926 Datasheet
108Kb / 1P
   Nylon PCB Supports - Stackable Self-Retaining Spacers
More results

Similar Description - 109269

ManufacturerPart #DatasheetDescription
logo
ERNI Electronics
109220 ERNI-109220 Datasheet
27Kb / 1P
   MiniMez Vertical Male DIP
109331 ERNI-109331 Datasheet
27Kb / 1P
   MiniMez Vertical Male DIP without pegs 7,4mm
109294 ERNI-109294 Datasheet
27Kb / 1P
   MiniMez Vertical Male DIP without pegs 5,4mm
109000 ERNI-109000 Datasheet
38Kb / 1P
   MiniMez Vertical Male SMT
109055 ERNI-109055 Datasheet
38Kb / 1P
   MiniMez Vertical Male SMT
109110 ERNI-109110 Datasheet
38Kb / 1P
   MiniMez Vertical Male SMT
109165 ERNI-109165 Datasheet
44Kb / 1P
   MiniMez Vertical Male SMT
109515 ERNI-109515 Datasheet
35Kb / 1P
   MiniMez Vertical Female DIP without clips 12,6mm
109478 ERNI-109478 Datasheet
28Kb / 1P
   MiniMez Vertical Female DIP w/o pegs 4,6mm
109585 ERNI-109585 Datasheet
42Kb / 1P
   MiniMez Male with Ejector DIP solder w/o clips w/o peg BM
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com