Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

109397 Datasheet(PDF) 1 Page - ERNI Electronics

Part # 109397
Description  MiniMez Vertical Female SMT with pegs 4,6mm
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ERNI [ERNI Electronics]
Direct Link  http://www.erni.com
Logo ERNI - ERNI Electronics

109397 Datasheet(HTML) 1 Page - ERNI Electronics

  109397 Datasheet HTML 1Page - ERNI Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
330
Verpackt in Gurtverpackung
Tape on Reel Packaging
Verpackungseinheit: 700 Stück
Packaging unit: 700pcs
Abspulrichtung -
Reel off Direction
Class
A3
prior notice.
contact one of the ERNI companies
Date
Index
MINIMEZ
with pegs 4,6mm
MiniMez Vertical Female SMT
109368
5:1
Information:
Tolerances
Scale
www.ERNI.com
before using.
in mm
I
All Dimensions
Drawing will not be updated.
Subject to modification without
Designation
All rights reserved.
Only for Information.
To ensure that this is the latest
version of this drawing, please
tube
10 mating-
14,43
11,43
100 mating-
cycles
cycles
Polzahl
no of positions Mass A Mass B Mass C Mass D
13,83
32
109414
109405
109396
109387
109378
109369
10
8,08
5,08
7,48
24
Tape & reel packaging is always with assembly cap.
Bei Gurtverpackung ist Ansaughaube immer montiert.
Id-Nr.
tube&cap
10 mating-
cycles
Id-Nr.
tube
100 mating-
cycles
Id-Nr.
26,53
44
109416
109407
109398
109389
109380
109371
30
20,78
17,78
20,18
44
109415
109406
109397
109388
109379
109370
20
Interpret dimensions according to ANSI Y15.5M-1994
Masse und Toleranzen in Übereinstimmung mit ANSI Y15.5M-1994 /
109422
109413
109404
109395
109386
109377
100
65,23
62,23
64,63
88
109421
109412
109403
109394
109385
109376
80
52,53
49,53
51,93
72
109420
109411
109402
109393
109384
109375
70
46,18
43,18
45,58
72
109419
109410
109401
109392
109383
109374
60
39,83
36,83
39,23
56
109418
109409
109400
109391
109382
109373
50
33,48
30,48
32,88
56
109417
109408
109399
109390
109381
109372
40
27,13
24,13
Id-Nr.
tape&reel
100 mating-
cycles
Id-Nr.
tape&reel
10 mating-
cycles
Id-Nr.
tube&cap
100
9
80
11
70
13
60
15
50
18
40
23
30
31
20
46
10
89
Polzahl
No. of positions Stück / pieces
1,27
0,48
C
0,6
a1
b1
A
B
b1
a1
Layout
M 2 : 1
1,27 ±0,05
B ±0,1
0,76 ±0,05
C ±0,1
M 2 : 1
Verpackung Stange / Stange & Ansaughaube
packaging tube / tube&cap
4,85 ±0,3
0,64


Similar Part No. - 109397

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
10939 ETC-10939 Datasheet
565Kb / 10P
   Alphanumeric and Bargraph Display Controller
Rev. 3, June 1987
logo
Heyco.
10939 HEYCO-10939 Datasheet
97Kb / 1P
   Nylon PCB Supports - Edge Holding
logo
List of Unclassifed Man...
10939P ETC-10939P Datasheet
565Kb / 10P
   Alphanumeric and Bargraph Display Controller
Rev. 3, June 1987
10939PE ETC-10939PE Datasheet
565Kb / 10P
   Alphanumeric and Bargraph Display Controller
Rev. 3, June 1987
More results

Similar Description - 109397

ManufacturerPart #DatasheetDescription
logo
ERNI Electronics
109478 ERNI-109478 Datasheet
28Kb / 1P
   MiniMez Vertical Female DIP w/o pegs 4,6mm
109423 ERNI-109423 Datasheet
50Kb / 1P
   MiniMez Vertical Female SMT with Bracket&Pegs 12,6mm
109000 ERNI-109000 Datasheet
38Kb / 1P
   MiniMez Vertical Male SMT
109055 ERNI-109055 Datasheet
38Kb / 1P
   MiniMez Vertical Male SMT
109110 ERNI-109110 Datasheet
38Kb / 1P
   MiniMez Vertical Male SMT
109165 ERNI-109165 Datasheet
44Kb / 1P
   MiniMez Vertical Male SMT
109331 ERNI-109331 Datasheet
27Kb / 1P
   MiniMez Vertical Male DIP without pegs 7,4mm
109294 ERNI-109294 Datasheet
27Kb / 1P
   MiniMez Vertical Male DIP without pegs 5,4mm
109635 ERNI-109635 Datasheet
37Kb / 1P
   MiniMez Male SMT Non-BM with Peg for female IDC
109552 ERNI-109552 Datasheet
43Kb / 1P
   MiniMez Male with Ejector SMT Blindmate
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com